Selected language     English  ▼


D-141-22 Datasheet(PDF) 1 Page - Tyco Electronics

Part No. D-141-22
Description  SolderSleeve Discrete Wire Terminators
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 1 page
background image
8
8-39
Catalog 1654025
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 12-04
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Japan: 81-44-900-5102
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Singapore: 65-4866-151
www.tycoelectronics.com
are U.S. equivalents.
to change.
C. America: 52-55-5-729-0425
UK: 44-1793-528171
Wire Termination to Pin/Post/Tab
SolderSleeve Discrete Wire Terminators
Applications
Used for terminating wires
to component terminals,
such as motor tabs, con-
nector pins, and switch
terminals.
Product selection process
1. Determine the application
operating temperature.
2. From the Product Options
table on the next page,
select the product series
appropriate for the appli-
cation, based on the tem-
perature required.
3. Determine your compo-
nent connection point
type (pin, post, or tab)
and dimensions.
4. Determine your wire
gauge.
5. Optional: Select tape
carrier center-to-center
spacing (D-71X series
only). This should match
center spacing of com-
ponent terminals.
6. Select part number from
the appropriate table:
I For CWT series
(applications with low-
temperature wires—
below 125°C [257°F]),
use Table A.
I For D-129/141/71X
series (applications with
wires rated higher than
125°C [257°F]), use
Table B.
Installation
For proper installation of
these devices, the correct
heating tool and reflector
attachment must be used.
Either of the following
Raychem heating tools are
recommended:
I HL1802E
I AA-400 Super Heater
Refer to Raychem installa-
tion procedure RCPS 200-
12 (for D-129, D-141, D-71X)
or RPIP 824-00 (for CWT)
for detailed instructions and
recommended reflector
attachment.
You will find ordering infor-
mation for these tools see
section 10.
Product Facts
I Transparent polyvinylidene
fluoride or polyolefin
insulation sleeve provides
encapsulation,
inspectability, strain relief,
and insulation
I Prefluxed solder preform
offers a controlled soldering
process
I One-piece design means
easy installation and low
installed cost
I Optional tape carrier
provides convenience and
ease of installation
I UL and CUL
Recognized
R
Available in:
Americas
I
Europe
I
Asia Pacific
I




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl