Selected language     English  ▼


D-141-30 Datasheet(PDF) 3 Page - Tyco Electronics

Part No. D-141-30
Description  SolderSleeve Discrete Wire Terminators
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 3 page
background image
8
8-41
Catalog 1654025
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 12-04
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Japan: 81-44-900-5102
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Singapore: 65-4866-151
www.tycoelectronics.com
are U.S. equivalents.
to change.
C. America: 52-55-5-729-0425
UK: 44-1793-528171
Wire Termination to Pin/Post/Tab
SolderSleeve Discrete Wire Terminators (Continued)
Wire
Tape Carrier Spacing of Sleeves (Center-to-Center)
Terminal
1.27
2.54
3.17
4.0
Dimensions
AWG
mm2
None
[0.050]
[0.100]
[0.125]
[0.156]
W = up to 0.61 [.024]
30–26
[0.05–0.15]
D-141-30
D-713-03
24–22
[0.24–0.38]
D-141-07
D-711-00
W = 0.63 [.025] to
20
[0.61]
D-141-31
D-711-04
D-711-07
D-711-08
0.81 [.032]
W = 0.76 [.030] to
24–20
[0.24–0.61]
D-141-56
1.27 [.050]
W = up to 1.52 [.060]
24–20
[0.24–0.61]
D-129-05
D-714-01
——
W = 1.27 [.050] to
24–20
[0.24–0.61]
D-129-03
D-714-00
2.28 [.090]
W = 2.28 [.090] to
24–20
[0.24–0.61]
D-129-0043
3.55 [.140]
Part
Inside Diameter
Fully
No.*
As Supplied**
Recovered†
Length††
D-110-0062
1.0 [0.040]
0.6 [0.025]
16.0 [0.630]
D-110-0217
1.0 [0.040]
0.6 [0.025]
9.0 [0.360]
D-141-13
0.75 x 1.65 [0.030 X 0.065]
0.75 [0.030]
4.7 [0.185]
D-141-22
0.75 x 1.65 [0.030 X 0.065]
0.75 [0.030]
6.0 [0.240]
D-141-30
0.75 x 1.65 [0.030 X 0.065]
0.75 [0.030]
9.5 [0.375]
Note: Micro SolderSleeve terminators are used for attaching leads smaller than 26 AWG (0.15 mm2) to terminals less
than 0.6 [.025] wide.
*The D-110 series sleeves are primarily for single wire terminations and do not have a wire stop. The D-141 series will
accept either one or two wires; the parts have a built-in wire stop that will locate the wire approximately 0.76 [0.03]
from bottom of terminal.
**Minimum. Wire insulation must be smaller than this. When using the D-141 parts for two-wire terminations, the com-
bined wire insulation diameters must be less than 1.5 [.060].
†Maximum. The combination of conductor diameter and terminal width and the wire insulation must be greater than
this.
††The terminal length should be at least 1.2 [0.05] shorter than this. The wire strip length must be adjusted so that,
when terminated, the exposed conductor is covered by the sleeve.
pin
W
post
W
tab
W
For Fine Wire Terminations
0.15 mm
2 (26 AWG) and
Smaller*
Table B. D-129/141/71X Series
(up to 150°C [302°F] rated)
Connection-point
Type and Size




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl