Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC3842AL-S08-T Datasheet(PDF) 6 Page - Unisonic Technologies

Part # UC3842AL-S08-T
Description  CURRENT MODE PWM CONTROL CIRCUITS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3842AL-S08-T Datasheet(HTML) 6 Page - Unisonic Technologies

  UC3842AL-S08-T Datasheet HTML 1Page - Unisonic Technologies UC3842AL-S08-T Datasheet HTML 2Page - Unisonic Technologies UC3842AL-S08-T Datasheet HTML 3Page - Unisonic Technologies UC3842AL-S08-T Datasheet HTML 4Page - Unisonic Technologies UC3842AL-S08-T Datasheet HTML 5Page - Unisonic Technologies UC3842AL-S08-T Datasheet HTML 6Page - Unisonic Technologies UC3842AL-S08-T Datasheet HTML 7Page - Unisonic Technologies UC3842AL-S08-T Datasheet HTML 8Page - Unisonic Technologies UC3842AL-S08-T Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
UC3842A/3843A
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 9
www.unisonic.com.tw
QW-R103-002.G
CURRENT SENSE CIRCUIT
5
3
1
2R
R1V
C
Rs
R
Is
Error Amplifier
Current Sense Comparator
Peak current (Is) determined by the formula: ISMAX=1.0V/Rs.
A small RC filter be required to suppress switch transients.
SLOPE COMPENSATION
A fraction of the oscillator ramp can be resistively summed with the current sense signal to provide slope
compensation for converts requiring duty cycles over 50%.Note that capacitor C, forms a filter with R2 to suppress
the leading edge switch spikes.
OSCILLATOR SECTION
Dead time vs. CT(RT>5kΩ)
Timing Resistance vs. Frequency


Similar Part No. - UC3842AL-S08-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UC3842AL-S08-T UTC-UC3842AL-S08-T Datasheet
96Kb / 9P
   CURRENT MODE PWM CONTROL CIRCUITS
UC3842AL-S08-T UTC-UC3842AL-S08-T Datasheet
270Kb / 9P
   CURRENT MODE PWM CONTROL CIRCUITS
logo
E-Tech Electronics LTD
UC3842AL-S08-T ETL-UC3842AL-S08-T Datasheet
308Kb / 9P
   CURRENT MODE PWM CONTROL CIRCUITS
More results

Similar Description - UC3842AL-S08-T

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
UC3842A-3843A ETL-UC3842A-3843A Datasheet
308Kb / 9P
   CURRENT MODE PWM CONTROL CIRCUITS
logo
Wuxi Youda electronics ...
YD3842 YOUDA-YD3842 Datasheet
84Kb / 4P
   CURRENT MODE PWM CONTROL CIRCUITS
logo
List of Unclassifed Man...
UTC3843D ETC-UTC3843D Datasheet
80Kb / 9P
   CURRENT MODE PWM CONTROL CIRCUITS
2006.07.11
logo
Wuxi Youda electronics ...
YD3843 YOUDA-YD3843 Datasheet
85Kb / 4P
   CURRENT MODE PWM CONTROL CIRCUITS
logo
Unisonic Technologies
UC3842A UTC-UC3842A_17 Datasheet
286Kb / 9P
   CURRENT MODE PWM CONTROL CIRCUITS
UC3842A UTC-UC3842A_11 Datasheet
270Kb / 9P
   CURRENT MODE PWM CONTROL CIRCUITS
UTCUC3842A UTC-UTCUC3842A Datasheet
114Kb / 7P
   CURRENT MODE PWM CONTROL CIRCUITS
UC3843A UTC-UC3843A_15 Datasheet
340Kb / 9P
   CURRENT MODE PWM CONTROL CIRCUITS
UC3842A UTC-UC3842A_05 Datasheet
96Kb / 9P
   CURRENT MODE PWM CONTROL CIRCUITS
logo
ON Semiconductor
CS52845 ONSEMI-CS52845 Datasheet
59Kb / 8P
   Current Mode PWM Control
December, 2001 - Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com