Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCD4015 Datasheet(PDF) 7 Page - Unisonic Technologies

Part # UCD4015
Description  CMOS Dual 4-Stage Static Shift Register
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UCD4015 Datasheet(HTML) 7 Page - Unisonic Technologies

  UCD4015 Datasheet HTML 1Page - Unisonic Technologies UCD4015 Datasheet HTML 2Page - Unisonic Technologies UCD4015 Datasheet HTML 3Page - Unisonic Technologies UCD4015 Datasheet HTML 4Page - Unisonic Technologies UCD4015 Datasheet HTML 5Page - Unisonic Technologies UCD4015 Datasheet HTML 6Page - Unisonic Technologies UCD4015 Datasheet HTML 7Page - Unisonic Technologies UCD4015 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
UCD4015
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
7 of 8
www.unisonic.com.tw
QW-R502-875.A
TEST CIRCUIT AND WAVEFORMS(Cont.)
1
2
3
4
5
6
7
89
10
11
12
13
14
15
16
500μF
0.1uF
VDD
DATA
CL
CL
CL
CL
CL
CL
ID
Fig4. Dynamic power dissipation test circuit
VSS
INPUTS
VSS
VDD
VDD
IDD
Fig5. Quiescent device current test circuit


Similar Part No. - UCD4015

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UCD4015B UTC-UCD4015B Datasheet
229Kb / 8P
   CMOS Dual 4-Stage Static Shift Register
UCD4015B UTC-UCD4015B Datasheet
230Kb / 9P
   CMOS DUAL 4-STAGE STATIC SHIFT REGISTER
UCD4015BG-D16-T UTC-UCD4015BG-D16-T Datasheet
230Kb / 9P
   CMOS DUAL 4-STAGE STATIC SHIFT REGISTER
UCD4015BG-P16-R UTC-UCD4015BG-P16-R Datasheet
229Kb / 8P
   CMOS Dual 4-Stage Static Shift Register
UCD4015BG-P16-R UTC-UCD4015BG-P16-R Datasheet
229Kb / 8P
   CMOS Dual 4-Stage Static Shift Register
More results

Similar Description - UCD4015

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UCD4015B UTC-UCD4015B Datasheet
229Kb / 8P
   CMOS Dual 4-Stage Static Shift Register
UCD4015B UTC-UCD4015B_16 Datasheet
230Kb / 9P
   CMOS DUAL 4-STAGE STATIC SHIFT REGISTER
logo
Texas Instruments
CD4015B TI-CD4015B Datasheet
521Kb / 11P
[Old version datasheet]   CMOS Dual 4-Stage Static Shift Register
logo
Unisonic Technologies
UCD4015 UTC-UCD4015_15 Datasheet
229Kb / 8P
   CMOS Dual 4-Stage Static Shift Register
UCD4015B UTC-UCD4015B_15 Datasheet
229Kb / 8P
   CMOS Dual 4-Stage Static Shift Register
logo
Texas Instruments
CD4015B TI1-CD4015B_15 Datasheet
884Kb / 15P
[Old version datasheet]   CMOS Dual 4-stage Static Shift Register
logo
KODENSHI_AUK CORP.
KK4015B KODENSHI-KK4015B Datasheet
311Kb / 6P
   Dual 4-Stage Static Shift Register
logo
System Logic Semiconduc...
SL4015B SLS-SL4015B Datasheet
39Kb / 5P
   Dual 4-Stage Static Shift Register
logo
Intersil Corporation
CD4517BMS INTERSIL-CD4517BMS Datasheet
116Kb / 9P
   CMOS Dual 64-Stage Static Shift Register
December 1992
logo
Texas Instruments
CD4517B TI-CD4517B Datasheet
245Kb / 6P
[Old version datasheet]   CMOS DUAL 64-STAGE STATIC SHIFT REGISTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com