Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AC110V Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AC110V
Description  Crescent 10 Chrome Finish Adjustable Wrench, Carded
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AC110V Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AC110V Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Catalog No. AC110V Product Detail
http://www.apexhandtools.com/brands/CF_Files/model_detail.cfm?upc=037103463043[10/24/12 1:31:41 PM]
Crescent
10" Chrome Finish Adjustable Wrench, Carded
Product Details
Catalog No.
AC110V
UPC Code
037103463043
Grip
Non-cushion
Jaw
Opening/Capacity
1 5/16 in./33 mm
Length
10 in./250 mm
Finish
Chrome
Packaging
Peg Hook/Retail
Packaging
Literature
Adjustable_Wrench.pdf
Lineart
55580511.pdf
Low Res. Image
AC110_100.jpg
High Res. Image
AC110_300.jpg
Stock Item
Normal Stock Item
Package Details (Dimensions)
Product Features:
World famous Crescent ® brand
For professional, industrial or home use
Wide capacity jaw allows each tool to work with more fastener sizes
Wider handle provides more comfort and less stress to the hand
Tension spring stabilizes jaw and knurl adjusts easily
Alloy steel and heat treated
Proportioned dimensions for greatest strength and minimum weight
Chrome plated finish resists rust and corrosion
Polished head and regular, satin finished handle


Similar Part No. - AC110V

ManufacturerPart #DatasheetDescription
logo
Nuvotem Talema
AC1100 TALEMA-AC1100 Datasheet
63Kb / 1P
   100 Amp Current Transformer
logo
List of Unclassifed Man...
AC11001 ETC2-AC11001 Datasheet
554Kb / 2P
   Wireless Technology to Control and Monitor Anything from Anywhere
logo
NXP Semiconductors
AC11013 PHILIPS-AC11013 Datasheet
132Kb / 5P
   DUAL 4 INPUT NAND SCHMITT TRIGGER
October 17 1990
AC11014 PHILIPS-AC11014 Datasheet
337Kb / 12P
   SIGNETICS
October 17 1990
More results

Similar Description - AC110V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R410CV ETC2-R410CV Datasheet
39Kb / 1P
   Crescent 10" Tongue and Groove Pliers, V-Jaw, Cushion Grip, Carded
logo
SparkFun Electronics
COM-11147 SPARKFUN-COM-11147 Datasheet
88Kb / 1P
   LED Holder - 5mm (Chrome Finish)
10/8/2015
COM-11148 SPARKFUN-COM-11148 Datasheet
89Kb / 1P
   LED Holder - 10mm (Chrome Finish)
8/4/2016
logo
Ohmite Mfg. Co.
ACD22 OHMITE-ACD22 Datasheet
610Kb / 1P
   22mm,10 turns counting dial in satin-chrome finish,for precision
logo
List of Unclassifed Man...
36941 ETC2-36941 Datasheet
269Kb / 1P
   Metric Ball End Hex Keys Chrome Finish
logo
Hammond Manufacturing L...
1427E HAMMOND-1427E Datasheet
90Kb / 1P
   Handle Material - CR Steel, Finish - Bright Chrome Plated
1427L HAMMOND-1427L Datasheet
88Kb / 1P
   Handle Material - CR Steel, Finish - Bright Chrome Plated
logo
Ohmite Mfg. Co.
ACD46 OHMITE-ACD46 Datasheet
594Kb / 1P
   46mm,15 turns counting dial in satin-chrome finish,for precision
logo
Rosenberger Hochfrequen...
64W022-001 ROSENBERGER-64W022-001 Datasheet
60Kb / 1P
   4.3-10 TORQUE WRENCH
logo
CUI INC
HSS-B20-0508H-01 CUI-HSS-B20-0508H-01 Datasheet
353Kb / 3P
   black anodized finish
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com