Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-330J Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-330J
Description  Fault Feedback, Active Miller Clamp and Auto-Fault Reset
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-330J Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPL-330J Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-330J Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-330J Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-330J Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPL-330J Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ACPL-330J Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ACPL-330J Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED ACPL-330J Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED ACPL-330J Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
10
2.00
2.25
2.50
2.75
3.00
3.25
3.50
-40
-20
0
20
40
60
80
105
TA- TEMPERATURE -
°C
2.25
2.35
2.45
2.55
2.65
15
20
25
30
VCC2 - SUPPLY VOLTAGE - V
-0.35
-0.30
-0.25
-0.20
-40
-20
0
20
40
60
80
105
TA- TEMPERATURE -
°C
6.0
6.5
7.0
7.5
-40
-20
0
20
40
60
80
105
TA- TEMPERATURE -
°C
100
150
200
250
300
-40
-20
0
20
40
60
80
105
TA- TEMPERATURE -
°C
100
150
200
250
300
15
20
25
30
VCC - SUPPLY VOLTAGE - V
t
t
PLH
PHL
t
t
PLH
PHL
ICC2H
ICC2L
ICC2H
ICC2L
Figure 7. ICC2 vs. VCC2
Figure 8. ICHG vs. temperature
Figure 9. DESAT threshold vs. temperature
Figure 10. Propagation delay vs. temperature
Figure 11. Propagation delay vs. supply voltage
Figure 6. ICC2 vs. temperature


Similar Part No. - ACPL-330J

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-331J AVAGO-ACPL-331J Datasheet
607Kb / 23P
   1.5 Amp Output Current IGBT Gate Driver Optocoupler with Integrated (VCE) Desaturation Detection
ACPL-331J-000E AVAGO-ACPL-331J-000E Datasheet
300Kb / 22P
   1.5 Amp Output Current IGBT Gate Driver Optocoupler
ACPL-331J-500E AVAGO-ACPL-331J-500E Datasheet
300Kb / 22P
   1.5 Amp Output Current IGBT Gate Driver Optocoupler with Integrated (VCE) Desaturation Detection, UVLO, Fault Status Feedback and Active Miller Clamping
ACPL-332J AVAGO-ACPL-332J Datasheet
299Kb / 23P
   2.5 Amp Output Current IGBT Gate Driver Optocoupler with Integrated (VCE) Desaturation Detection, UVLO Fault Status Feedback and Active Miller Clamping
ACPL-332J-000E AVAGO-ACPL-332J-000E Datasheet
299Kb / 23P
   2.5 Amp Output Current IGBT Gate Driver Optocoupler with Integrated (VCE) Desaturation Detection, UVLO Fault Status Feedback and Active Miller Clamping
More results

Similar Description - ACPL-330J

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGIPL35K120L1 STMICROELECTRONICS-STGIPL35K120L1 Datasheet
512Kb / 19P
   Active Miller clamp feature
February 2013 Rev 4
logo
Fairchild Semiconductor
FOD8318 FAIRCHILD-FOD8318 Datasheet
608Kb / 31P
   2.5 A Output Current, IGBT Drive Optocoupler with Active Miller Clamp, Desaturation Detection, and Isolated Fault Sensing
logo
ON Semiconductor
FOD8318 ONSEMI-FOD8318_V01 Datasheet
555Kb / 29P
   2.5 A Output Current, IGBT Drive Optocoupler with Active Miller Clamp, Desaturation Detection, and Isolated Fault Sensing
January, 2023 - Rev. 4
FOD8318 ONSEMI-FOD8318 Datasheet
497Kb / 30P
   2.5 A Output Current, IGBT Drive Optocoupler with Active Miller Clamp, Desaturation Detection, and Isolated Fault Sensing
October 2017 Rev. 2
logo
Analog Devices
ADUM4146 AD-ADUM4146_V01 Datasheet
1Mb / 17P
   11 A High Voltage Isolated Bipolar Gate Driver with Fault Detection, Miller Clamp
Rev. 0
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-331J-500E AVAGO-ACPL-331J-500E Datasheet
300Kb / 22P
   1.5 Amp Output Current IGBT Gate Driver Optocoupler with Integrated (VCE) Desaturation Detection, UVLO, Fault Status Feedback and Active Miller Clamping
ACPL-332J-000E AVAGO-ACPL-332J-000E Datasheet
299Kb / 23P
   2.5 Amp Output Current IGBT Gate Driver Optocoupler with Integrated (VCE) Desaturation Detection, UVLO Fault Status Feedback and Active Miller Clamping
ACPL-31JT AVAGO-ACPL-31JT Datasheet
510Kb / 20P
   Miller Clamp Sinking Current
logo
Texas Instruments
UCC1580-1 TI1-UCC1580-1 Datasheet
1Mb / 18P
[Old version datasheet]   Single Ended Active Clamp/Reset PWM
UCC1580 TI1-UCC1580 Datasheet
997Kb / 17P
[Old version datasheet]   Single Ended Active Clamp/Reset PWM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com