Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

122149 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # 122149
Description  TNC COAXIAL CONNECTORS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

122149 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button 122149 Datasheet HTML 4Page - List of Unclassifed Manufacturers 122149 Datasheet HTML 5Page - List of Unclassifed Manufacturers 122149 Datasheet HTML 6Page - List of Unclassifed Manufacturers 122149 Datasheet HTML 7Page - List of Unclassifed Manufacturers 122149 Datasheet HTML 8Page - List of Unclassifed Manufacturers 122149 Datasheet HTML 9Page - List of Unclassifed Manufacturers 122149 Datasheet HTML 10Page - List of Unclassifed Manufacturers 122149 Datasheet HTML 11Page - List of Unclassifed Manufacturers 122149 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
JACK CRIMP ATTACHMENTS FOR FLEXIBLE AND SEMI-RIGID CABLE
For Reverse Polarized connecters, add RP to standard part number. Contact Connex marketing for availability.
For Reverse Threaded connecters, add RT to standard part number. Contact Connex marketing for availability.
For Crimp Tool information, see page 183.
102
For Cable Group Legend, see page 97
Teflon/Captured
122122
01 Nickel
Teflon
50
A
122124
03 Nickel
Teflon
50
A
122125
03 Nickel
Teflon
75
A
122373 01A Nickel
Delrin
50
A
122412 01B Nickel
Teflon
50
A
122392 07C Nickel
Teflon
50
L
122409 07B Nickel
Delrin
50
A
122453
15 Nickel
Teflon
50
E
122418
17 Nickel
Teflon
50
.610
HEX
Cable
Crimp
P.N.
Group
Finish
Insulation Impedance Tool
STRAIGHT CRIMP JACK — STANDARD CABLE
Teflon/Captured
122130
02 Nickel
Teflon
50
A
122132
04 Nickel
Teflon
50
A
122133
04 Nickel
Teflon
75
A
122473 04A Nickel
Teflon
75
A
Cable
Crimp
P.N.
Group
Finish
Insulation Impedance Tool
STRAIGHT CRIMP JACK — PLENUM CABLE
122138
05 Nickel
Delrin
50
B
122377 05A Nickel
Delrin
50
B
122139
06 Nickel
Delrin
75
B
122449 06A Nickel
Delrin
75
B
122424
16 Nickel
Delrin
75
B
Remark: With teflon sleeve, Hex. crimp size .178"
Cable
Crimp
P.N.
Group
Finish
Insulation Impedance Tool
STRAIGHT CRIMP JACK — MINIATURE CABLE
122421
11Nickel/Gold Teflon
50
N/A
122423
10Nickel/Gold Teflon
50
N/A
Cable
Crimp
P.N.
Group
Finish
Insulation Impedance Tool
STRAIGHT CRIMP JACK — SEMI-RIGID CABLE
TNC.4
11/27/01
4:55 PM
Page 102


Similar Part No. - 122149

ManufacturerPart #DatasheetDescription
logo
3M Electronics
12214-8250-00FR 3M-12214-8250-00FR Datasheet
784Kb / 2P
   3M SHROUNK DELTA RIBBON (SDR) CONN.
logo
STEGO Elektrotechnik Gm...
12214.0-00 STEGO-12214.0-00 Datasheet
934Kb / 3P
   VARIOLINE LAMP WITH SOCKET
20.07.2022
12214.0-30 STEGO-12214.0-30 Datasheet
934Kb / 3P
   VARIOLINE LAMP WITH SOCKET
20.07.2022
More results

Similar Description - 122149

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
305W APITECH-305W Datasheet
629Kb / 2P
   SINGLE CHANNEL COAXIAL, N & TNC CONNECTORS
logo
Filtronic Compound Semi...
305 FILTRONIC-305 Datasheet
380Kb / 2P
   SINGLE CHANNEL COAXIAL, N & TNC CONNECTORS
logo
TE Connectivity Ltd
108-12001 TEC-108-12001 Datasheet
884Kb / 13P
   TNC Series Coaxial Connectors Dual Crimp Type
logo
API Technologies Corp
344F APITECH-344F Datasheet
692Kb / 2P
   ROTARY J OINTS SINGLE CHANNEL COAXIAL, N & TNC CONNECTORS
344AF APITECH-344AF Datasheet
688Kb / 2P
   ROTARY J OINTS SINGLE CHANNEL COAXIAL, N & TNC CONNECTORS
1591 APITECH-1591 Datasheet
511Kb / 1P
   TNC Connectors
logo
Amphenol Corporation
031-5684 AMPHENOL-031-5684 Datasheet
2Mb / 8P
   TNC Connectors
logo
Japan Aviation Electron...
SMB JAE-SMB Datasheet
370Kb / 9P
   COAXIAL CONNECTORS
logo
Murata Manufacturing Co...
MM8130-2600RB8 MURATA-MM8130-2600RB8 Datasheet
37Kb / 1P
   Coaxial Connectors
logo
Rosenberger Hochfrequen...
56K405-500N5 ROSENBERGER-56K405-500N5 Datasheet
82Kb / 2P
   TNC 50 PANEL JACK COAXIAL END
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com