Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V21B Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # V21B
Description  PIEZOELECTRIC ENERGY HARVESTERS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

V21B Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button V21B Datasheet HTML 7Page - List of Unclassifed Manufacturers V21B Datasheet HTML 8Page - List of Unclassifed Manufacturers V21B Datasheet HTML 9Page - List of Unclassifed Manufacturers V21B Datasheet HTML 10Page - List of Unclassifed Manufacturers V21B Datasheet HTML 11Page - List of Unclassifed Manufacturers V21B Datasheet HTML 12Page - List of Unclassifed Manufacturers V21B Datasheet HTML 13Page - List of Unclassifed Manufacturers V21B Datasheet HTML 14Page - List of Unclassifed Manufacturers V21B Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
11
REVISION N0. 002
REVISION DATE: 01-23-2013
Tuned to 110 Hz | 0 gram Tip Mass
Operating Voltage
Tuned to 65 Hz | 1 gram Tip Mass
Operating Voltage
Tuned to 50 Hz | 2.4 gram Tip Mass
Operating Voltage
Tuned to 40 Hz | 4.8 gram Tip Mass
Operating Voltage
Tip Mass (grams)
-1
0
1
2
3
4
5
6
7
89
-0.05
0
0.05
0.1
0.15
0.2
0.25
0.3
-2
0
2
4
6
8
10
12
14
-0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
-5
0
5
10
15
20
25
-0.2
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
-5
0
5
10
15
20
25
30
-0.5
0
0.5
1
1.5
2
2.5
3
0
1
2
3
45
40
50
60
70
80
90
100
110
120
130
0.250 g, Pmax=0.030 mW
0.375 g, Pmax=0.066 mW
0.500 g, Pmax=0.102 mW
1.000 g, Pmax=0.262 mW
0.250 g, Pmax=0.036 mW
0.375 g, Pmax=0.085 mW
0.500 g, Pmax=0.136 mW
1.000 g, Pmax=0.513 mW
0.250 g, Pmax=0.157 mW
0.375 g, Pmax=0.323 mW
0.500 g, Pmax=0.525 mW
1.000 g, Pmax=1.484 mW
0.250 g, Pmax=0.263 mW
0.375 g, Pmax=0.549 mW
0.500 g, Pmax=0.906 mW
1.000 g, Pmax=2.662 mW
0
110
0.25
3.95
0
110
0.375
5.35
0
110
0.5
6.6
0
110
1
12.1
1
65
0.25
8
1
65
0.375
9.9
1
65
0.5
12.4
1
65
1
22.1
2.4
50
0.25
9.8
2.4
50
0.375
13.7
2.4
50
0.5
19.1
2.4
50
1
27.5
4.8
40
0.25
13.2
4.8
40
0.375
19.2
4.8
40
0.5
25.9
4.8
40
1
44.4
Tip Mass
(gram)
Fn
(Hz)
Amplitude
(g)
Open Circuit
Voltage*
* piezo wafers connected in series
V21BL TYPICAL PERFORMANCE POWER CHARACTERISTICS
V21BL RELATION BETWEEN TIP MASS & NATURAL FREQUENCY


Similar Part No. - V21B

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
V2101PV12F00 SENSORTECHNICS-V2101PV12F00 Datasheet
253Kb / 4P
   Value squared switching solenoid valve
V2101PV12F80 SENSORTECHNICS-V2101PV12F80 Datasheet
253Kb / 4P
   Value squared switching solenoid valve
V2101PV12P00 SENSORTECHNICS-V2101PV12P00 Datasheet
253Kb / 4P
   Value squared switching solenoid valve
V2101PV12P80 SENSORTECHNICS-V2101PV12P80 Datasheet
253Kb / 4P
   Value squared switching solenoid valve
V2101PV24F00 SENSORTECHNICS-V2101PV24F00 Datasheet
253Kb / 4P
   Value squared switching solenoid valve
More results

Similar Description - V21B

ManufacturerPart #DatasheetDescription
logo
Cymbet Corporation
AN-1050 CYMBET-AN-1050 Datasheet
1Mb / 6P
   Using the EnerChip Energy Harvesters with the TI LaunchPad
logo
Linear Technology
LTC3588-1 LINER-LTC3588-1 Datasheet
389Kb / 20P
   Piezoelectric Energy Harvesting Power Supply
LTC3588-2 LINER-LTC3588-2_10 Datasheet
405Kb / 18P
   Piezoelectric Energy Harvesting Power Supply with 14V Minimum VIN
logo
Fujitsu Component Limit...
FAR-C4CG-08000-M05 FUJITSU-FAR-C4CG-08000-M05 Datasheet
200Kb / 9P
   Piezoelectric Resonator
FAR-C4SB-14746-L12-T FUJITSU-FAR-C4SB-14746-L12-T Datasheet
305Kb / 11P
   Piezoelectric Resonator
logo
Murata Manufacturing Co...
7BB-27-4L0 MURATA1-7BB-27-4L0_V01 Datasheet
197Kb / 2P
   Piezoelectric Diaphragms
12/26/2022
7BB-41-2CL0 MURATA1-7BB-41-2CL0_V01 Datasheet
200Kb / 2P
   Piezoelectric Diaphragms
12/26/2022
7BB-41-2 MURATA1-7BB-41-2_V01 Datasheet
197Kb / 2P
   Piezoelectric Diaphragms
12/26/2022
7BB-41-2C MURATA1-7BB-41-2C_V01 Datasheet
198Kb / 2P
   Piezoelectric Diaphragms
12/26/2022
logo
Amphenol Wilcoxon Sensi...
F7-1 WILCOXON-F7-1 Datasheet
202Kb / 1P
   Piezoelectric shaker
Rev.G 10/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com