Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

122154 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # 122154
Description  TNC COAXIAL CONNECTORS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

122154 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button 122154 Datasheet HTML 7Page - List of Unclassifed Manufacturers 122154 Datasheet HTML 8Page - List of Unclassifed Manufacturers 122154 Datasheet HTML 9Page - List of Unclassifed Manufacturers 122154 Datasheet HTML 10Page - List of Unclassifed Manufacturers 122154 Datasheet HTML 11Page - List of Unclassifed Manufacturers 122154 Datasheet HTML 12Page - List of Unclassifed Manufacturers 122154 Datasheet HTML 13Page - List of Unclassifed Manufacturers 122154 Datasheet HTML 14Page - List of Unclassifed Manufacturers 122154 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
122194
02 Nickel
Teflon
50
A
122196
04 Nickel
Teflon
50
A
122197
04 Nickel
Teflon
75
A
Remark: 6.0 [.236] Max. panel thickness
Cable
Crimp
P.N.
Group
Finish
Insulation Impedance Tool
BULKHEAD ISOLATED CRIMP JACK — PLENUM CABLE
122210
05 Nickel
Teflon
50
B
122211
06 Nickel
Teflon
75
B
Remark: With teflon sleeve, Hex. crimp size .178",
6.0 [.236] Max. panel thickness
Cable
Crimp
P.N.
Group
Finish
Insulation Impedance Tool
BULKHEAD ISOLATED CRIMP JACK — MINIATURE CABLE
105
BULKHEAD JACK CRIMP ATTACHMENTS FOR FLEXIBLE AND SEMI-RIGID CABLE
For Reverse Polarized connecters, add RP to standard part number. Contact Connex marketing for availability.
For Reverse Threaded connecters, add RT to standard part number. Contact Connex marketing for availability.
For Crimp Tool information, see page 183.
For Cable Group Legend, see page 97
122454
05 Nickel
Teflon
50
B
Cable
Crimp
P.N.
Group
Finish
Insulation Impedance Tool
RIGHT ANGLE BULKHEAD CRIMP JACK
TNC.4
11/27/01
4:55 PM
Page 105


Similar Part No. - 122154

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1221548 PHOENIX-1221548 Datasheet
305Kb / 25P
   Thermal transfer printer set - THERMOMARK GO SET
More results

Similar Description - 122154

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
305W APITECH-305W Datasheet
629Kb / 2P
   SINGLE CHANNEL COAXIAL, N & TNC CONNECTORS
logo
Filtronic Compound Semi...
305 FILTRONIC-305 Datasheet
380Kb / 2P
   SINGLE CHANNEL COAXIAL, N & TNC CONNECTORS
logo
TE Connectivity Ltd
108-12001 TEC-108-12001 Datasheet
884Kb / 13P
   TNC Series Coaxial Connectors Dual Crimp Type
logo
API Technologies Corp
344F APITECH-344F Datasheet
692Kb / 2P
   ROTARY J OINTS SINGLE CHANNEL COAXIAL, N & TNC CONNECTORS
344AF APITECH-344AF Datasheet
688Kb / 2P
   ROTARY J OINTS SINGLE CHANNEL COAXIAL, N & TNC CONNECTORS
1591 APITECH-1591 Datasheet
511Kb / 1P
   TNC Connectors
logo
Amphenol Corporation
031-5684 AMPHENOL-031-5684 Datasheet
2Mb / 8P
   TNC Connectors
logo
Japan Aviation Electron...
SMB JAE-SMB Datasheet
370Kb / 9P
   COAXIAL CONNECTORS
logo
Murata Manufacturing Co...
MM8130-2600RB8 MURATA-MM8130-2600RB8 Datasheet
37Kb / 1P
   Coaxial Connectors
logo
Rosenberger Hochfrequen...
56K405-500N5 ROSENBERGER-56K405-500N5 Datasheet
82Kb / 2P
   TNC 50 PANEL JACK COAXIAL END
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com