Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

122376 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # 122376
Description  TNC COAXIAL CONNECTORS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

122376 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button 122376 Datasheet HTML 2Page - List of Unclassifed Manufacturers 122376 Datasheet HTML 3Page - List of Unclassifed Manufacturers 122376 Datasheet HTML 4Page - List of Unclassifed Manufacturers 122376 Datasheet HTML 5Page - List of Unclassifed Manufacturers 122376 Datasheet HTML 6Page - List of Unclassifed Manufacturers 122376 Datasheet HTML 7Page - List of Unclassifed Manufacturers 122376 Datasheet HTML 8Page - List of Unclassifed Manufacturers 122376 Datasheet HTML 9Page - List of Unclassifed Manufacturers 122376 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
RIGHT ANGLE PLUG CRIMP ATTACHMENTS FOR FLEXIBLE AND SEMI-RIGID CABLE
For Reverse Polarized connecters, add RP to standard part number. Contact Connex marketing for availability.
For Reverse Threaded connecters, add RT to standard part number. Contact Connex marketing for availability.
For Crimp Tool information, see page 183.
100
For Cable Group Legend, see page 97
122140
01 Nickel
Delrin
50
A
122430 01A Nickel
Delrin
50
A
122142
03 Nickel
Delrin
50
A
122143
03 Nickel
Delrin
75
A
122411 01B Nickel
Delrin
50
A
122414 07B Nickel
Teflon
50
A
122416 07C Nickel
Teflon
50
L
122464
17 Nickel
Teflon
50
.610
HEX
Remark: Cable center conductor solder to pin directly
Cable
Crimp
P.N.
Group
Finish
Insulation Impedance Tool
RIGHT ANGLE CRIMP/SOLDER PLUG — STANDARD CABLE
122144
02 Nickel
Delrin
50
A
122146
04 Nickel
Delrin
50
A
122147
04 Nickel
Delrin
75
A
Remark: Cable center conductor solder to pin directly
Cable
Crimp
P.N.
Group
Finish
Insulation Impedance Tool
RIGHT ANGLE CRIMP/SOLDER PLUG — PLENUM CABLE
122148
05 Nickel
Delrin
50
B
122407 05A Nickel
Delrin
50
B
122149
06 Nickel
Delrin
75
B
122448 06A Nickel
Delrin
75
B
Remark: Cable center conductor solder to pin directly,
Hex. crimp size .178"
Cable
Crimp
P.N.
Group
Finish
Insulation Impedance Tool
RIGHT ANGLE CRIMP/SOLDER PLUG — MINIATURE CABLE
122150
01 Nickel
Delrin
50
A
122152
03 Nickel
Delrin
50
A
122153
03 Nickel
Delrin
75
A
122365 01A Nickel
Delrin
50
A
Cable
Crimp
P.N.
Group
Finish
Insulation Impedance Tool
RIGHT ANGLE CRIMP/CRIMP PLUG — STANDARD CABLE
TNC.4
11/27/01
4:55 PM
Page 100


Similar Part No. - 122376

ManufacturerPart #DatasheetDescription
logo
Heyco.
12237 HEYCO-12237 Datasheet
90Kb / 1P
   Blunt Rivets
12237 HEYCO-12237 Datasheet
90Kb / 1P
   Blunt Rivets
logo
STEGO Elektrotechnik Gm...
12237.0-00 STEGO-12237.0-00 Datasheet
934Kb / 3P
   VARIOLINE LAMP WITH SOCKET
20.07.2022
12237.0-30 STEGO-12237.0-30 Datasheet
934Kb / 3P
   VARIOLINE LAMP WITH SOCKET
20.07.2022
logo
Adels-Contact
122370M ADELS-122370M Datasheet
113Kb / 2P
   500/10 31 MDS HT
More results

Similar Description - 122376

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
305W APITECH-305W Datasheet
629Kb / 2P
   SINGLE CHANNEL COAXIAL, N & TNC CONNECTORS
logo
Filtronic Compound Semi...
305 FILTRONIC-305 Datasheet
380Kb / 2P
   SINGLE CHANNEL COAXIAL, N & TNC CONNECTORS
logo
TE Connectivity Ltd
108-12001 TEC-108-12001 Datasheet
884Kb / 13P
   TNC Series Coaxial Connectors Dual Crimp Type
logo
API Technologies Corp
344F APITECH-344F Datasheet
692Kb / 2P
   ROTARY J OINTS SINGLE CHANNEL COAXIAL, N & TNC CONNECTORS
344AF APITECH-344AF Datasheet
688Kb / 2P
   ROTARY J OINTS SINGLE CHANNEL COAXIAL, N & TNC CONNECTORS
1591 APITECH-1591 Datasheet
511Kb / 1P
   TNC Connectors
logo
Amphenol Corporation
031-5684 AMPHENOL-031-5684 Datasheet
2Mb / 8P
   TNC Connectors
logo
Japan Aviation Electron...
SMB JAE-SMB Datasheet
370Kb / 9P
   COAXIAL CONNECTORS
logo
Murata Manufacturing Co...
MM8130-2600RB8 MURATA-MM8130-2600RB8 Datasheet
37Kb / 1P
   Coaxial Connectors
logo
Rosenberger Hochfrequen...
56K405-500N5 ROSENBERGER-56K405-500N5 Datasheet
82Kb / 2P
   TNC 50 PANEL JACK COAXIAL END
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com