Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

122421 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # 122421
Description  TNC COAXIAL CONNECTORS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

122421 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  122421 Datasheet HTML 1Page - List of Unclassifed Manufacturers 122421 Datasheet HTML 2Page - List of Unclassifed Manufacturers 122421 Datasheet HTML 3Page - List of Unclassifed Manufacturers 122421 Datasheet HTML 4Page - List of Unclassifed Manufacturers 122421 Datasheet HTML 5Page - List of Unclassifed Manufacturers 122421 Datasheet HTML 6Page - List of Unclassifed Manufacturers 122421 Datasheet HTML 7Page - List of Unclassifed Manufacturers 122421 Datasheet HTML 8Page - List of Unclassifed Manufacturers 122421 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
122118
05 Nickel
Delrin
50
B
122119
06 Nickel
Delrin
75
B
122429
14 Nickel
Delrin
50
B
Remark: Hex. crimp size .128"
Cable
Crimp
P.N.
Group
Finish
Insulation Impedance Tool
STRAIGHT CRIMP PLUG — PIN-IN-PIN — MINIATURE CABLE
122120
06 Nickel
TPX
75
B
Remark: TPX Insulator/75 ohm AVAILABLE ONLY
Cable
Crimp
P.N.
Group
Finish
Insulation Impedance Tool
STRAIGHT CRIMP PLUG — MINIATURE CABLE
99
PLUG CRIMP ATTACHMENTS FOR FLEXIBLE AND SEMI-RIGID CABLE
For Reverse Polarized connecters, add RP to standard part number. Contact Connex marketing for availability.
For Reverse Threaded connecters, add RT to standard part number. Contact Connex marketing for availability.
For Crimp Tool information, see page 183.
For Cable Group Legend, see page 97
Ferrule Crimp Tool Crimped Size .128"
Tool No. 47-10150
4–Way Indent Crimp
Tool No. 47001
TNC.4
11/27/01
4:55 PM
Page 99


Similar Part No. - 122421

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
122420 AMPHENOL-122420 Datasheet
40Kb / 1P
   TNC R/A DIRECT SOLDER PLUG
logo
PHOENIX CONTACT
1224204 PHOENIX-1224204 Datasheet
380Kb / 8P
   SAC-4P-P12MR/ 1,5-PUR/P12FS SH - Sensor/actuator cable
1224208 PHOENIX-1224208 Datasheet
3Mb / 10P
   SAC-5P-P12MS/ 1,5-PUR/P12FS - Sensor/actuator cable
1224223 PHOENIX-1224223 Datasheet
2Mb / 5P
   Sensor/actuator cable - SAC-5P-P12MS/ 1,5-PUR/P12FR
01/13/2022
1224229 PHOENIX-1224229 Datasheet
2Mb / 5P
   Sensor/actuator cable - SAC-5P-P12MR/ 1,5-PUR/P12FS
01/13/2022
More results

Similar Description - 122421

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
305W APITECH-305W Datasheet
629Kb / 2P
   SINGLE CHANNEL COAXIAL, N & TNC CONNECTORS
logo
Filtronic Compound Semi...
305 FILTRONIC-305 Datasheet
380Kb / 2P
   SINGLE CHANNEL COAXIAL, N & TNC CONNECTORS
logo
TE Connectivity Ltd
108-12001 TEC-108-12001 Datasheet
884Kb / 13P
   TNC Series Coaxial Connectors Dual Crimp Type
logo
API Technologies Corp
344F APITECH-344F Datasheet
692Kb / 2P
   ROTARY J OINTS SINGLE CHANNEL COAXIAL, N & TNC CONNECTORS
344AF APITECH-344AF Datasheet
688Kb / 2P
   ROTARY J OINTS SINGLE CHANNEL COAXIAL, N & TNC CONNECTORS
1591 APITECH-1591 Datasheet
511Kb / 1P
   TNC Connectors
logo
Amphenol Corporation
031-5684 AMPHENOL-031-5684 Datasheet
2Mb / 8P
   TNC Connectors
logo
Japan Aviation Electron...
SMB JAE-SMB Datasheet
370Kb / 9P
   COAXIAL CONNECTORS
logo
Murata Manufacturing Co...
MM8130-2600RB8 MURATA-MM8130-2600RB8 Datasheet
37Kb / 1P
   Coaxial Connectors
logo
Rosenberger Hochfrequen...
56K405-500N5 ROSENBERGER-56K405-500N5 Datasheet
82Kb / 2P
   TNC 50 PANEL JACK COAXIAL END
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com