Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR745 Datasheet(PDF) 2 Page - Digitron Semiconductors

Part # MBR745
Description  15A SCHOTTKY RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

MBR745 Datasheet(HTML) 2 Page - Digitron Semiconductors

  MBR745 Datasheet HTML 1Page - Digitron Semiconductors MBR745 Datasheet HTML 2Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
Available Non-RoHS (standard) or RoHS compliant (add PBF suffix).
Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number.
fax +1.908.245-0555
sales@digitroncorp.com
www.digitroncorp.com
Rev. 20121204


Similar Part No. - MBR745

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MBR745 FAIRCHILD-MBR745 Datasheet
35Kb / 3P
   7.5 Ampere Schottky Barrier Rectifiers
logo
Zibo Seno Electronic En...
MBR745 ZSELEC-MBR745 Datasheet
186Kb / 2P
   7 .0 A SCHOTTKY BARRIER DIODE
logo
Shanghai Lunsure Electr...
MBR745 CHENYI-MBR745 Datasheet
72Kb / 2P
   7.5Amp schottky barrier rectifier 20to60volts
logo
Nell Semiconductor Co.,...
MBR745 NELLSEMI-MBR745 Datasheet
245Kb / 5P
   Schottky Rectifier, 7.5 A
logo
Diodes Incorporated
MBR745 DIODES-MBR745 Datasheet
65Kb / 2P
   7.5A SCHOTTKY BARRIER RECTIFIER
DS23007 Rev. 7 - 2
More results

Similar Description - MBR745

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
F15S45-THRU-F15S50 FRONTIER-F15S45-THRU-F15S50 Datasheet
500Kb / 2P
   15A SCHOTTKY BARRIER RECTIFIERS
logo
Shindengen Electric Mfg...
D15SCA4M SHINDENGEN-D15SCA4M Datasheet
689Kb / 11P
   Schottky Rectifiers (SBD) (40V 15A)
DF15SC4M SHINDENGEN-DF15SC4M Datasheet
531Kb / 10P
   Schottky Rectifiers (SBD) (40V 15A)
logo
Nanjing International G...
SR1560L-15A-277 DGNJDZ-SR1560L-15A-277 Datasheet
338Kb / 2P
   15A Surface Mount Schottky Barrier Rectifiers
SR1545L DGNJDZ-SR1545L Datasheet
20Mb / 2P
   15A Surface Mount Schottky Barrier Rectifiers
logo
Mospec Semiconductor
S15A30 MOSPEC-S15A30 Datasheet
235Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(15A,30-60V)
logo
Nanjing International G...
SR1580L-15A-TO-277 DGNJDZ-SR1580L-15A-TO-277 Datasheet
338Kb / 2P
   15A Surface Mount Schottky Barrier Rectifiers
logo
Mospec Semiconductor
S15D30 MOSPEC-S15D30 Datasheet
227Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(15A,70-100V)
logo
Nanjing International G...
SR1545L-15A-TO-277 DGNJDZ-SR1545L-15A-TO-277 Datasheet
338Kb / 2P
   15A Surface Mount Schottky Barrier Rectifiers
SR1580L-15A-277 DGNJDZ-SR1580L-15A-277 Datasheet
338Kb / 2P
   15A Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com