Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAC3010 Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # MAC3010
Description  SILICON BIDIRECTIONAL THYRISTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

MAC3010 Datasheet(HTML) 1 Page - Digitron Semiconductors

  MAC3010 Datasheet HTML 1Page - Digitron Semiconductors MAC3010 Datasheet HTML 2Page - Digitron Semiconductors MAC3010 Datasheet HTML 3Page - Digitron Semiconductors MAC3010 Datasheet HTML 4Page - Digitron Semiconductors MAC3010 Datasheet HTML 5Page - Digitron Semiconductors MAC3010 Datasheet HTML 6Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
MAC3010 SERIES
SILICON BIDIRECTIONAL THYRISTORS
MAC3020 SERIES
MAC3030 SERIES
MAC3040 SERIES
Available Non-RoHS (standard) or RoHS compliant (add PBF suffix).
Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number.
MAXIMUM RATINGS (TC = 25°C unless otherwise noted)
Current Ratings
Rating
Symbol
-4
-8
-15
-25
-40
-401
Unit
RMS on-state current (full sine wave, 50 to 60Hz)
IT(RMS)
4.0
8.0
15
25
40
40
Amps
Peak non-repetitive surge current
(1 cycle, 60 Hz, TC = 110°C)
ITSM
30
80
150
250
300
300
Amps
Circuit fusing considerations
(TJ = -40 to +110°C, t = 8.3ms)
I2t
3.6
26
90
260
370
370
A2s
Peak gate voltage (t ≤ 2.0µs)
VGM
±5
±10
±10
±10
±10
±10
Volts
Peak gate power (t ≤ 2.0µs)
PGM
10
20
20
20
20
20
Watts
Peak gate current (t ≤ 2.0µs)
IGM
11
12
12
12
12
12
Amps
Average gate power
(TC = 80°C, t = 8.3ms)
PG(AV)
0.5
Watts
Operating junction temperature range
TJ
-40 to
+100
-40 to +125
-40 to +100
°C
Storage temperature range
Tstg
-40 to +150
°C
Mounting torque
-
6.0
8.0
8.0
8.0
30
30
In. lb.
Peak repetitive forward voltage
MAC3010/MAC3030
MAC3020/MAC3040
VDRM
250
400
250
400
250
400
250
400
250
400
250
400
Volts
Note 1: VDRM for all types can be applied on a continuous basis. Blocking voltage shall not be tested with a constant current source such that the voltage ratings of the devices are exceeded.
THERMAL CHARACTERISTICS
Current Ratings
Characteristic
Symbol
-4
-8
-15
-25
-40
-401
Unit
Thermal resistance, junction to case
R
ӨJC
3.5
2.2
2.0
1.2
0.9
0.9
°C/W
Thermal resistance, junction to ambient
R
ӨJA
75
60
60
60
1.0
1.0
°C/W
ELECTRICAL CHARACTERISTICS (TC = 25°C and either polarity of MT2 to MT1 voltage unless otherwise noted)
Characteristic
Symbol
Min
Typ.
Max
Unit
-4 CURRENT RATING
Peak blocking current (2)
(Rated VDRM @ TJ = 110°C)
IDRM
-
-
2.0
mA
Peak on-state voltage (either direction)
(ITM = 6A peak, pulse width ≤ 2 ms, duty cycle ≤ 2%)
VTM
-
-
2.0
Volts
Gate trigger current (continuous dc)
(VD = 12V, RL = 100Ω)
MT2(+),G(+); MT2(-),G(-)
IGT
-
-
30
mA
Gate trigger voltage (continuous dc)
(VD = 12V, RL = 100Ω)
MT2(+),G(+); MT2(-),G(-)
(RL = 10kΩ, TJ = 110°C)
MT2(+),G(+); MT2(-),G(-)
VGT
-
0.2
-
-
2.0
-
Volts
Holding current
(VD = 12V, ITM = 200mA, gate open)
IH
-
-
40
mA
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20130205


Similar Part No. - MAC3010

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MAC3010 MOTOROLA-MAC3010 Datasheet
165Kb / 5P
   Silicon Bidirectional Thyristors
logo
New Jersey Semi-Conduct...
MAC3010 NJSEMI-MAC3010 Datasheet
111Kb / 2P
   Trlacs Silicon Bidirectional Thyrlstors
More results

Similar Description - MAC3010

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N6344 ONSEMI-2N6344 Datasheet
87Kb / 8P
   Silicon Bidirectional Thyristors
March, 2000 ??Rev. 1
MAC223A6 ONSEMI-MAC223A6 Datasheet
162Kb / 5P
   Silicon Bidirectional Thyristors
August, 2006 ??Rev. 2
logo
Kersemi Electronic Co.,...
MAC4DSM KERSEMI-MAC4DSM Datasheet
466Kb / 8P
   Silicon Bidirectional Thyristors
logo
ON Semiconductor
BTA30-600CW3G ONSEMI-BTA30-600CW3G Datasheet
109Kb / 6P
   Silicon Bidirectional Thyristors
March, 2009 ??Rev. 0
logo
Digitron Semiconductors
MAC223 DIGITRON-MAC223 Datasheet
173Kb / 3P
   SILICON BIDIRECTIONAL THYRISTORS
MAC210 DIGITRON-MAC210 Datasheet
208Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
logo
New Jersey Semi-Conduct...
2N6342A NJSEMI-2N6342A Datasheet
167Kb / 1P
   SILICON BIDIRECTIONAL THYRISTORS
logo
Digitron Semiconductors
BTC05 DIGITRON-BTC05 Datasheet
427Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
MAC321 DIGITRON-MAC321 Datasheet
207Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
MAC320 DIGITRON-MAC320 Datasheet
206Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
MAC213 DIGITRON-MAC213 Datasheet
228Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com