Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

122179 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # 122179
Description  TNC COAXIAL CONNECTORS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

122179 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button 122179 Datasheet HTML 6Page - List of Unclassifed Manufacturers 122179 Datasheet HTML 7Page - List of Unclassifed Manufacturers 122179 Datasheet HTML 8Page - List of Unclassifed Manufacturers 122179 Datasheet HTML 9Page - List of Unclassifed Manufacturers 122179 Datasheet HTML 10Page - List of Unclassifed Manufacturers 122179 Datasheet HTML 11Page - List of Unclassifed Manufacturers 122179 Datasheet HTML 12Page - List of Unclassifed Manufacturers 122179 Datasheet HTML 13Page - List of Unclassifed Manufacturers 122179 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
122401 10 Nickel/Gold Teflon
50
N/A
122400 11 Nickel/Gold Teflon
50
N/A
122463 11 Nickel/Gold Teflon
75
N/A
FRONT MOUNT
Cable
Crimp
P.N.
Group
Finish
Insulation Impedance Tool
BULKHEAD SOLDER JACK — SEMI-RIGID CABLE — REAR MOUNT
122406 10 Nickel/Gold Teflon
50
N/A
122469 10 Nickel/Gold Teflon
50
N/A
FRONT MOUNT
Cable
Crimp
P.N.
Group
Finish
Insulation Impedance Tool
BULKHEAD SOLDER JACK — SEMI-RIGID CABLE — FRONT MOUNT
122192
05 Nickel
Delrin
50
B
122428
05 Nickel
Teflon
50
B
FOR 6.5 [.256] PANEL
122358 05A Nickel
Delrin
50
B
122193
06 Nickel
Delrin
75
B
122450 06A Nickel
Delrin
75
B
122370
14 Nickel
Delrin
50
B
122403
14 Nickel
Delrin
50
B
FOR 6.5 [.256] PANEL
122441
16 Nickel
Teflon
75
B
Remark: With teflon sleeve, Hex. crimp size .178",
3.5 [.138] Max. panel thickness
Cable
Crimp
P.N.
Group
Finish
Insulation Impedance Tool
BULKHEAD CRIMP JACK — MINIATURE CABLE
BULKHEAD JACK CRIMP ATTACHMENTS FOR FLEXIBLE AND SEMI-RIGID CABLE
For Reverse Polarized connecters, add RP to standard part number. Contact Connex marketing for availability.
For Reverse Threaded connecters, add RT to standard part number. Contact Connex marketing for availability.
For Crimp Tool information, see page 183.
104
For Cable Group Legend, see page 97
122202
01 Nickel
Teflon
50
A
122204
03 Nickel
Teflon
50
A
122205
03 Nickel
Teflon
75
A
Remark: 6.0 [.236] Max. panel thickness
Cable
Crimp
P.N.
Group
Finish
Insulation Impedance Tool
BULKHEAD ISOLATED CRIMP JACK — STANDARD CABLE
122469
TNC.4
11/27/01
4:55 PM
Page 104


Similar Part No. - 122179

ManufacturerPart #DatasheetDescription
logo
STEGO Elektrotechnik Gm...
12217.0-00 STEGO-12217.0-00 Datasheet
934Kb / 3P
   VARIOLINE LAMP WITH SOCKET
20.07.2022
12217.0-30 STEGO-12217.0-30 Datasheet
934Kb / 3P
   VARIOLINE LAMP WITH SOCKET
20.07.2022
logo
PHOENIX CONTACT
1221706 PHOENIX-1221706 Datasheet
1Mb / 12P
   Router - CLOUD CLIENT 1101T-TX/TX
Dec 2, 2022
More results

Similar Description - 122179

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
305W APITECH-305W Datasheet
629Kb / 2P
   SINGLE CHANNEL COAXIAL, N & TNC CONNECTORS
logo
Filtronic Compound Semi...
305 FILTRONIC-305 Datasheet
380Kb / 2P
   SINGLE CHANNEL COAXIAL, N & TNC CONNECTORS
logo
TE Connectivity Ltd
108-12001 TEC-108-12001 Datasheet
884Kb / 13P
   TNC Series Coaxial Connectors Dual Crimp Type
logo
API Technologies Corp
344F APITECH-344F Datasheet
692Kb / 2P
   ROTARY J OINTS SINGLE CHANNEL COAXIAL, N & TNC CONNECTORS
344AF APITECH-344AF Datasheet
688Kb / 2P
   ROTARY J OINTS SINGLE CHANNEL COAXIAL, N & TNC CONNECTORS
1591 APITECH-1591 Datasheet
511Kb / 1P
   TNC Connectors
logo
Amphenol Corporation
031-5684 AMPHENOL-031-5684 Datasheet
2Mb / 8P
   TNC Connectors
logo
Japan Aviation Electron...
SMB JAE-SMB Datasheet
370Kb / 9P
   COAXIAL CONNECTORS
logo
Murata Manufacturing Co...
MM8130-2600RB8 MURATA-MM8130-2600RB8 Datasheet
37Kb / 1P
   Coaxial Connectors
logo
Rosenberger Hochfrequen...
56K405-500N5 ROSENBERGER-56K405-500N5 Datasheet
82Kb / 2P
   TNC 50 PANEL JACK COAXIAL END
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com