Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBU8M Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # KBU8M
Description  SINGLE PHASE BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

KBU8M Datasheet(HTML) 1 Page - Digitron Semiconductors

  KBU8M Datasheet HTML 1Page - Digitron Semiconductors KBU8M Datasheet HTML 2Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
KBU8A-KBU8M
SINGLE PHASE BRIDGE RECTIFIER
Available Non-RoHS (standard) or RoHS compliant (add PBF suffix).
Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number.
MAXIMUM RATINGS (@ 25°C ambient temperature unless otherwise noted)
Rating
Symbol
KBU8A
KBU8B
KBU8D
KBU8G
KBU8J
KBU8K
KBU8M
Unit
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
800
1000
Volts
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
Volts
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
Volts
Maximum average forward output rectified
current at
TC = 100°C (1)(3)
TA = 40°C(2)
IF(AV)
8.0
6.0
Amps
Peak forward surge current single sine
wave superimposed on rated load
IFSM
300
Amps
Operating and storage temperature range
TJ, Tstg
-50 to +150
°C
Typical thermal characteristics
R
ӨJA
R
ӨJC
18(2)
3.0(3)
°C/W
Note 1: Recommended mounting position is to bolt down on heatsink with silicone thermal compound for maximum heat transfer with #6 screw.
Note 2: Thermal resistance from junction to ambient with units mounted in free air, no heatsink, PCB at 0.375” lead length and 0.5 x 0.5” copper pads.
Note 3: Thermal resistance from junction to case with units mounted on 3.0 x 3.0 x 0.11” thick aluminum plate heatsink.
ELECTRICAL CHARACTERISTICS (@ 25°C ambient temperature unless otherwise noted)
Characteristic
Symbol
KBU8A
KBU8B
KBU8D
KBU8G
KBU8J
KBU8K
KBU8M
Units
Maximum instantaneous forward drop per
diode @ 8.0A
VF
1.0
Volts
Maximum DC reverse current at rated DC
blocking voltage per diode
TA = 25°C
TA = 125°C
IR
10
1.0
µA
mA
MECHANICAL CHARACTERISTICS
Case
Digi P
Marking
Body painted, alpha-numeric
Pin out
See below
Digi P
Inches
Millimeters
Min
Max
Min
Max
A
0.895
0.935
22.700
23.700
B
-
0.760
-
19.300
C
0.660
0.700
16.800
17.800
D
0.165
0.185
4.200
4.700
F
0.065
0.085
1.700
2.200
G
0.405
0.455
10.300
11.300
H
1.000
-
25.400
-
J
0.200
0.2400
5.080
6.090
K
0.048
0.052
1.200
1.300
L
0.180
0.220
4.600
5.600
M
0.260
0.280
6.600
7.100
N
0.185
0.205
4.700
5.200
P
0.140
0.160
3.600
4.100
fax +1.908.245-0555
sales@digitroncorp.com
www.digitroncorp.com
Rev. 20130128


Similar Part No. - KBU8M

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
KBU8M GENESIC-KBU8M Datasheet
299Kb / 3P
   Single Phase Silicon Bridge Rectifier
logo
Semtech Corporation
KBU8M SEMTECH-KBU8M Datasheet
159Kb / 2P
   4.0A/6.0A/8.0A SINGLE - PHASE SILICON BRIDGE?
logo
MIC GROUP RECTIFIERS
KBU8M MIC-KBU8M Datasheet
113Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
KBU8M VISHAY-KBU8M Datasheet
82Kb / 4P
   Single-Phase Bridge Rectifier
Revision: 08-Jul-13
logo
New Jersey Semi-Conduct...
KBU8M NJSEMI-KBU8M Datasheet
88Kb / 1P
   SINGLE-PHASE SILICON BRIDGE
More results

Similar Description - KBU8M

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
General Semiconductor
KBU4A GE-KBU4A Datasheet
83Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
logo
IXYS Corporation
VBO25 IXYS-VBO25 Datasheet
87Kb / 2P
   Single Phase Rectifier Bridge
VBO55 IXYS-VBO55 Datasheet
57Kb / 1P
   Single Phase Rectifier Bridge
VBO13 IXYS-VBO13 Datasheet
84Kb / 2P
   Single Phase Rectifier Bridge
logo
Microsemi Corporation
1N4436 MICROSEMI-1N4436 Datasheet
111Kb / 3P
   Single Phase Bridge Rectifier
logo
Shenzhen Ping Sheng Ele...
W005M PFS-W005M Datasheet
222Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
BR1005 PFS-BR1005 Datasheet
228Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
MB1505 PFS-MB1505 Datasheet
223Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
KBPC8005 PFS-KBPC8005 Datasheet
227Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
KBPC2505N PFS-KBPC2505N Datasheet
271Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com