Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4053L-P16-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 4053L-P16-R
Description  TRIPLE 2-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

4053L-P16-R Datasheet(HTML) 4 Page - Unisonic Technologies

  4053L-P16-R Datasheet HTML 1Page - Unisonic Technologies 4053L-P16-R Datasheet HTML 2Page - Unisonic Technologies 4053L-P16-R Datasheet HTML 3Page - Unisonic Technologies 4053L-P16-R Datasheet HTML 4Page - Unisonic Technologies 4053L-P16-R Datasheet HTML 5Page - Unisonic Technologies 4053L-P16-R Datasheet HTML 6Page - Unisonic Technologies 4053L-P16-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4053
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 7
www.unisonic.com.tw
QW-R502-036.D
DYNAMIC ELECTRICAL CHARACTERISTICS
(CL = 50pF, TA=25°C, VEE≦VSS, unless otherwise specified)
PARAMETER
SYMBOL
VDD-VEE
VDC
TEST CONDITIONS
MIN
TYP
MAX UNIT
Propagation Delay Times
Switch Input to Switch
Output (RL = 10 kΩ)
tPLH, tPHL
5
tPLH, tPHL =(0.17 ns/pF)CL + 16.5ns
25
65
ns
10
tPLH, tPHL =(0.08 ns/pF)CL + 4.0ns
8.0
20
ns
15
tPLH, tPHL =(0.06 ns/pF)CL + 3.0ns
6.0
15
ns
Inhibit to Output
tPHZ, tPLZ
tPZH, tPZL
5
(RL=10kΩ, VEE=VSS), Output “1” or
“0” to High Impedance, or High
Impedance to “1” or “0” Level
275
550
ns
10
140
280
ns
15
110
220
ns
Control Input to Output
tPLH, tPHL
5
RL = 10kΩ, VEE = VSS
300
600
ns
10
120
240
ns
15
80
160
ns
Total Harmonic Distortion
THD
10
RL = 10KΩ, f = 1 kHz, VIN = 5 VPP
0.07
%
Bandwidth
BW
10
RL=1kΩ, VIN= 1/2(VDD-VEE) p-p,
CL =50pF, 20 Log (VOUT/VIN)= -3dB)
17
MHz
Off Channel Feedthrough
Attenuation
10
RL=1KΩ, VIN = 1/2(VDD-VEE) p-p
fIN = 55MHz
-50
dB
Channel Separation
10
RL = 1kΩ, VIN = 1/2 VDD-VEE)p-p
fIN = 3MHz
-50
dB
Crosstalk, Control Input to
Common O/I
10
R1 = 1kΩ, RL = 10kΩ Control
tTLH = tTHL = 20ns, Inhibit = VSS
75
mV
Note: 1. Data of “TYP” is intended as an indication of the IC’s potential performance.
2. For voltage drops across the switch(ΔVSW)>600mV (>300mV at high temperature), excessive VDD current
may be drawn, i.e. the current out of the switch may contain both VDD and switch input components. The
reliability of the device will be unaffected unless the Maximum Ratings are exceeded.


Similar Part No. - 4053L-P16-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
4053L-P16-R UTC-4053L-P16-R Datasheet
197Kb / 7P
   TRIPLE 2-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
More results

Similar Description - 4053L-P16-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
4053 UTC-4053_12 Datasheet
197Kb / 7P
   TRIPLE 2-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Texas Instruments
SN54LV4053A TI-SN54LV4053A_07 Datasheet
820Kb / 22P
[Old version datasheet]   TRIPLE 2-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SN54LV4053A TI-SN54LV4053A Datasheet
558Kb / 20P
[Old version datasheet]   TRIPLE 2-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SN54LV4053A TI1-SN54LV4053A_15 Datasheet
1Mb / 27P
[Old version datasheet]   TRIPLE 2-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Renesas Technology Corp
HD74HC4052 RENESAS-HD74HC4052_15 Datasheet
163Kb / 14P
   Dual 4-channel Analog Multiplexers/Demultiplexers Triple 2-channel Analog Multiplexers/Demultiplexers
logo
Hitachi Semiconductor
HD74HC4052 HITACHI-HD74HC4052 Datasheet
82Kb / 16P
   Dual 4-channel, Triple 2-channel Analog Multiplexers/Demultiplexers/
logo
ON Semiconductor
MC14067B ONSEMI-MC14067B_11 Datasheet
134Kb / 9P
   Analog Multiplexers/Demultiplexers
June, 2011 ??Rev. 7
MC74VHC4051 ONSEMI-MC74VHC4051_14 Datasheet
159Kb / 16P
   Analog Multiplexers / Demultiplexers
September, 2014 ??Rev. 7
MC14067B ONSEMI-MC14067B_05 Datasheet
124Kb / 10P
   Analog Multiplexers / Demultiplexers
February, 2005 ??Rev. 5
logo
Unisonic Technologies
4051 UTC-4051_12 Datasheet
260Kb / 6P
   8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com