Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1274568-2 Datasheet(PDF) 4 Page - Tyco Electronics

Part # 1274568-2
Description  Mini BNC Connectors, 75 Ohm
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1274568-2 Datasheet(HTML) 4 Page - Tyco Electronics

  1274568-2 Datasheet HTML 1Page - Tyco Electronics 1274568-2 Datasheet HTML 2Page - Tyco Electronics 1274568-2 Datasheet HTML 3Page - Tyco Electronics 1274568-2 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
81
Catalog 1307191
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 3-07
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are standard equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
RF Coax Connectors
Mini BNC Connectors, 75 Ohm (Continued)
Printed Circuit Board
Straight Jack Receptacle
Right-Angle Jack Receptacle
Right-Angle Bulkhead Jack
Receptacle
2 Position, Right-Angle,
Bulkhead Jack Receptacle
Part Number
1274571-1
Part Number
1274572-1
Part Number
1274584-1
Description
Part Number
With
Hardware
1274663-2
Without
Hardware
1274684-1
13.59
[.535]
2.54
[.100]
12.70
[.500]
9.50
[.374]
24.10
[.949]
7.65
[.301]
24.21
[.953]
Ø 1.27
[.050]
Typ.
Ø 7.49
[.295]
Typ.
0.51
[.020]
Typ.
7.54
[.297]
Sq.
0.76
[.030]
Sq.
Typ.
Ø 0.97
[.038]
15.44
[.608]
3.99
[.157]
Typ.
15.37
[.605]
10.62
[.418]
6.58
[.259]
3.99
[.157]
Ø 0.97
[.038]
Typ.
7.54
[.297]
Sq.
0.76
[.030]
Typ.
Sq.
22.45
[.884]
3.99
[.157]
Ø 0.97
[.038]
Ø 10.92
[.430]
Typ.
4.69
[.185]
3.81
[.150]
3/8 - 32 UNEF-2A
8.53
[.336]
8.48
[.334]
0.76
[.030]
Sq. Typ.
7.54
[.297]
Note: Part Numbers are RoHS compliant except:
Indicates non-RoHS compliant.
3.94
[.155]
Typ.


Similar Part No. - 1274568-2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1274 ETC-1274 Datasheet
105Kb / 1P
   Heyco짰 Original Strain Relief Bushings
logo
Alpha Wire
1274 ALPHAWIRE-1274 Datasheet
98Kb / 4P
   Customer Specification
8/30/2022
1274 ALPHAWIRE-1274 Datasheet
97Kb / 4P
   Customer SpecificationS
12/2/2022
logo
Heyco.
1274 HEYCO-1274 Datasheet
104Kb / 1P
   Original Strain Relief Bushings
logo
Festo Corporation.
12740 FESTO-12740 Datasheet
82Kb / 1P
   Pneumatic muffler
More results

Similar Description - 1274568-2

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
73171 MOLEX2-73171 Datasheet
423Kb / 2P
   BNC 75 Ohm Connectors
logo
Tyco Electronics
5414459-1 MACOM-5414459-1 Datasheet
960Kb / 34P
   BNC Connectors (50 ohm/75 ohm)
logo
Pasternack Enterprises,...
PE34703 PASTERNACK-PE34703 Datasheet
392Kb / 3P
   75 Ohm Mini SMB Plug to 75 Ohm BNC Male
PE34703LF PASTERNACK-PE34703LF Datasheet
398Kb / 3P
   75 Ohm Mini SMB Plug to 75 Ohm BNC Male
PE34703-36 PASTERNACK-PE34703-36 Datasheet
394Kb / 3P
   75 Ohm Mini SMB Plug to 75 Ohm BNC Male Cable
PE34703-48 PASTERNACK-PE34703-48 Datasheet
394Kb / 3P
   75 Ohm Mini SMB Plug to 75 Ohm BNC Male Cable
PE34703LF-24 PASTERNACK-PE34703LF-24 Datasheet
399Kb / 3P
   75 Ohm Mini SMB Plug to 75 Ohm BNC Male Cable
PE34703LF-48 PASTERNACK-PE34703LF-48 Datasheet
400Kb / 3P
   75 Ohm Mini SMB Plug to 75 Ohm BNC Male Cable
PE34703-12 PASTERNACK-PE34703-12 Datasheet
394Kb / 3P
   75 Ohm Mini SMB Plug to 75 Ohm BNC Male Cable
PE34703-24 PASTERNACK-PE34703-24 Datasheet
394Kb / 3P
   75 Ohm Mini SMB Plug to 75 Ohm BNC Male Cable
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com