Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM7372 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM7372
Description  LM7372 High Speed, High Output Current, Dual Operational Amplifier
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM7372 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM7372_14 Datasheet HTML 1Page - National Semiconductor (TI) LM7372_14 Datasheet HTML 2Page - National Semiconductor (TI) LM7372_14 Datasheet HTML 3Page - National Semiconductor (TI) LM7372_14 Datasheet HTML 4Page - National Semiconductor (TI) LM7372_14 Datasheet HTML 5Page - National Semiconductor (TI) LM7372_14 Datasheet HTML 6Page - National Semiconductor (TI) LM7372_14 Datasheet HTML 7Page - National Semiconductor (TI) LM7372_14 Datasheet HTML 8Page - National Semiconductor (TI) LM7372_14 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
+
-
+ VIN
R7
2k
1:1
R6
2k
Twisted
Pair Line
R5
2k
100
1/2
LM7372
+
-
R9
50
R8
50
C7
20uF
C6
0.1uF
+
1/2
LM7372
VCC
VCC
C1
0.1uF
R3
5.1k
R4
5.1k
R1
10.2k
R2
10.2k
C3
47uF
+
3
5
4
14
13
12
11
6
C2
0.1uF
- VIN
LM7372
www.ti.com
SNOS926E – MAY 1999 – REVISED MARCH 2013
LM7372 High Speed, High Output Current, Dual Operational Amplifier
Check for Samples: LM7372
1
FEATURES
DESCRIPTION
The LM7372 is a high speed dual voltage feedback
23
−80dBc Highest Harmonic Distortion @1MHz,
amplifier that has the slewing characteristic of current
2VPP
feedback amplifiers; yet it can be used in all
Very High Slew Rate: 3000V/µs
traditional voltage feedback amplifier configurations.
Wide Gain Bandwidth Product: 120MHz
The LM7372 is stable for gains as low as +2 or
−1. It
−3dB Frequency @ AV = +2: 200MHz
provides a very high slew rate at 3000V/µs and a
wide gain bandwidth product of 120MHz, while
Low Supply Current: 13mA (both amplifiers)
consuming only 6.5mA/per amplifier of supply current.
High Open Loop Gain: 85dB
It is ideal for video and high speed signal processing
High Output Current: 150mA
applications such as xDSL and pulse amplifiers. With
Differential Gain and Phase: 0.01%, 0.02°
150mA output current, the LM7372 can be used for
video distribution, as a transformer driver or as a
laser diode driver.
APPLICATIONS
Operation on ±15V power supplies allows for large
HDSL and ADSL Drivers
signal swings and provides greater dynamic range
Multimedia Broadcast Systems
and signal-to-noise ratio. The LM7372 offers high
Professional Video Cameras
SFDR and low THD, ideal for ADC/DAC systems. In
CATV/Fiber Optics Signal Processing
addition, the LM7372 is specified for ±5V operation
for portable applications.
Pulse Amplifiers and Peak Detectors
The LM7372 is built on TI's Advance VIP™ III
HDTV Amplifiers
(Vertically integrated PNP) complementary bipolar
process.
Typical Application
Figure 1. Single Supply Application (16-Pin SOIC)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
VIP is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM7372_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM7372 TI1-LM7372_14 Datasheet
1Mb / 28P
[Old version datasheet]   LM7372 High Speed, High Output Current, Dual Operational Amplifier
More results

Similar Description - LM7372_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM7372 TI1-LM7372_14 Datasheet
1Mb / 28P
[Old version datasheet]   LM7372 High Speed, High Output Current, Dual Operational Amplifier
LM7372 TI1-LM7372 Datasheet
1Mb / 26P
[Old version datasheet]   High Speed, High Output Current, Dual Operational Amplifier
logo
Zarlink Semiconductor I...
ZL40166 ZARLINK-ZL40166 Datasheet
723Kb / 33P
   High Output Current High Speed Dual Operational Amplifier
ZL40167 ZARLINK-ZL40167 Datasheet
818Kb / 32P
   High Output Current High Speed Dual Operational Amplifier
logo
National Semiconductor ...
LM7372 NSC-LM7372 Datasheet
417Kb / 15P
   High Speed, High Output Current, Dual Operational Amplifier
logo
Zarlink Semiconductor I...
ZL40162 ZARLINK-ZL40162 Datasheet
598Kb / 32P
   High Output Current High Speed Dual Operational Amplifier
logo
ON Semiconductor
MC33076 ONSEMI-MC33076 Datasheet
213Kb / 12P
   DUAL HIGH OUTPUT CURRENT OPERATIONAL AMPLIFIER
1996 REV 0
logo
Texas Instruments
TL3414A TI-TL3414A Datasheet
103Kb / 6P
[Old version datasheet]   DUAL HIGH OUTPUT CURRENT OPERATIONAL AMPLIFIER
TL3414A TI-TL3414A_07 Datasheet
420Kb / 12P
[Old version datasheet]   DUAL HIGH-OUTPUT-CURRENT OPERATIONAL AMPLIFIER
TL3414A TI-TL3414A_06 Datasheet
208Kb / 9P
[Old version datasheet]   DUAL HIGH OUTPUT CURRENT OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com