Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM7372IMAXNOPB Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM7372IMAXNOPB
Description  LM7372 High Speed, High Output Current, Dual Operational Amplifier
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM7372IMAXNOPB Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM7372IMAXNOPB Datasheet HTML 1Page - National Semiconductor (TI) LM7372IMAXNOPB Datasheet HTML 2Page - National Semiconductor (TI) LM7372IMAXNOPB Datasheet HTML 3Page - National Semiconductor (TI) LM7372IMAXNOPB Datasheet HTML 4Page - National Semiconductor (TI) LM7372IMAXNOPB Datasheet HTML 5Page - National Semiconductor (TI) LM7372IMAXNOPB Datasheet HTML 6Page - National Semiconductor (TI) LM7372IMAXNOPB Datasheet HTML 7Page - National Semiconductor (TI) LM7372IMAXNOPB Datasheet HTML 8Page - National Semiconductor (TI) LM7372IMAXNOPB Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
LM7372
www.ti.com
SNOS926E – MAY 1999 – REVISED MARCH 2013
Absolute Maximum Ratings
(1) (2) (3)
ESD Tolerance
Human Body Model
1.5kV(4)
Machine Model
200V(4)
Suppy Voltage (V+
−V)
36V
Differential Input Voltage (VS = ±15V)
±10V
Output Short Circuit to Ground(2)
Continuous
Storage Temp. Range
−65°C to 150°C
Soldering Information
Infrared or Convection Reflow (20 sec.)
235°C
Wave Soldering Lead Temperature (10 sec.)
260°C
Input Voltage
Vto V+
Maximum Junction Temperature(5)
150°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For ensured specifications and the test
conditions, see the Electrical Characteristics.
(2)
Applies to both single-supply and split-supply operation. Continuous short circuit operation at elevated ambient temperature can result in
exceeding the maximum allowed junction temperature of 150°C.
(3)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(4)
For testing purposes, ESD was applied using human body model, 1.5k
Ω in series with 100pF. Machine model, 0Ω in series with 200pF.
(5)
The maximum power dissipation is a function of T(JMAX), θJA, and TA. The maximum allowable power dissipation at any ambient
temperature is PD = (T(JMAX) – TA)/θJA. All numbers apply for packages soldered directly into a PC board. The value for θJA is 106°C/W
for the 16-Pin SOIC package. With a total area of 4sq. in of 1oz CU connected to pins 1,6,8,9 & 16,
θJA for the 16-Pin SOIC is
decreased to 70°C/W. 8-Pin SO PowerPAD package
θJA is with 2 in
2 heatsink (top and bottom layer each) and 1 oz. copper (see
Table 2).
Operating Ratings
(1)
Supply Voltage
9V
≤ VS ≤ 36V
Junction Temperature Range (TJ)
LM7372
−40°C ≤ TJ ≤ 85°C
Thermal Resistance(
θJA)
16-Pin SOIC(2)
106°C/W
70°C/W
8-Pin SO PowerPAD(2)
(see Application Information)
47°C/W
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For ensured specifications and the test
conditions, see the Electrical Characteristics.
(2)
The maximum power dissipation is a function of T(JMAX), θJA, and TA. The maximum allowable power dissipation at any ambient
temperature is PD = (T(JMAX) – TA)/θJA. All numbers apply for packages soldered directly into a PC board. The value for θJA is 106°C/W
for the 16-Pin SOIC package. With a total area of 4sq. in of 1oz CU connected to pins 1,6,8,9 & 16,
θJA for the 16-Pin SOIC is
decreased to 70°C/W. 8-Pin SO PowerPAD package
θJA is with 2 in
2 heatsink (top and bottom layer each) and 1 oz. copper (see
Table 2).
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM7372


Similar Part No. - LM7372IMAXNOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM7372IMAX NSC-LM7372IMAX Datasheet
417Kb / 15P
   High Speed, High Output Current, Dual Operational Amplifier
logo
Texas Instruments
LM7372IMAX/NOPB TI1-LM7372IMAX/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   LM7372 High Speed, High Output Current, Dual Operational Amplifier
More results

Similar Description - LM7372IMAXNOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM7372 TI1-LM7372_14 Datasheet
1Mb / 28P
[Old version datasheet]   LM7372 High Speed, High Output Current, Dual Operational Amplifier
LM7372 TI1-LM7372 Datasheet
1Mb / 26P
[Old version datasheet]   High Speed, High Output Current, Dual Operational Amplifier
logo
Zarlink Semiconductor I...
ZL40166 ZARLINK-ZL40166 Datasheet
723Kb / 33P
   High Output Current High Speed Dual Operational Amplifier
ZL40167 ZARLINK-ZL40167 Datasheet
818Kb / 32P
   High Output Current High Speed Dual Operational Amplifier
logo
National Semiconductor ...
LM7372 NSC-LM7372 Datasheet
417Kb / 15P
   High Speed, High Output Current, Dual Operational Amplifier
logo
Zarlink Semiconductor I...
ZL40162 ZARLINK-ZL40162 Datasheet
598Kb / 32P
   High Output Current High Speed Dual Operational Amplifier
logo
ON Semiconductor
MC33076 ONSEMI-MC33076 Datasheet
213Kb / 12P
   DUAL HIGH OUTPUT CURRENT OPERATIONAL AMPLIFIER
1996 REV 0
logo
Texas Instruments
TL3414A TI-TL3414A Datasheet
103Kb / 6P
[Old version datasheet]   DUAL HIGH OUTPUT CURRENT OPERATIONAL AMPLIFIER
TL3414A TI-TL3414A_07 Datasheet
420Kb / 12P
[Old version datasheet]   DUAL HIGH-OUTPUT-CURRENT OPERATIONAL AMPLIFIER
TL3414A TI-TL3414A_06 Datasheet
208Kb / 9P
[Old version datasheet]   DUAL HIGH OUTPUT CURRENT OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com