Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HWS300-24 Datasheet(PDF) 2 Page - TDK Electronics

Part # HWS300-24
Description  Single Output Industrial Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

HWS300-24 Datasheet(HTML) 2 Page - TDK Electronics

  HWS300-24 Datasheet HTML 1Page - TDK Electronics HWS300-24 Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
62
1-800-526-2324 • www.us.tdk-lambda.com/lp/
Revision C5: Nov 2013
HWS300-1500 Series
For Additional Information, please visit
us.tdk-lambda.com/lp/products/hws-series.htm
Suffix
Description
Blank
HWS300-1500 the cover is fitted as standard
/A
Not Applicable
HWS300-1500 the cover is fitted as standard
/PV
HWS300, 600 (Standard on HWS1000 & 1500):
1-6V program voltage input to adjust output 20-120% of nominal
(20-110% for 48V) (12V-48V models only)
/HD
See HWS50-1500/HD Datasheet for details.-40 to +71(74)°C
operation, conformally coated PCBs
/ME
See HWS30-1500/ME Datasheet for details. UL60601-1,
EN60950-1 medical certification
/RY
ISA 12.12.01 (UL1604) - Class 1 Div 2 with dry contact relay DC
Good signal (300W, 600W and 1500W 24V output models only,
no UL508 certification, no remote on/off function.)
Options
HWS
15W to 150W single output
LZSA
500W to 1500W Single output
SWS
50W to 1000W, low cost
DPP, DLP & DSP
10W to 480W DIN Rail Mount
Other Industrial Products
Adjust
Max
Peak
Max.
Load
Line
Ripple
Over-
Eff.
Voltage
Range
Curr.
Curr.
Pwr.
Reg
Reg
Noise
voltage
typ
Model
V
V(3)
A
A(2)
W
mV
mV
mV
V
% (1)
HWS300-3
3.3V
2.64 - 3.96
60
-
198
30
20
120
4.13 - 4.95
74/77
HWS600-3
3.3V
2.64 - 3.96
120
-
396
30
20
120
4.13 - 4.95
75/78
HWS1000-3
3.3V
2.64 - 3.96
200
-
660
40
20
120
4.13 - 4.62
71/73
HWS1500-3
3.3V
2.64 - 3.96
300
-
990
60
36
150
4.12 - 4.62
72/75
HWS300-5
5V
4 - 6
60
-
300
30
20
120
6.25 -7.25
79/82
HWS600-5
5V
4 - 6
120
-
600
30
20
120
6.25 -7.25
80/83
HWS1000-5
5V
4 - 6
200
-
1000
40
20
120
6.25 - 7.0
76/78
HWS1500-5
5V
4 - 6
300
-
1500
60
36
150
6.25 - 7.0
77/81
HWS1000-6
6V
4.8 - 7.2
167
-
1002
60
36
150
7.5 - 8.4
79/81
HWS1500-6
6V
4.8 - 7.2
250
300
1500
60
36
150
7.5 - 8.4
79/82
HWS1000-7
7.5V
6 - 9V
134
160
1005
60
36
150
9.38 - 10.5
80/82
HWS1500-7
7.5V
6 - 9V
200
240
1500
60
40
150
9.37 - 10.5
81/83
HWS300-12
12V
9.6 - 14.4
27
-
324
96
48
120
15 - 17.4
80/83
HWS600-12
12V
9.6 - 14.4
53
-
648
96
48
120
15 - 17.4
80/83
HWS1000-12
12V
9.6 - 14.4
88
100
1056
100
48
150
15 - 17.4
83/85
HWS1500-12
12V
9.6 - 14.4
125
-
1500
72
48
150
15 - 17.4
82/85
HWS300-15
15V
12 - 18
22
-
330
120
60
150
18.8 - 21.8
82/85
HWS600-15
15V
12 - 18
43
-
645
120
60
150
18.8 - 21.8
82/85
HWS1000-15
15V
12 - 18
70
80
1050
120
60
150
18.8 - 21.8
83/85
HWS1500-15
15V
12 - 18
100
-
1500
90
60
150
18.7 - 21.8
83/87
HWS300-24
24V
19.2 - 28.8
14
16.5
336
192
96
150
30 - 34.8
82/85
HWS600-24
24V
19.2 - 28.8
27
31
648
192
96
150
30 - 34.8
82/85
HWS1000-24
24V
19.2 - 28.8
44
50
1056
150
96
150
30 - 34.8
85/87
HWS1500-24
24V
19.2 - 28.8
65/70 (1)
105
1560
144
96
200
30 - 34.8
84/88
HWS1000-36
36V
28.8 - 43.2
29.3
33.3
1055
150
144
200
45 - 49.7
85/88
HWS1500-36
36V
28.8 - 43.2
42/46.5 (1)
70
1512
150
144
200
45 - 49.7
84/88
HWS300-48
48V
38.4 - 52.8
7
-
336
384
192
200
55.2 - 64.8
82/85
HWS600-48
48V
38.4 - 52.8
13
-
624
384
192
200
55.2 - 64.8
82/85
HWS1000-48
48V
38.4 - 52.8
22
25
1056
300
192
200
55.2 - 64.8
86/88
HWS1500-48
48V
38.4 - 52.8
32
-
1536
288
192
200
55.2 - 64.8
86/90
HWS1000-60
60V
48 - 66
17.6
20
1056
360
240
400
69 - 75
85/88
HWS1500-60
60V
48 - 66
25.6/28 (1)
42
1536
360
240
400
69 - 75
86/90
Notes
(1) 100/200VAC
(2) 200-265VAC Input, 10s maximum on time with 35% duty cycle
(3) Use program input (PV) to adjust from 20-120% of nominal (20-110% for 48V & 60V models)
Output Ratings


Similar Part No. - HWS300-24

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
HWS300-24 RSG-HWS300-24 Datasheet
355Kb / 4P
   Single Output Industrial Power Supplies
logo
TDK Electronics
HWS300-24 TDK-HWS300-24 Datasheet
151Kb / 2P
   AC-DC Power Supplies
HWS300-24-HD TDK-HWS300-24-HD Datasheet
151Kb / 1P
   AC-DC Power Supplies
HWS300-24-ME TDK-HWS300-24-ME Datasheet
151Kb / 1P
   AC-DC Power Supplies
HWS300-24-PV TDK-HWS300-24-PV Datasheet
152Kb / 2P
   AC-DC Power Supplies
More results

Similar Description - HWS300-24

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HWS150-24 ETC2-HWS150-24 Datasheet
1Mb / 4P
   Single Output Industrial Power Supplies
logo
TDK Electronics
RTW28-3R6C TDK-RTW28-3R6C Datasheet
496Kb / 2P
   Single Output Industrial Power Supplies
JWS5028-A TDK-JWS5028-A Datasheet
183Kb / 2P
   Single Output Industrial Power Supplies
HWS15-24-A TDK-HWS15-24-A Datasheet
1,007Kb / 2P
   Single Output Industrial Power Supplies
JFS0500 TDK-JFS0500 Datasheet
213Kb / 2P
   Single Output Industrial Power Supplies
HWS15A-150A TDK-HWS15A-150A Datasheet
2Mb / 6P
   Single Output Industrial Power Supplies
logo
RSG Electronic Componen...
HWS300-1500 RSG-HWS300-1500 Datasheet
355Kb / 4P
   Single Output Industrial Power Supplies
logo
TDK Electronics
HWS1500-24-HD TDK-HWS1500-24-HD Datasheet
369Kb / 2P
   Single Output Industrial Power Supplies
logo
XP Power Limited
LCL XPPOWER-LCL Datasheet
1Mb / 12P
   SIngle Output Industrial Supplies
logo
TDK Electronics
HWS15A TDK-HWS15A Datasheet
97Kb / 2P
   50-150W Single Output Industrial Power Supplies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com