Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6551MANOPB Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMH6551MANOPB
Description  LMH6551 Differential, High Speed Op Amp
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6551MANOPB Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMH6551MANOPB Datasheet HTML 1Page - National Semiconductor (TI) LMH6551MANOPB Datasheet HTML 2Page - National Semiconductor (TI) LMH6551MANOPB Datasheet HTML 3Page - National Semiconductor (TI) LMH6551MANOPB Datasheet HTML 4Page - National Semiconductor (TI) LMH6551MANOPB Datasheet HTML 5Page - National Semiconductor (TI) LMH6551MANOPB Datasheet HTML 6Page - National Semiconductor (TI) LMH6551MANOPB Datasheet HTML 7Page - National Semiconductor (TI) LMH6551MANOPB Datasheet HTML 8Page - National Semiconductor (TI) LMH6551MANOPB Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
RG
RG
RF
RF
RO
+
-
RO
IN-
IN+
ADC
V
+
V
-
VO
+
-
RT
RS
RM
VS
AV, RIN
a
VCM
VI
T
S
IN
1
1) Set R
1
1
R
R
DesignTarget:
M
T
S
2) Set R
R ||R
O
F
v
I
G
V
R
A
V
R
#
G
v
IN
v
2R (1 A )
R
2
A
#
:
R
R
For
G
M
LMH6551
www.ti.com
SNOSAK7C – FEBRUARY 2005 – REVISED MARCH 2013
LMH6551 Differential, High Speed Op Amp
Check for Samples: LMH6551
1
FEATURES
DESCRIPTION
The LMH™6551 is a high performance voltage
23
370 MHz
−3 dB Bandwidth (VOUT = 0.5 VPP)
feedback differential amplifier. The LMH6551 has the
50 MHz 0.1 dB Bandwidth
high speed and low distortion necessary for driving
2400 V/µs Slew Rate
high performance ADCs as well as the current
handling capability to drive signals over balanced
18 ns Settling Time to 0.05%
transmission lines like CAT 5 data cables. The
−94/−96 dB HD2/HD3 @ 5 MHz
LMH6551 can handle a wide range of video and data
formats.
APPLICATIONS
With external gain set resistors, the LMH6551 can be
Differential AD Driver
used at any desired gain. Gain flexibility coupled with
Video Over Twisted Pair
high speed makes the LMH6551 suitable for use as
an IF amplifier in high performance communications
Differential Line Driver
equipment.
Single End to Differential Converter
The LMH6551 is available in the space saving SOIC
High Speed Differential Signaling
and VSSOP packages.
IF/RF Amplifier
SAW Filter Buffer/Driver
Typical Application
Figure 1. Single Ended to Differential ADC Driver
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
LMH is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LMH6551MANOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6551MA NSC-LMH6551MA Datasheet
935Kb / 19P
   Differential, High Speed Op Amp
logo
Texas Instruments
LMH6551MA TI1-LMH6551MA Datasheet
1Mb / 28P
[Old version datasheet]   LMH6551 Differential, High Speed Op Amp
LMH6551MA TI1-LMH6551MA Datasheet
1Mb / 32P
[Old version datasheet]   Differential, High-Speed Op Amp
LMH6551MA/NOPB TI1-LMH6551MA/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   LMH6551 Differential, High Speed Op Amp
logo
National Semiconductor ...
LMH6551MAX NSC-LMH6551MAX Datasheet
935Kb / 19P
   Differential, High Speed Op Amp
More results

Similar Description - LMH6551MANOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6551MAX_NOPB TI1-LMH6551MAX_NOPB Datasheet
1Mb / 28P
[Old version datasheet]   LMH6551 Differential, High Speed Op Amp
logo
National Semiconductor ...
LMH6550 NSC-LMH6550_06 Datasheet
913Kb / 17P
   Differential, High Speed Op Amp
LMH6551 NSC-LMH6551 Datasheet
935Kb / 19P
   Differential, High Speed Op Amp
logo
Texas Instruments
LMH6551Q TI-LMH6551Q_15 Datasheet
1Mb / 26P
[Old version datasheet]   Differential, High Speed Op Amp
LMH6551Q TI1-LMH6551Q Datasheet
520Kb / 20P
[Old version datasheet]   Differential, High Speed Op Amp
November 29, 2011
LMH6551 TI1-LMH6551 Datasheet
1Mb / 32P
[Old version datasheet]   Differential, High-Speed Op Amp
logo
National Semiconductor ...
LMH6550 NSC-LMH6550 Datasheet
854Kb / 17P
   Differential, High Speed Op Amp
LMH6550 NSC-LMH6550_14 Datasheet
1Mb / 25P
   LMH6550 Differential, High Speed Op Amp
LMH6551Q-Q1 NSC-LMH6551Q-Q1 Datasheet
1Mb / 25P
   LMH6551Q Differential, High Speed Op Amp
logo
M.S. Kennedy Corporatio...
MSK0032 MSK-MSK0032 Datasheet
411Kb / 5P
   HIGH SPEED, FET INPUT DIFFERENTIAL OP-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com