Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6551MAXNOPB Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMH6551MAXNOPB
Description  LMH6551 Differential, High Speed Op Amp
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6551MAXNOPB Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LMH6551MAXNOPB Datasheet HTML 4Page - National Semiconductor (TI) LMH6551MAXNOPB Datasheet HTML 5Page - National Semiconductor (TI) LMH6551MAXNOPB Datasheet HTML 6Page - National Semiconductor (TI) LMH6551MAXNOPB Datasheet HTML 7Page - National Semiconductor (TI) LMH6551MAXNOPB Datasheet HTML 8Page - National Semiconductor (TI) LMH6551MAXNOPB Datasheet HTML 9Page - National Semiconductor (TI) LMH6551MAXNOPB Datasheet HTML 10Page - National Semiconductor (TI) LMH6551MAXNOPB Datasheet HTML 11Page - National Semiconductor (TI) LMH6551MAXNOPB Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
1
10
100
0
10
20
30
40
50
60
70
CAPACITIVE LOAD (pF)
LOAD = 1 k: || CAP LOAD
VS = ±5V
1
10
100
0
10
20
30
40
50
60
70
CAPACITIVE LOAD (pF)
LOAD = 1 k: || CAP LOAD
VS = 5V
1
10
100
1000
FREQUENCY (MHz)
-8
-7
-6
-5
-4
-3
-2
-1
0
1
2
SINGLE ENDED INPUT
VS = 3.3V
VOD = 0.5 VPP
VOD = 1 VPP
1
10
100
1000
FREQUENCY (MHz)
-8
-7
-6
-5
-4
-3
-2
-1
0
1
2
CL = 5.7 pF, ROUT = 60:
CL = 10 pF, ROUT = 34:
CL = 27 pF, ROUT = 20:
CL = 57 pF, ROUT = 15:
LOAD = (CL || 1 k:) IN
SERIES WITH 2 ROUTS
VOUT = 0.5 VPP
DIFFERENTIAL
VS = ±5V
1
10
100
1000
FREQUENCY (MHz)
-8
-7
-6
-5
-4
-3
-2
-1
0
1
2
SINGLE ENDED INPUT
VS = ±5V
VOD = 0.5 VPP
VOD = 2 VPP
1
10
100
1000
FREQUENCY (MHz)
-8
-7
-6
-5
-4
-3
-2
-1
0
1
2
SINGLE ENDED INPUT
VS = 5V
VOD = 0.5 VPP
VOD = 2 VPP
LMH6551
SNOSAK7C – FEBRUARY 2005 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics
(TA = 25°C, VS = ±5V, RL = 500Ω, RF = RG = 365Ω; Unless Specified).
Frequency Response
vs.
Supply Voltage
Frequency Response
Figure 3.
Figure 4.
Frequency Response
Frequency Response
vs.
vs.
VOUT
Capacitive Load
Figure 5.
Figure 6.
Suggested ROUT
Suggested ROUT
vs.
vs.
Cap Load
Cap Load
Figure 7.
Figure 8.
8
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LMH6551


Similar Part No. - LMH6551MAXNOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6551MAX NSC-LMH6551MAX Datasheet
935Kb / 19P
   Differential, High Speed Op Amp
logo
Texas Instruments
LMH6551MAX TI1-LMH6551MAX Datasheet
1Mb / 28P
[Old version datasheet]   LMH6551 Differential, High Speed Op Amp
LMH6551MAX TI1-LMH6551MAX Datasheet
1Mb / 32P
[Old version datasheet]   Differential, High-Speed Op Amp
LMH6551MAX/NOPB TI1-LMH6551MAX/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   LMH6551 Differential, High Speed Op Amp
LMH6551MAX_NOPB TI1-LMH6551MAX_NOPB Datasheet
1Mb / 28P
[Old version datasheet]   LMH6551 Differential, High Speed Op Amp
More results

Similar Description - LMH6551MAXNOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6551MAX_NOPB TI1-LMH6551MAX_NOPB Datasheet
1Mb / 28P
[Old version datasheet]   LMH6551 Differential, High Speed Op Amp
logo
National Semiconductor ...
LMH6550 NSC-LMH6550_06 Datasheet
913Kb / 17P
   Differential, High Speed Op Amp
LMH6551 NSC-LMH6551 Datasheet
935Kb / 19P
   Differential, High Speed Op Amp
logo
Texas Instruments
LMH6551Q TI-LMH6551Q_15 Datasheet
1Mb / 26P
[Old version datasheet]   Differential, High Speed Op Amp
LMH6551Q TI1-LMH6551Q Datasheet
520Kb / 20P
[Old version datasheet]   Differential, High Speed Op Amp
November 29, 2011
LMH6551 TI1-LMH6551 Datasheet
1Mb / 32P
[Old version datasheet]   Differential, High-Speed Op Amp
logo
National Semiconductor ...
LMH6550 NSC-LMH6550 Datasheet
854Kb / 17P
   Differential, High Speed Op Amp
LMH6550 NSC-LMH6550_14 Datasheet
1Mb / 25P
   LMH6550 Differential, High Speed Op Amp
LMH6551Q-Q1 NSC-LMH6551Q-Q1 Datasheet
1Mb / 25P
   LMH6551Q Differential, High Speed Op Amp
logo
M.S. Kennedy Corporatio...
MSK0032 MSK-MSK0032 Datasheet
411Kb / 5P
   HIGH SPEED, FET INPUT DIFFERENTIAL OP-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com