Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6551MMXNOPB Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMH6551MMXNOPB
Description  LMH6551 Differential, High Speed Op Amp
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6551MMXNOPB Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LMH6551MMXNOPB Datasheet HTML 1Page - National Semiconductor (TI) LMH6551MMXNOPB Datasheet HTML 2Page - National Semiconductor (TI) LMH6551MMXNOPB Datasheet HTML 3Page - National Semiconductor (TI) LMH6551MMXNOPB Datasheet HTML 4Page - National Semiconductor (TI) LMH6551MMXNOPB Datasheet HTML 5Page - National Semiconductor (TI) LMH6551MMXNOPB Datasheet HTML 6Page - National Semiconductor (TI) LMH6551MMXNOPB Datasheet HTML 7Page - National Semiconductor (TI) LMH6551MMXNOPB Datasheet HTML 8Page - National Semiconductor (TI) LMH6551MMXNOPB Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LMH6551
SNOSAK7C – FEBRUARY 2005 – REVISED MARCH 2013
www.ti.com
±5V Electrical Characteristics
(1) (continued)
Single ended in differential out, TA= 25°C, G = +1, VS = ±5V, VCM = 0V, RF = RG = 365Ω, RL = 500Ω; Unless specified
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min (2)
Typ (3)
Max (2)
Units
VCM CMRR
VID = 0V, 1V step on VCM pin, measure
70
75
dB
VOD
Input Resistance
25
k
Common Mode Gain
ΔVO,CM/ΔVCM
0.995
0.999
1.005
V/V
Output Performance
Output Voltage Swing
Single Ended, Peak to Peak
±7.38
±7.8
V
±7.18
Output Common Mode Voltage Range VID = 0 V,
±3.69
±3.8
V
IOUT
Linear Output Current
VOUT = 0V
±50
±65
mA
ISC
Short Circuit Current
Output Shorted to Ground
140
mA
VIN = 3V Single Ended
(7)l
Output Balance Error
ΔVOUTCommon Mode
−70
dB
/
ΔVOUTDIfferential , VOUT = 0.5 Vpp
Differential, f = 10 MHz
Miscellaneous Performance
AVOL
Open Loop Gain
Differential
70
dB
PSRR
Power Supply Rejection Ratio
DC,
ΔVS = ±1V
74
90
dB
Supply Current
RL = ∞
11
12.5
14.5
mA
16.5
(7)
The maximum output current (IOUT) is determined by device power dissipation limitations.
5V Electrical Characteristics
(1)
Single ended in differential out, TA= 25°C, G = +1, VS = 5V, VCM = 2.5V, RF = RG = 365Ω, RL = 500Ω; Unless
specifiedBoldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min (2)
Typ (3)
Max (2)
Units
SSBW
Small Signal
−3 dB Bandwidth
RL = 500Ω, VOUT = 0.5 VPP
350
MHz
LSBW
Large Signal
−3 dB Bandwidth
RL = 500Ω, VOUT = 2 VPP
300
MHz
0.1 dB Bandwidth
VOUT = 2 VPP
50
MHz
Slew Rate
4V Step(4)
1800
V/
μs
Rise/Fall Time, 10% to 90%
4V Step
2
ns
Settling Time
4V Step, 0.05%
17
ns
VCM Pin AC Performance (Common Mode Feedback Amplifier)
Common Mode Small Signal
170
MHz
Bandwidth
Distortion and Noise Response
HD2
2nd Harmonic Distortion
VO = 2 VPP, f = 5 MHz, RL=800Ω
−84
dBc
HD2
VO = 2 VPP, f = 20 MHz, RL=800Ω
−69
dBc
HD3
3rd Harmonic Distortion
VO = 2 VPP, f = 5 MHz, RL=800Ω
−93
dBc
HD3
VO = 2 VPP, f = 20 MHz, RL=800Ω
−67
dBc
en
Input Referred Noise Voltage
Freq
≥ 1 MHz
6.0
nV/
√Hz
in
Input Referred Noise Current
Freq
≥ 1 MHz
1.5
pA/
√Hz
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No specification of parametric performance is indicated in the electrical tables under
conditions of internal self-heating where TJ > TA.
(2)
Limits are 100% production tested at 25°C. Limits over the operating temperature range are specified through correlation using
Statistical Quality Control (SQC) methods.
(3)
Typical numbers are the most likely parametric norm.
(4)
Slew Rate is the average of the rising and falling edges.
4
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LMH6551


Similar Part No. - LMH6551MMXNOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6551MMX NSC-LMH6551MMX Datasheet
935Kb / 19P
   Differential, High Speed Op Amp
logo
Texas Instruments
LMH6551MMX TI1-LMH6551MMX Datasheet
1Mb / 28P
[Old version datasheet]   LMH6551 Differential, High Speed Op Amp
LMH6551MMX TI1-LMH6551MMX Datasheet
1Mb / 32P
[Old version datasheet]   Differential, High-Speed Op Amp
LMH6551MMX/NOPB TI1-LMH6551MMX/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   LMH6551 Differential, High Speed Op Amp
More results

Similar Description - LMH6551MMXNOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6551MAX_NOPB TI1-LMH6551MAX_NOPB Datasheet
1Mb / 28P
[Old version datasheet]   LMH6551 Differential, High Speed Op Amp
logo
National Semiconductor ...
LMH6550 NSC-LMH6550_06 Datasheet
913Kb / 17P
   Differential, High Speed Op Amp
LMH6551 NSC-LMH6551 Datasheet
935Kb / 19P
   Differential, High Speed Op Amp
logo
Texas Instruments
LMH6551Q TI-LMH6551Q_15 Datasheet
1Mb / 26P
[Old version datasheet]   Differential, High Speed Op Amp
LMH6551Q TI1-LMH6551Q Datasheet
520Kb / 20P
[Old version datasheet]   Differential, High Speed Op Amp
November 29, 2011
LMH6551 TI1-LMH6551 Datasheet
1Mb / 32P
[Old version datasheet]   Differential, High-Speed Op Amp
logo
National Semiconductor ...
LMH6550 NSC-LMH6550 Datasheet
854Kb / 17P
   Differential, High Speed Op Amp
LMH6550 NSC-LMH6550_14 Datasheet
1Mb / 25P
   LMH6550 Differential, High Speed Op Amp
LMH6551Q-Q1 NSC-LMH6551Q-Q1 Datasheet
1Mb / 25P
   LMH6551Q Differential, High Speed Op Amp
logo
M.S. Kennedy Corporatio...
MSK0032 MSK-MSK0032 Datasheet
411Kb / 5P
   HIGH SPEED, FET INPUT DIFFERENTIAL OP-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com