Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1051993 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 1051993
Description  Printed-circuit board connector - FK-MCP 1,5/ 5-ST-3,81 - 1851070
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1051993 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  1051993 Datasheet HTML 1Page - PHOENIX CONTACT 1051993 Datasheet HTML 2Page - PHOENIX CONTACT 1051993 Datasheet HTML 3Page - PHOENIX CONTACT 1051993 Datasheet HTML 4Page - PHOENIX CONTACT 1051993 Datasheet HTML 5Page - PHOENIX CONTACT 1051993 Datasheet HTML 6Page - PHOENIX CONTACT 1051993 Datasheet HTML 7Page - PHOENIX CONTACT 1051993 Datasheet HTML 8Page - PHOENIX CONTACT 1051993 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
https://www.phoenixcontact.com/us/products/1851070
12/29/13   Page 4 / 10
Printed-circuit board connector - FK-MCP 1,5/ 5-ST-3,81 - 1851070
Approvals
UL Recognized 
 
B
mm²/AWG/kcmil
28-16
Nominal current IN
8 A
Nominal voltage UN
300 V
VDE Gutachten mit Fertigungsüberwachung 
 
 
mm²/AWG/kcmil
0.2-1.5
Nominal current IN
8 A
Nominal voltage UN
160 V
cUL Recognized 
 
B
mm²/AWG/kcmil
28-16
Nominal current IN
8 A
Nominal voltage UN
300 V
GOST 
IECEE CB Scheme 
 
 
mm²/AWG/kcmil
0.2-1.5
Nominal current IN
8 A
Nominal voltage UN
160 V
GOST 


Similar Part No. - 1051993

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1051993 PHOENIX-1051993 Datasheet
143Kb / 6P
   The illustration shows a combination as a 15-position version
1051993 PHOENIX-1051993 Datasheet
149Kb / 6P
   FK-MCP 1,5/ 4-ST-3,81
1051993 PHOENIX-1051993 Datasheet
220Kb / 13P
   MKDSN 1,5/ 2-5,08
1051993 PHOENIX-1051993 Datasheet
177Kb / 7P
   MVSTBR 2,5/ 3-ST-5,08
1051993 PHOENIX-1051993 Datasheet
140Kb / 5P
   GMSTB 2,5/10-ST-7,62
More results

Similar Description - 1051993

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1817453 PHOENIX-1817453 Datasheet
115Kb / 7P
   Printed-circuit board connector - FK-MCP 1,5/ 5-ST-3,81-LR
1800275 PHOENIX-1800275 Datasheet
66Kb / 4P
   Printed-circuit board connector - FK-MCP 1,5/ 5-ST-3,81 BK
1851203 PHOENIX-1851203 Datasheet
92Kb / 6P
   Printed-circuit board connector - FK-MCP 1,5/18-ST-3,81
1851229 PHOENIX-1851229 Datasheet
91Kb / 6P
   Printed-circuit board connector - FK-MCP 1,5/20-ST-3,81
1851041 PHOENIX-1851041 Datasheet
129Kb / 8P
   Printed-circuit board connector - FK-MCP 1,5/ 2-ST-3,81
1851148 PHOENIX-1851148 Datasheet
132Kb / 8P
   Printed-circuit board connector - FK-MCP 1,5/12-ST-3,81
1851096 PHOENIX-1851096 Datasheet
136Kb / 9P
   Printed-circuit board connector - FK-MCP 1,5/ 7-ST-3,81
1851119 PHOENIX-1851119 Datasheet
136Kb / 9P
   Printed-circuit board connector - FK-MCP 1,5/ 9-ST-3,81
1800273 PHOENIX-1800273 Datasheet
81Kb / 4P
   Printed-circuit board connector - FK-MCP 1,5/ 4-ST-3,81 BK
1817424 PHOENIX-1817424 Datasheet
114Kb / 7P
   Printed-circuit board connector - FK-MCP 1,5/ 2-ST-3,81-LR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com