Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

27260704 Datasheet(PDF) 11 Page - PHOENIX CONTACT

Part # 27260704
Description  Printed-circuit board connector - FKC 2,5/ 8-ST-5,08 - 1873113
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

27260704 Datasheet(HTML) 11 Page - PHOENIX CONTACT

Back Button 27260704 Datasheet HTML 5Page - PHOENIX CONTACT 27260704 Datasheet HTML 6Page - PHOENIX CONTACT 27260704 Datasheet HTML 7Page - PHOENIX CONTACT 27260704 Datasheet HTML 8Page - PHOENIX CONTACT 27260704 Datasheet HTML 9Page - PHOENIX CONTACT 27260704 Datasheet HTML 10Page - PHOENIX CONTACT 27260704 Datasheet HTML 11Page - PHOENIX CONTACT 27260704 Datasheet HTML 12Page - PHOENIX CONTACT 27260704 Datasheet HTML 13Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
https://www.phoenixcontact.com/us/products/1873113
10.11.2013   Page 11 / 13
Printed-circuit board connector - FKC 2,5/ 8-ST-5,08 - 1873113
Accessories
Base strip - EMSTBVA 2,5/ 8-G-5,08 - 1859577
Header, Nominal current: 12 A, Rated voltage (III/2): 320 V, Number of positions: 8, Pitch: 5.08 mm, Color: green,
Contact surface: Tin, Assembly: Press-in
 
 
Printed-circuit board connector - FKIC 2,5/ 8-ST-5,08 - 1873414
Plug component, Nominal current: 12 A, Rated voltage (III/2): 320 V, Number of positions: 8, Pitch: 5.08 mm, Connection
method: Spring-cage conn., Color: green, Contact surface: Tin
 
 
Base strip - MSTBA 2,5/ 8-G-5,08-LA - 1771008
Header, Nominal current: 12 A, Rated voltage (III/2): 320 V, Number of positions: 8, Pitch: 5.08 mm, Color: green,
Contact surface: Tin, Assembly: Soldering
 
 
Base strip - MSTBA 2,5/ 8-G-5,08 - 1757307
Header, Nominal current: 12 A, Rated voltage (III/2): 320 V, Number of positions: 8, Pitch: 5.08 mm, Color: green,
Contact surface: Tin, Assembly: Soldering
 
 
Base strip - MSTB 2,5/ 8-G-5,08-LA - 1770779
Header, Nominal current: 12 A, Rated voltage (III/2): 320 V, Number of positions: 8, Pitch: 5.08 mm, Color: green,
Contact surface: Tin, Assembly: Soldering
 
 


Similar Part No. - 27260704

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
27260704 PHOENIX-27260704 Datasheet
94Kb / 4P
   Printed-circuit board connector - GMSTBVA 2,5 HC/12-G-7,62-LR
27260704 PHOENIX-27260704 Datasheet
60Kb / 3P
   Base strip - MSTB 2,5/19-G-5,08
27260704 PHOENIX-27260704 Datasheet
51Kb / 3P
   Printed-circuit board connector - FMC 1,5/ 7-ST-3,5 BK BD:1-7
27260704 PHOENIX-27260704 Datasheet
82Kb / 5P
   Base strip - IC 2,5/15-G-5,08
27260704 PHOENIX-27260704 Datasheet
66Kb / 5P
   Printed-circuit board connector - MSTBA 2,5/17-G-5,08-LR
More results

Similar Description - 27260704

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1942439 PHOENIX-1942439 Datasheet
184Kb / 12P
   Printed-circuit board connector - FKC 2,5 HC/ 8-ST-5,08
09/12/2020
1792575 PHOENIX-1792575 Datasheet
104Kb / 7P
   Printed-circuit board connector - FKC 2,5/ 8-ST-5,08-LR
1796160 PHOENIX-1796160 Datasheet
59Kb / 3P
   Printed-circuit board connector - FKC 2,5/ 8-ST-5,08-RFEX
1873197 PHOENIX-1873197 Datasheet
226Kb / 14P
   Printed-circuit board connector - FKC 2,5/16-ST-5,08
1873087 PHOENIX-1873087 Datasheet
194Kb / 12P
   Printed-circuit board connector - FKC 2,5/ 5-ST-5,08
1875904 PHOENIX-1875904 Datasheet
150Kb / 11P
   Printed-circuit board connector - FKC 2,5/17-ST-5,08
1910416 PHOENIX-1910416 Datasheet
120Kb / 9P
   Printed-circuit board connector - FKC 2,5/ 8-ST
1925854 PHOENIX-1925854 Datasheet
70Kb / 5P
   Printed-circuit board connector - FKC 2,5/18-ST-5,08-RF
1936306 PHOENIX-1936306 Datasheet
83Kb / 4P
   Printed-circuit board connector - FKC 2,5/ 5-ST-5,08 BK
1792614 PHOENIX-1792614 Datasheet
102Kb / 7P
   Printed-circuit board connector - FKC 2,5/12-ST-5,08-LR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com