Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6553SDENOPB Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMH6553SDENOPB
Description  LMH6553 900 MHz Fully Differential Amplifier With Output Limiting Clamp
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6553SDENOPB Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LMH6553SDENOPB Datasheet HTML 1Page - National Semiconductor (TI) LMH6553SDENOPB Datasheet HTML 2Page - National Semiconductor (TI) LMH6553SDENOPB Datasheet HTML 3Page - National Semiconductor (TI) LMH6553SDENOPB Datasheet HTML 4Page - National Semiconductor (TI) LMH6553SDENOPB Datasheet HTML 5Page - National Semiconductor (TI) LMH6553SDENOPB Datasheet HTML 6Page - National Semiconductor (TI) LMH6553SDENOPB Datasheet HTML 7Page - National Semiconductor (TI) LMH6553SDENOPB Datasheet HTML 8Page - National Semiconductor (TI) LMH6553SDENOPB Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
LMH6553
www.ti.com
SNOSB07H – SEPTEMBER 2008 – REVISED MARCH 2013
VS = ±5V Electrical Characteristics
(1) (continued)
Unless otherwise specified, all limits are ensured for TA = 25°C, VS = ±5V, AV = 1, VCM = 0V, VCLAMP = 3V, RF = RG = 275Ω,
RL = 200Ω, for single-ended in, differential out. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min (2)
Typ (3)
Max (2)
Units
Input Bias Current
VCM(TYPICAL) = 0,
(11)
−8
−3.5
1
VCM(MIN) = −3.2 V,
(11)
−9
−4.5
µA
VCM(MAX) = +3.2V,
(11)
−2.5
2
Voltage Range
±3.14
±3.18
V
CMRR
Measure VOD, VID = 0V
80
dB
Input Resistance
200
k
Gain
ΔVO,CM/ΔVCM
0.995
1.00
1.008
V/V
Miscellaneous Performance
ZT
Open Loop Transimpedance
Differential
112
dB
PSRR
Power Supply Rejection Ratio
DC,
ΔVS = ±1V
87
dB
IS
Supply Current
RL = ∞
25
29.1
33
mA
37
(11) Negative current implies current flowing out of the device.
VS = ±2.5V Electrical Characteristics
(1)
Unless otherwise specified, all limits are ensured for TA = 25°C, VS = ±2.5V, AV = 1, VCM = 0V, VCLAMP = 2V, RF = RG = 275Ω,
RL = 200Ω, for single-ended in, differential out. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min (2)
Typ (3)
Max (2)
Units
AC Performance (Differential)
SSBW
Small Signal
−3 dB Bandwidth (2)
VOUT = 0.2 VPP, AV = 1, RL = 1 kΩ
875
VOUT = 0.2 VPP, AV = 1
630
VOUT = 0.2 VPP, AV = 2
580
MHz
VOUT = 0.2 VPP, AV = 4
540
VOUT = 0.2 VPP, AV = 8 , (RF = 400Ω, RG =
315
50
Ω)
LSBW
Large Signal
−3 dB Bandwidth
VOUT = 2 VPP, AV = 1, RL = 1 kΩ
640
VOUT = 2 VPP, AV = 1
485
VOUT = 2 VPP, AV = 2
435
MHz
VOUT = 2 VPP, AV = 4
420
VOUT = 2 VPP, AV = 8, (RF = 400Ω, RG = 50Ω)
405
0.1 dB Bandwidth
VOUT = 0.2 VPP, AV = 1
60
MHz
0.5 dB Bandwidth
VOUT = 0.2 VPP, AV = 1
236
MHz
Slew Rate
2V Step, AV = 1
1350
V/
μs
Rise/Fall Time, 10%-90%
2V Step
860
ps
0.1% Settling Time
2V Step
10
ns
1.0% Settling Time
2V Step
6
ns
Distortion and Noise Response
HD2
2nd Harmonic Distortion
VOUT = 2 VPP, f = 20 MHz, RL = 800Ω
−80
dBc
VOUT = 2 VPP, f = 70 MHz, RL = 800Ω
−72
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No specification of parametric performance is indicated in the electrical tables under
conditions of internal self-heating where TJ > TA. See Application Information for information on temperature de-rating of this device."
Min/Max ratings are based on product characterization and simulation. Individual parameters are tested as noted.
(2)
Limits are 100% production tested at 25°C. Limits over the operating temperature range are specified through correlation using
Statistical Quality Control (SQC) methods.
(3)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not ensured on shipped
production material.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMH6553


Similar Part No. - LMH6553SDENOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6553SDE NSC-LMH6553SDE Datasheet
778Kb / 24P
   900 MHz Fully Differential Amplifier With Output Limiting Clamp
logo
Texas Instruments
LMH6553SDE/NOPB TI1-LMH6553SDE/NOPB Datasheet
2Mb / 41P
[Old version datasheet]   LMH6553 900 MHz Fully Differential Amplifier With Output Limiting Clamp
More results

Similar Description - LMH6553SDENOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6553 TI1-LMH6553 Datasheet
2Mb / 41P
[Old version datasheet]   LMH6553 900 MHz Fully Differential Amplifier With Output Limiting Clamp
logo
National Semiconductor ...
LMH6553 NSC-LMH6553 Datasheet
778Kb / 24P
   900 MHz Fully Differential Amplifier With Output Limiting Clamp
logo
Texas Instruments
THS4541-Q1 TI1-THS4541-Q1 Datasheet
2Mb / 60P
[Old version datasheet]   850-MHz Fully Differential Amplifier
logo
SHANGHAI BELLING CO., L...
BL6203ITLX BELLING-BL6203ITLX Datasheet
251Kb / 17P
   Fully differential amplifier
logo
Linear Technology
LTC6363 LINER-LTC6363 Datasheet
452Kb / 8P
   Fully Differential Amplifier
logo
Texas Instruments
THS4521 TI1-THS4521 Datasheet
2Mb / 65P
[Old version datasheet]   Fully Differential Amplifier
THS4541 TI1-THS4541 Datasheet
2Mb / 62P
[Old version datasheet]   Fully Differential Amplifier
THS4551 TI1-THS4551 Datasheet
2Mb / 70P
[Old version datasheet]   Low-Noise, Precision, 150-MHz, Fully Differential Amplifier
logo
STMicroelectronics
STEVAL-CCA023V1 STMICROELECTRONICS-STEVAL-CCA023V1 Datasheet
79Kb / 4P
   Fully differential input/output
logo
Texas Instruments
AMC1200BDUBR TI1-AMC1200BDUBR Datasheet
903Kb / 24P
[Old version datasheet]   Fully-Differential Isolation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com