Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0201663 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 0201663
Description  Printed-circuit board connector - FKC 2,5/ 8-ST-5,08 - 1873113
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0201663 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  0201663 Datasheet HTML 1Page - PHOENIX CONTACT 0201663 Datasheet HTML 2Page - PHOENIX CONTACT 0201663 Datasheet HTML 3Page - PHOENIX CONTACT 0201663 Datasheet HTML 4Page - PHOENIX CONTACT 0201663 Datasheet HTML 5Page - PHOENIX CONTACT 0201663 Datasheet HTML 6Page - PHOENIX CONTACT 0201663 Datasheet HTML 7Page - PHOENIX CONTACT 0201663 Datasheet HTML 8Page - PHOENIX CONTACT 0201663 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
https://www.phoenixcontact.com/us/products/1873113
10.11.2013   Page 2 / 13
Printed-circuit board connector - FKC 2,5/ 8-ST-5,08 - 1873113
Technical data
General
Rated surge voltage (III/3)
4 kV
Rated surge voltage (III/2)
4 kV
Rated surge voltage (II/2)
4 kV
Rated voltage (III/3)
250 V
Rated voltage (III/2)
320 V
Rated voltage (II/2)
630 V
Connection in acc. with standard
EN-VDE
Nominal current IN
12 A
Nominal cross section
2.5 mm²
Maximum load current
12 A
Insulating material
PA
Inflammability class according to UL 94
V0
Internal cylindrical gage
A2
Stripping length
10 mm
Number of positions
8
Connection data
Conductor cross section solid min.
0.2 mm²
Conductor cross section solid max.
2.5 mm²
Conductor cross section stranded min.
0.2 mm²
Conductor cross section stranded max.
2.5 mm²
Conductor cross section stranded, with ferrule without plastic sleeve min.
0.25 mm²
Conductor cross section stranded, with ferrule without plastic sleeve max. 2.5 mm²
Conductor cross section stranded, with ferrule with plastic sleeve min.
0.25 mm²
Conductor cross section stranded, with ferrule with plastic sleeve max.
2.5 mm²
Conductor cross section AWG/kcmil min.
24
Conductor cross section AWG/kcmil max
12
2 conductors with same cross section, stranded, TWIN ferrules with plastic
sleeve, min.
0.5 mm²
2 conductors with same cross section, stranded, TWIN ferrules with plastic
sleeve, max.
1.5 mm²
Minimum AWG according to UL/CUL
26
Maximum AWG according to UL/CUL
12
Classifications
eCl@ss
eCl@ss 4.0
272607xx


Similar Part No. - 0201663

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0201663 PHOENIX-0201663 Datasheet
47Kb / 2P
   Insulating sleeve - MPS-IH WH - 0201663
0201663 PHOENIX-0201663 Datasheet
145Kb / 4P
   ICV 2,5 HC/ 8-G-5,08
0201663 PHOENIX-0201663 Datasheet
125Kb / 7P
   PIT 4-DIO 1N 5408/L-R
0201663 PHOENIX-0201663 Datasheet
118Kb / 6P
   PIT 2,5-QUATTRO-DIO/L-R
0201663 PHOENIX-0201663 Datasheet
94Kb / 5P
   UP 4/ 3
More results

Similar Description - 0201663

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1942439 PHOENIX-1942439 Datasheet
184Kb / 12P
   Printed-circuit board connector - FKC 2,5 HC/ 8-ST-5,08
09/12/2020
1792575 PHOENIX-1792575 Datasheet
104Kb / 7P
   Printed-circuit board connector - FKC 2,5/ 8-ST-5,08-LR
1796160 PHOENIX-1796160 Datasheet
59Kb / 3P
   Printed-circuit board connector - FKC 2,5/ 8-ST-5,08-RFEX
1873197 PHOENIX-1873197 Datasheet
226Kb / 14P
   Printed-circuit board connector - FKC 2,5/16-ST-5,08
1873087 PHOENIX-1873087 Datasheet
194Kb / 12P
   Printed-circuit board connector - FKC 2,5/ 5-ST-5,08
1875904 PHOENIX-1875904 Datasheet
150Kb / 11P
   Printed-circuit board connector - FKC 2,5/17-ST-5,08
1910416 PHOENIX-1910416 Datasheet
120Kb / 9P
   Printed-circuit board connector - FKC 2,5/ 8-ST
1925854 PHOENIX-1925854 Datasheet
70Kb / 5P
   Printed-circuit board connector - FKC 2,5/18-ST-5,08-RF
1936306 PHOENIX-1936306 Datasheet
83Kb / 4P
   Printed-circuit board connector - FKC 2,5/ 5-ST-5,08 BK
1792614 PHOENIX-1792614 Datasheet
102Kb / 7P
   Printed-circuit board connector - FKC 2,5/12-ST-5,08-LR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com