Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1803455 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1803455
Description  Printed-circuit board connector - FK-MCP 1,5/ 5-ST-3,81 - 1851070
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1803455 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1803455 Datasheet HTML 1Page - PHOENIX CONTACT 1803455 Datasheet HTML 2Page - PHOENIX CONTACT 1803455 Datasheet HTML 3Page - PHOENIX CONTACT 1803455 Datasheet HTML 4Page - PHOENIX CONTACT 1803455 Datasheet HTML 5Page - PHOENIX CONTACT 1803455 Datasheet HTML 6Page - PHOENIX CONTACT 1803455 Datasheet HTML 7Page - PHOENIX CONTACT 1803455 Datasheet HTML 8Page - PHOENIX CONTACT 1803455 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
https://www.phoenixcontact.com/us/products/1851070
12/29/13   Page 1 / 10
Printed-circuit board connector - FK-MCP 1,5/ 5-ST-3,81 - 1851070
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Plug component, Nominal current: 8 A, Rated voltage (III/2): 160 V, Number of positions: 5, Pitch: 3.81 mm,
Connection method: Spring-cage conn., Color: green, Contact surface: Tin
The figure shows a 10-position
version of the product
Product Features
 User-friendly actuation of the terminal point using a screwdriver
 Fast conductor connection thanks to Push-in spring-cage connection
 Wide range of possible combinations with MC base strips with 3.5/3.81 mm pitch
 Test connection for accommodating 1.2 mm Ø test pins or 1 mm Ø test plugs
Key commercial data
Packing unit
1 pc
GTIN
Weight per Piece (excluding packing)
5.02 GRM
Custom tariff number
85366990
Country of origin
Germany
Technical data
Dimensions
Pitch
3.81 mm
Dimension a
15.24 mm
General
Range of articles
FK-MCP 1,5/..-ST
Insulating material group
I
Rated surge voltage (III/3)
2.5 kV


Similar Part No. - 1803455

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1803455 PHOENIX-1803455 Datasheet
329Kb / 7P
   MC 1,5/ 5-ST-3,81
1803455 PHOENIX-1803455 Datasheet
177Kb / 6P
   MCVW 1,5/ 5-ST-3,81
1803455 PHOENIX-1803455 Datasheet
163Kb / 6P
   MCVR 1,5/ 5-ST-3,81
More results

Similar Description - 1803455

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1817453 PHOENIX-1817453 Datasheet
115Kb / 7P
   Printed-circuit board connector - FK-MCP 1,5/ 5-ST-3,81-LR
1800275 PHOENIX-1800275 Datasheet
66Kb / 4P
   Printed-circuit board connector - FK-MCP 1,5/ 5-ST-3,81 BK
1851203 PHOENIX-1851203 Datasheet
92Kb / 6P
   Printed-circuit board connector - FK-MCP 1,5/18-ST-3,81
1851229 PHOENIX-1851229 Datasheet
91Kb / 6P
   Printed-circuit board connector - FK-MCP 1,5/20-ST-3,81
1851041 PHOENIX-1851041 Datasheet
129Kb / 8P
   Printed-circuit board connector - FK-MCP 1,5/ 2-ST-3,81
1851148 PHOENIX-1851148 Datasheet
132Kb / 8P
   Printed-circuit board connector - FK-MCP 1,5/12-ST-3,81
1851096 PHOENIX-1851096 Datasheet
136Kb / 9P
   Printed-circuit board connector - FK-MCP 1,5/ 7-ST-3,81
1851119 PHOENIX-1851119 Datasheet
136Kb / 9P
   Printed-circuit board connector - FK-MCP 1,5/ 9-ST-3,81
1800273 PHOENIX-1800273 Datasheet
81Kb / 4P
   Printed-circuit board connector - FK-MCP 1,5/ 4-ST-3,81 BK
1817424 PHOENIX-1817424 Datasheet
114Kb / 7P
   Printed-circuit board connector - FK-MCP 1,5/ 2-ST-3,81-LR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com