Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6553SDXNOPB Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMH6553SDXNOPB
Description  LMH6553 900 MHz Fully Differential Amplifier With Output Limiting Clamp
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6553SDXNOPB Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LMH6553SDXNOPB Datasheet HTML 3Page - National Semiconductor (TI) LMH6553SDXNOPB Datasheet HTML 4Page - National Semiconductor (TI) LMH6553SDXNOPB Datasheet HTML 5Page - National Semiconductor (TI) LMH6553SDXNOPB Datasheet HTML 6Page - National Semiconductor (TI) LMH6553SDXNOPB Datasheet HTML 7Page - National Semiconductor (TI) LMH6553SDXNOPB Datasheet HTML 8Page - National Semiconductor (TI) LMH6553SDXNOPB Datasheet HTML 9Page - National Semiconductor (TI) LMH6553SDXNOPB Datasheet HTML 10Page - National Semiconductor (TI) LMH6553SDXNOPB Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
LMH6553
www.ti.com
SNOSB07H – SEPTEMBER 2008 – REVISED MARCH 2013
VS = ±2.5V Electrical Characteristics
(1) (continued)
Unless otherwise specified, all limits are ensured for TA = 25°C, VS = ±2.5V, AV = 1, VCM = 0V, VCLAMP = 2V, RF = RG = 275Ω,
RL = 200Ω, for single-ended in, differential out. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min (2)
Typ (3)
Max (2)
Units
Clamp Overshoot
VIN = 1V Step, AV = 2 V/V, VCLAMP = 0.5V,
105
mV
VCM= 0V, 100% Overdrive
Clamp Overshoot
VIN = 1V Step, AV= 2 V/V, VCLAMP = 1V,
105
mV
VCM = 0.5V, 100% Overdrive
Clamp Overshoot Width
(9)
650
ps
Clamp Overdrive Recovery Time
VIN = 2V Step, AV = 2 V/V, VCLAMP = 0.5V,
600
ps
VCM = 0V, 50% Output Crossing
Linearity Guardband (10)
f = 75 MHz, VOD = 2 VPP, RL = 800, SFDR
40
mV
Down 3 dB
Output Common Mode Control Circuit
Common Mode Small Signal
VIN+ = VIN= 0
130
MHz
Bandwidth
Slew Rate
VIN+ = VIN= 0
186
V/
μs
VOSCM
Output Common Mode Error
Common Mode, VIN = float, VCM = 0
−20
2
20
mV
Input Bias Current
VCM = 0,
(11)
−3.5
µA
Voltage Range
±0.75
±0.81
V
CMRR
Measure VOD, VID = 0V
84
dB
Input Resistance
200
k
Gain
ΔVO,CM/ΔVCM
0.995
1.00
1.008
V/V
Miscellaneous Performance
ZT
Open Loop Transimpedance
Differential
105
dB
PSRR
Power Supply Rejection Ratio
DC,
ΔVS = ±1V
85
dB
IS
Supply Current
RL = ∞
23
26.5
30
mA
34
(9)
Clamp Overshoot Width is the duration of overshoot in a 100% overdrive condition.
(10) Linearity Guardband is defined for an output sinusoid (f = 75 MHz, VOD = 2 VPP). It is the difference between the VCLAMP level and the
peak output voltage where the SFDR is decreased by 3 dB.
(11) Negative current implies current flowing out of the device.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMH6553


Similar Part No. - LMH6553SDXNOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6553SDX NSC-LMH6553SDX Datasheet
778Kb / 24P
   900 MHz Fully Differential Amplifier With Output Limiting Clamp
More results

Similar Description - LMH6553SDXNOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6553 TI1-LMH6553 Datasheet
2Mb / 41P
[Old version datasheet]   LMH6553 900 MHz Fully Differential Amplifier With Output Limiting Clamp
logo
National Semiconductor ...
LMH6553 NSC-LMH6553 Datasheet
778Kb / 24P
   900 MHz Fully Differential Amplifier With Output Limiting Clamp
logo
Texas Instruments
THS4541-Q1 TI1-THS4541-Q1 Datasheet
2Mb / 60P
[Old version datasheet]   850-MHz Fully Differential Amplifier
logo
SHANGHAI BELLING CO., L...
BL6203ITLX BELLING-BL6203ITLX Datasheet
251Kb / 17P
   Fully differential amplifier
logo
Linear Technology
LTC6363 LINER-LTC6363 Datasheet
452Kb / 8P
   Fully Differential Amplifier
logo
Texas Instruments
THS4521 TI1-THS4521 Datasheet
2Mb / 65P
[Old version datasheet]   Fully Differential Amplifier
THS4541 TI1-THS4541 Datasheet
2Mb / 62P
[Old version datasheet]   Fully Differential Amplifier
THS4551 TI1-THS4551 Datasheet
2Mb / 70P
[Old version datasheet]   Low-Noise, Precision, 150-MHz, Fully Differential Amplifier
logo
STMicroelectronics
STEVAL-CCA023V1 STMICROELECTRONICS-STEVAL-CCA023V1 Datasheet
79Kb / 4P
   Fully differential input/output
logo
Texas Instruments
AMC1200BDUBR TI1-AMC1200BDUBR Datasheet
903Kb / 24P
[Old version datasheet]   Fully-Differential Isolation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com