Electronic Components Datasheet Search |
|
0201676 Datasheet(PDF) 8 Page - PHOENIX CONTACT |
|
0201676 Datasheet(HTML) 8 Page - PHOENIX CONTACT |
8 / 13 page https://www.phoenixcontact.com/us/products/1873113 10.11.2013 Page 8 / 13 Printed-circuit board connector - FKC 2,5/ 8-ST-5,08 - 1873113 Accessories Strain relief - STZ 8-FKC-5,08 - 1876880 Strain relief for snapping into the latching chambers of the plug components, 8-pos. Additional products Feed-through terminal block - UKK 3-MSTBVH-5,08 - 2770846 Feed-through terminal block, Nominal current: 12 A, Nominal voltage: 250 V, Cross section: 0.2 mm² - 4 mm², AWG: 24 - 12, Mounting type: NS 35/7,5, NS 35/15, NS 32, Number of positions: 1, Pitch: 5.08 mm, Width: 5.08, Color: gray Plug-in block - UMSTBVK 2,5/ 8-G-5,08 - 1788172 Plug component, Nominal current: 12 A, Rated voltage (III/2): 320 V, Number of positions: 8, Pitch: 5.08 mm, Connection method: Screw connection, Color: green, Contact surface: Tin, Assembly: DIN rail Feed-through terminal block - UK 3-MVSTB-5,08 - 3002076 Feed-through terminal block, Nominal current: 12 A, Nominal voltage: 250 V, Cross section: 0.2 mm² - 4 mm², AWG: 24 - 12, Mounting type: NS 32, NS 35/15, NS 35/7,5, Number of positions: 1, Pitch: 5.08 mm, Width: 5.1, Color: gray Feed-through terminal block - UK 3D-MSTBV-5,08 - 3002131 Feed-through terminal block, Connection method: Special and hybrid connection, Number of positions: 1, Cross section: 0.2 mm² - 4 mm², AWG: 24 - 12, Width: 5.08 mm, Color: gray, Mounting type: NS 32, NS 35/15, NS 35/7,5 |
Similar Part No. - 0201676 |
|
Similar Description - 0201676 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |