Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0201702 Datasheet(PDF) 8 Page - PHOENIX CONTACT

Part # 0201702
Description  Printed-circuit board connector - FKC 2,5/ 8-ST-5,08 - 1873113
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0201702 Datasheet(HTML) 8 Page - PHOENIX CONTACT

Back Button 0201702 Datasheet HTML 4Page - PHOENIX CONTACT 0201702 Datasheet HTML 5Page - PHOENIX CONTACT 0201702 Datasheet HTML 6Page - PHOENIX CONTACT 0201702 Datasheet HTML 7Page - PHOENIX CONTACT 0201702 Datasheet HTML 8Page - PHOENIX CONTACT 0201702 Datasheet HTML 9Page - PHOENIX CONTACT 0201702 Datasheet HTML 10Page - PHOENIX CONTACT 0201702 Datasheet HTML 11Page - PHOENIX CONTACT 0201702 Datasheet HTML 12Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
https://www.phoenixcontact.com/us/products/1873113
10.11.2013   Page 8 / 13
Printed-circuit board connector - FKC 2,5/ 8-ST-5,08 - 1873113
Accessories
Strain relief - STZ 8-FKC-5,08 - 1876880
Strain relief for snapping into the latching chambers of the plug components, 8-pos.
 
 
Additional products
Feed-through terminal block - UKK 3-MSTBVH-5,08 - 2770846
Feed-through terminal block, Nominal current: 12 A, Nominal voltage: 250 V, Cross section: 0.2 mm² - 4 mm²,
AWG: 24 - 12, Mounting type: NS 35/7,5, NS 35/15, NS 32, Number of positions: 1, Pitch: 5.08 mm, Width: 5.08,
Color: gray
 
 
Plug-in block - UMSTBVK 2,5/ 8-G-5,08 - 1788172
Plug component, Nominal current: 12 A, Rated voltage (III/2): 320 V, Number of positions: 8, Pitch: 5.08 mm, Connection
method: Screw connection, Color: green, Contact surface: Tin, Assembly: DIN rail
 
 
Feed-through terminal block - UK 3-MVSTB-5,08 - 3002076
Feed-through terminal block, Nominal current: 12 A, Nominal voltage: 250 V, Cross section: 0.2 mm² - 4 mm²,
AWG: 24 - 12, Mounting type: NS 32, NS 35/15, NS 35/7,5, Number of positions: 1, Pitch: 5.08 mm, Width: 5.1,
Color: gray
 
 
Feed-through terminal block - UK 3D-MSTBV-5,08 - 3002131
Feed-through terminal block, Connection method: Special and hybrid connection, Number of positions: 1, Cross section:
0.2 mm² - 4 mm², AWG: 24 - 12, Width: 5.08 mm, Color: gray, Mounting type: NS 32, NS 35/15, NS 35/7,5
 
 


Similar Part No. - 0201702

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0201702 PHOENIX-0201702 Datasheet
216Kb / 19P
   Feed-through terminal block - ST 2,5-QUATTRO BK - 3037452
0201702 PHOENIX-0201702 Datasheet
149Kb / 11P
   SC 2,5/10
0201702 PHOENIX-0201702 Datasheet
125Kb / 7P
   PIT 4-DIO 1N 5408/R-L
0201702 PHOENIX-0201702 Datasheet
108Kb / 6P
   PIT 2,5-QUATTRO-DIO/R-L
0201702 PHOENIX-0201702 Datasheet
154Kb / 11P
   SC 2,5/ 1-L
More results

Similar Description - 0201702

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1942439 PHOENIX-1942439 Datasheet
184Kb / 12P
   Printed-circuit board connector - FKC 2,5 HC/ 8-ST-5,08
09/12/2020
1792575 PHOENIX-1792575 Datasheet
104Kb / 7P
   Printed-circuit board connector - FKC 2,5/ 8-ST-5,08-LR
1796160 PHOENIX-1796160 Datasheet
59Kb / 3P
   Printed-circuit board connector - FKC 2,5/ 8-ST-5,08-RFEX
1873197 PHOENIX-1873197 Datasheet
226Kb / 14P
   Printed-circuit board connector - FKC 2,5/16-ST-5,08
1873087 PHOENIX-1873087 Datasheet
194Kb / 12P
   Printed-circuit board connector - FKC 2,5/ 5-ST-5,08
1875904 PHOENIX-1875904 Datasheet
150Kb / 11P
   Printed-circuit board connector - FKC 2,5/17-ST-5,08
1910416 PHOENIX-1910416 Datasheet
120Kb / 9P
   Printed-circuit board connector - FKC 2,5/ 8-ST
1925854 PHOENIX-1925854 Datasheet
70Kb / 5P
   Printed-circuit board connector - FKC 2,5/18-ST-5,08-RF
1936306 PHOENIX-1936306 Datasheet
83Kb / 4P
   Printed-circuit board connector - FKC 2,5/ 5-ST-5,08 BK
1792614 PHOENIX-1792614 Datasheet
102Kb / 7P
   Printed-circuit board connector - FKC 2,5/12-ST-5,08-LR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com