Electronic Components Datasheet Search |
|
0201702 Datasheet(PDF) 11 Page - PHOENIX CONTACT |
|
0201702 Datasheet(HTML) 11 Page - PHOENIX CONTACT |
11 / 13 page https://www.phoenixcontact.com/us/products/1873113 10.11.2013 Page 11 / 13 Printed-circuit board connector - FKC 2,5/ 8-ST-5,08 - 1873113 Accessories Base strip - EMSTBVA 2,5/ 8-G-5,08 - 1859577 Header, Nominal current: 12 A, Rated voltage (III/2): 320 V, Number of positions: 8, Pitch: 5.08 mm, Color: green, Contact surface: Tin, Assembly: Press-in Printed-circuit board connector - FKIC 2,5/ 8-ST-5,08 - 1873414 Plug component, Nominal current: 12 A, Rated voltage (III/2): 320 V, Number of positions: 8, Pitch: 5.08 mm, Connection method: Spring-cage conn., Color: green, Contact surface: Tin Base strip - MSTBA 2,5/ 8-G-5,08-LA - 1771008 Header, Nominal current: 12 A, Rated voltage (III/2): 320 V, Number of positions: 8, Pitch: 5.08 mm, Color: green, Contact surface: Tin, Assembly: Soldering Base strip - MSTBA 2,5/ 8-G-5,08 - 1757307 Header, Nominal current: 12 A, Rated voltage (III/2): 320 V, Number of positions: 8, Pitch: 5.08 mm, Color: green, Contact surface: Tin, Assembly: Soldering Base strip - MSTB 2,5/ 8-G-5,08-LA - 1770779 Header, Nominal current: 12 A, Rated voltage (III/2): 320 V, Number of positions: 8, Pitch: 5.08 mm, Color: green, Contact surface: Tin, Assembly: Soldering |
Similar Part No. - 0201702 |
|
Similar Description - 0201702 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |