Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0201647 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0201647
Description  Printed-circuit board connector - FKC 2,5/ 8-ST-5,08 - 1873113
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0201647 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0201647 Datasheet HTML 1Page - PHOENIX CONTACT 0201647 Datasheet HTML 2Page - PHOENIX CONTACT 0201647 Datasheet HTML 3Page - PHOENIX CONTACT 0201647 Datasheet HTML 4Page - PHOENIX CONTACT 0201647 Datasheet HTML 5Page - PHOENIX CONTACT 0201647 Datasheet HTML 6Page - PHOENIX CONTACT 0201647 Datasheet HTML 7Page - PHOENIX CONTACT 0201647 Datasheet HTML 8Page - PHOENIX CONTACT 0201647 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
https://www.phoenixcontact.com/us/products/1873113
10.11.2013   Page 1 / 13
Printed-circuit board connector - FKC 2,5/ 8-ST-5,08 - 1873113
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Plug component, Nominal current: 12 A, Rated voltage (III/2): 320 V, Number of positions: 8, Pitch: 5.08 mm,
Connection method: Spring-cage conn., Color: green, Contact surface: Tin
The figure shows a 10-position
version of the product
Product Features
 For larger numbers of positions up to 24-pos., visit: phoenixcontact.net/products
 Can be combined with the MSTB 2,5 range
 Fast conductor connection thanks to Push-in spring-cage connection
 Contacting of solid or stranded conductors with ferrules without actuating the opening lever directly in the terminal point
 Two test connections for accommodating 2 mm Ø test pins or 2.3 mm Ø test plug
 
Key commercial data
Packing unit
1 1
GTIN
Weight per Piece (excluding packing)
14.43 GRM
Custom tariff number
85366990
Country of origin
Germany
Technical data
Dimensions
Pitch
5.08 mm
Dimension a
35.56 mm
General
Range of articles
FKC 2,5/..-ST
Insulating material group
I


Similar Part No. - 0201647

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0201647 PHOENIX-0201647 Datasheet
46Kb / 2P
   Reducing plug, Color: gray
0201647 PHOENIX-0201647 Datasheet
106Kb / 4P
   QP 1,5/ 1-R
0201647 PHOENIX-0201647 Datasheet
170Kb / 5P
   FLK-D37 SUB/S
0201647 PHOENIX-0201647 Datasheet
144Kb / 5P
   MKDSP 1,5/ 5-5,08
0201647 PHOENIX-0201647 Datasheet
152Kb / 5P
   FKC 2,5 HC/12-STF-5,08
More results

Similar Description - 0201647

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1942439 PHOENIX-1942439 Datasheet
184Kb / 12P
   Printed-circuit board connector - FKC 2,5 HC/ 8-ST-5,08
09/12/2020
1792575 PHOENIX-1792575 Datasheet
104Kb / 7P
   Printed-circuit board connector - FKC 2,5/ 8-ST-5,08-LR
1796160 PHOENIX-1796160 Datasheet
59Kb / 3P
   Printed-circuit board connector - FKC 2,5/ 8-ST-5,08-RFEX
1873197 PHOENIX-1873197 Datasheet
226Kb / 14P
   Printed-circuit board connector - FKC 2,5/16-ST-5,08
1873087 PHOENIX-1873087 Datasheet
194Kb / 12P
   Printed-circuit board connector - FKC 2,5/ 5-ST-5,08
1875904 PHOENIX-1875904 Datasheet
150Kb / 11P
   Printed-circuit board connector - FKC 2,5/17-ST-5,08
1910416 PHOENIX-1910416 Datasheet
120Kb / 9P
   Printed-circuit board connector - FKC 2,5/ 8-ST
1925854 PHOENIX-1925854 Datasheet
70Kb / 5P
   Printed-circuit board connector - FKC 2,5/18-ST-5,08-RF
1936306 PHOENIX-1936306 Datasheet
83Kb / 4P
   Printed-circuit board connector - FKC 2,5/ 5-ST-5,08 BK
1792614 PHOENIX-1792614 Datasheet
102Kb / 7P
   Printed-circuit board connector - FKC 2,5/12-ST-5,08-LR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com