Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1876880 Datasheet(PDF) 10 Page - PHOENIX CONTACT

Part # 1876880
Description  Printed-circuit board connector - FKC 2,5/ 8-ST-5,08 - 1873113
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1876880 Datasheet(HTML) 10 Page - PHOENIX CONTACT

Back Button 1876880 Datasheet HTML 5Page - PHOENIX CONTACT 1876880 Datasheet HTML 6Page - PHOENIX CONTACT 1876880 Datasheet HTML 7Page - PHOENIX CONTACT 1876880 Datasheet HTML 8Page - PHOENIX CONTACT 1876880 Datasheet HTML 9Page - PHOENIX CONTACT 1876880 Datasheet HTML 10Page - PHOENIX CONTACT 1876880 Datasheet HTML 11Page - PHOENIX CONTACT 1876880 Datasheet HTML 12Page - PHOENIX CONTACT 1876880 Datasheet HTML 13Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
https://www.phoenixcontact.com/us/products/1873113
10.11.2013   Page 10 / 13
Printed-circuit board connector - FKC 2,5/ 8-ST-5,08 - 1873113
Accessories
Base strip - MSTBVK 2,5/ 8-G-5,08 - 1788787
Plug component, Nominal current: 12 A, Rated voltage (III/2): 320 V, Number of positions: 8, Pitch: 5.08 mm, Connection
method: Screw connection, Color: green, Contact surface: Tin, Assembly: DIN rail
 
 
Base strip - MVSTBU 2,5/ 8-GB-5,08 - 1788596
Plug component, Nominal current: 12 A, Rated voltage (III/2): 320 V, Number of positions: 8, Pitch: 5.08 mm, Connection
method: Screw connection, Color: green, Contact surface: Tin, Assembly: Direct mounting
 
 
Base strip - MDSTBVA 2,5/ 8-G-5,08 - 1845390
Header, Nominal current: 10 A, Rated voltage (III/2): 320 V, Number of positions: 8, Pitch: 5.08 mm, Color: green,
Contact surface: Tin, Assembly: Soldering, The article can be aligned to create different nos. of positions! In combination
with MVSTB or FKCV plug components, both an MVSTBW (or FKCVW) and an MVSTBR plug (or FKCVR) must be
used. Combination with TMSTBP plug components is not possible!
 
 
Base strip - MDSTBA 2,5/ 8-G-5,08 - 1842128
Header, Nominal current: 10 A, Rated voltage (III/2): 320 V, Number of positions: 8, Pitch: 5.08 mm, Color: green,
Contact surface: Tin, Assembly: Soldering, The article can be aligned to create different nos. of positions! In combination
with MVSTB or FKCV plug components, both an MVSTBW (or FKCVW) and an MVSTBR plug (or FKCVR) must be
used. Combination with TMSTBP plug components is not possible!
 
 
Base strip - EMSTBA 2,5/ 8-G-5,08 - 1880368
Header, Nominal current: 12 A, Rated voltage (III/2): 320 V, Number of positions: 8, Pitch: 5.08 mm, Color: green,
Contact surface: Tin, Assembly: Press-in
 
 


Similar Part No. - 1876880

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1876880 PHOENIX-1876880 Datasheet
135Kb / 6P
   FKICS 2,5/ 4-ST-5,08
1876880 PHOENIX-1876880 Datasheet
148Kb / 7P
   FKCS 2,5/ 2-ST-5,08
1876880 PHOENIX-1876880 Datasheet
148Kb / 7P
   FKCS 2,5/ 4-ST-5,08
1876880 PHOENIX-1876880 Datasheet
143Kb / 7P
   FKC 2,5/ 3-ST-5,08
1876880 PHOENIX-1876880 Datasheet
135Kb / 6P
   FKICS 2,5/ 3-ST-5,08
More results

Similar Description - 1876880

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1942439 PHOENIX-1942439 Datasheet
184Kb / 12P
   Printed-circuit board connector - FKC 2,5 HC/ 8-ST-5,08
09/12/2020
1792575 PHOENIX-1792575 Datasheet
104Kb / 7P
   Printed-circuit board connector - FKC 2,5/ 8-ST-5,08-LR
1796160 PHOENIX-1796160 Datasheet
59Kb / 3P
   Printed-circuit board connector - FKC 2,5/ 8-ST-5,08-RFEX
1873197 PHOENIX-1873197 Datasheet
226Kb / 14P
   Printed-circuit board connector - FKC 2,5/16-ST-5,08
1873087 PHOENIX-1873087 Datasheet
194Kb / 12P
   Printed-circuit board connector - FKC 2,5/ 5-ST-5,08
1875904 PHOENIX-1875904 Datasheet
150Kb / 11P
   Printed-circuit board connector - FKC 2,5/17-ST-5,08
1910416 PHOENIX-1910416 Datasheet
120Kb / 9P
   Printed-circuit board connector - FKC 2,5/ 8-ST
1925854 PHOENIX-1925854 Datasheet
70Kb / 5P
   Printed-circuit board connector - FKC 2,5/18-ST-5,08-RF
1936306 PHOENIX-1936306 Datasheet
83Kb / 4P
   Printed-circuit board connector - FKC 2,5/ 5-ST-5,08 BK
1792614 PHOENIX-1792614 Datasheet
102Kb / 7P
   Printed-circuit board connector - FKC 2,5/12-ST-5,08-LR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com