Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F2967L-P20-T Datasheet(PDF) 4 Page - Unisonic Technologies

Part # F2967L-P20-T
Description  FOR VARIABLE SPEED FAN MOTOR SINGLE-PHASE FULL-WAVE PRE-DRIVER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

F2967L-P20-T Datasheet(HTML) 4 Page - Unisonic Technologies

  F2967L-P20-T Datasheet HTML 1Page - Unisonic Technologies F2967L-P20-T Datasheet HTML 2Page - Unisonic Technologies F2967L-P20-T Datasheet HTML 3Page - Unisonic Technologies F2967L-P20-T Datasheet HTML 4Page - Unisonic Technologies F2967L-P20-T Datasheet HTML 5Page - Unisonic Technologies F2967L-P20-T Datasheet HTML 6Page - Unisonic Technologies F2967L-P20-T Datasheet HTML 7Page - Unisonic Technologies F2967L-P20-T Datasheet HTML 8Page - Unisonic Technologies F2967L-P20-T Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
F2967
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 9
www.unisonic.com.tw
QW-R109-036.a
ABSOLUTE MAXIMUM RATING (TA=25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Maximum Supply Voltage VCC
VCC max
18
V
Maximum Output Current
IOUT max
50
mA
Output Withstand Voltage
VOUT max
18
V
HB Maximum Output Current
HB
10
mA
VTH Input Pin Withstand Voltage
VTH max
8
V
RD/FG Output Pin Output Withstand Voltage
FG max
18
V
RD/FG Output Current
FG max
10
mA
Allowable Power
Dissipation
Mounted on a specified board (Note 2)
Pd max
800
mW
Operating Temperature
TOPR
-30~+95
°C
Storage Temperature
TSTG
-55~+150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Mounted on a specified board (114.3mm×76.1mm×1.6mm, Glass epoxy)
RECOMMENDED OPERATING RANGE (TA=25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
VCC Supply Voltage
VCC
6~16
V
VTH Input Level Voltage Range
Full Speed Mode
VTH
0~7
V
Hall Input Common Phase Input Voltage Range
VICM
0.2~3
V
ELECTRICAL CHARACTERISTICS (TA=25°C, VCC=12V, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Circuit Current
ICC1
During Drive
6
10
14
mA
ICC2
During Lock Protection
6
10
14
mA
6VREG Voltage
6VREG
I6VREG=5mA
5.80
6.0
6.15
V
VOVER Voltage
VOVER
12.0
12.8
13.6
V
CPWM-H Voltage
VCRH
4.35
4.55
4.75
V
CPWM-L Voltage
VCRL
1.45
1.65
1.85
V
CPWM Oscillation Frequency
FPWM
C=100pF
18
25
32
kHz
CT Pin H Voltage
VCTH
3.4
3.6
3.8
V
CT Pin L Voltage
VCTL
1.4
1.6
1.8
V
ICT Pin Charge Current
ICT1
1.6
2.0
2.5
μA
ICT Pin Discharge Current
ICT2
0.16
0.20
0.28
μA
ICT Charge/Discharge Current Ratio
RCT
8
10
12
deg
OUT-N Output Voltage
VON
IO=20mA
4
10
V
OUT-P Sink Current
IOP
15
20
mA
Sensitivity of Hall Input
VHN
Zero Peak Value (Including
Offset and Hysteresis)
10
20
mV
RD/FG Output Pin L Voltage
VFG
IFG=5mA
0.15
0.3
V
RD/FG Output Pin Leak Current
IFGL
VFG=16V
30
μA


Similar Part No. - F2967L-P20-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
F2967L-P20-T UTC-F2967L-P20-T Datasheet
226Kb / 9P
   FOR VARIABLE SPEED FAN MOTOR SINGLE-PHASE FULL-WAVE PRE-DRIVER
More results

Similar Description - F2967L-P20-T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LB11967V-TLM-H ONSEMI-LB11967V-TLM-H Datasheet
105Kb / 9P
   For Variable Speed Fan Motor Single-Phase Full-Wave Pre-Driver
May, 2013
logo
Sanyo Semicon Device
LB11967V SANYO-LB11967V Datasheet
158Kb / 9P
   For Variable Speed Fan Motor Single-Phase Full-Wave Pre-Driver
logo
Unisonic Technologies
F2967 UTC-F2967_15 Datasheet
226Kb / 9P
   FOR VARIABLE SPEED FAN MOTOR SINGLE-PHASE FULL-WAVE PRE-DRIVER
logo
Sanyo Semicon Device
LB11867RV SANYO-LB11867RV_11 Datasheet
370Kb / 9P
   For Fan Motor Variable Speed Single-phase Full-wave Pre-driver
logo
ON Semiconductor
LB11967V-TLM-E ONSEMI-LB11967V-TLM-E Datasheet
105Kb / 9P
   For Variable Speed Fan Motor Single-Phase Full-Wave Pre-Driver
May, 2013
logo
Sanyo Semicon Device
LB11867FV SANYO-LB11867FV_11 Datasheet
220Kb / 9P
   For Fan Motor Variable Speed Single-phase Full-wave Pre-driver
logo
Unisonic Technologies
F2967 UTC-F2967_18 Datasheet
199Kb / 9P
   FOR VARIABLE SPEED FAN MOTOR SINGLE-PHASE FULL-WAVE PRE-DRIVER
logo
Texas Instruments
TMP814 TI1-TMP814 Datasheet
534Kb / 12P
[Old version datasheet]   VARIABLE SPEED SINGLE-PHASE FULL-WAVE FAN MOTOR PRE-DRIVER
TMP815 TI1-TMP815 Datasheet
533Kb / 13P
[Old version datasheet]   VARIABLE-SPEED SINGLE-PHASE FULL-WAVE FAN-MOTOR PRE-DRIVER
TMP816 TI1-TMP816 Datasheet
531Kb / 12P
[Old version datasheet]   VARIABLE-SPEED SINGLE-PHASE FULL-WAVE FAN-MOTOR PRE-DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com