Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1902480-4 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 1902480-4
Description  XFP Products
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1902480-4 Datasheet(HTML) 1 Page - Tyco Electronics

  1902480-4 Datasheet HTML 1Page - Tyco Electronics 1902480-4 Datasheet HTML 2Page - Tyco Electronics 1902480-4 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
25
Catalog 1773408-1
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 2-09
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Pluggable Input / Output Solutions
Note: All part numbers are RoHS compliant.
Product Facts
I
10 Gb/s serial link
I
EMI containment features
I
Module to XFP Cage
I
XFP Cage to Chassis
I
Uses 30 pin surface mount
connector
I
Patented riding heat sink for
thermal management
I
Press fit cage termination
I
Designed to support
belly-to-belly applications
I
UL/CSA Report
File E28476
R
R
XFP was developed to pro-
vide 10Gb/s serial links for a
wide range of applications
including standards such as
OC192/STM-64, G.709, and
10 Gigabit Ethernet.
The cage /plug interface
features an intuitive latch
system, gasketing features
for excellent EMI contain-
ment, and was the first
pluggable interface to
incorporate patented riding
heat sink technology for
thermal dissipation. The
heat sink is mounted to the
cage using a clip, which
provides a load to maintain
contact between heat sink
and module. Heat sinks are
available in three heights,
and custom heat sinks are
possible. This heat sink
technology has extended to
SFP and QSFP applications.
The XFP connector is a 30
position PT connector, using
the same design as used
in SFP for established
performance and reliability.
Cages
Part Number
Description
PCB
Attachment
1489951-1
XFP Cage
Press Fit
1658871-1
XFP Cage w/Insulating Tape
Press Fit
1888101-1
XFP Cage without Rear Gasket
Press Fit
1658945-1
XFP Cage w/Insulating Tape & without Rear Gasket
Press Fit
1888116-1
XFP Kit: XFP Cage with SAN Heat Sink (6.5mm)
Press Fit
1888116-2
XFP Kit: XFP Cage with PCI Heat Sink (4.2mm)
Press Fit
1888065-1
XFP Kit: XFP Cage with Networking Heat Sink (13.5mm)
Press Fit
1888481-1
XFP Kit: XFP Cage w/insulating tape and SAN Heat Sink (6.5mm)
Press Fit
1888481-2
XFP Kit: XFP Cage w/insulating tape and PCI Heat Sink (4.2mm)
Press Fit
1888481-3
XFP Kit: XFP Cage w/insulating tape w/Networking Heat Sink (13.5mm)
Press Fit
Technical Documents
Instruction Sheet
408-8723
Application Specification
114-13096
Product Specifications
108-2127
XFP Standard
SFF Document INF-8077
Connectors, Heatsinks, and Accessories
Part Number
Description
788862-1
30 Pos SMT XFP Conn. 0.38 µm (15 µin) gold plating
788862-2
30 Pos SMT XFP Conn, 0.76 µm (30 µin) gold plating
30 Pos SMT XFP Conn, 0.76 µm (30 µin) gold plating
1367500-1
with contact treatment, and enhanced contact for
high speed signals
1489948-2
XFP Heat Sink Clip
1888810-2
XFP EMI/Dust Plug
1542656-2
SAN Heat Sink (6.5mm)
1542618-2
PCI Heat Sink (4.2mm)
1542706-2
Networking Heat Sink (13.5mm)
XFP Products
PCI is a trademark of PCI-SIG.


Similar Part No. - 1902480-4

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
190240004 MOLEX4-190240004 Datasheet
115Kb / 2P
   VibraKrimp??Quick Disconnect, Male, for 18-22 (0.80-0.35) Wire, Mylar Tape, Tab6.35mm (.250") x 0.81mm (.032")
190240007 MOLEX4-190240007 Datasheet
116Kb / 2P
   VibraKrimp??Quick Disconnect, Male, for 14-16 (2.00-1.30) Wire, Box, Tab 6.35mm(.250") x 0.81mm (.032")
190240008 MOLEX4-190240008 Datasheet
114Kb / 2P
   VibraKrimp??Quick Disconnect, Male, for 14-16 (2.00-1.30) Wire, Box, Tab 4.75mm(.187") x 0.51mm (.020")
logo
PHOENIX CONTACT
1902408 PHOENIX-1902408 Datasheet
149Kb / 5P
   DFK-MSTBA 2,5/12-GF-5,08
1902408 PHOENIX-1902408 Datasheet
156Kb / 5P
   MSTBV 2,5/12-GF-5,08
More results

Similar Description - 1902480-4

ManufacturerPart #DatasheetDescription
logo
MRV Communications, Inc...
EM316-2XFP MRV-EM316-2XFP Datasheet
141Kb / 3P
   XFP-to-XFP 10-Gigabit Repeaters
logo
DDK Ltd.
SPT-RSB30B-12-FG DDK-SPT-RSB30B-12-FG Datasheet
164Kb / 2P
   XFP Connector
logo
MRV Communications, Inc...
TM2-XFP MRV-TM2-XFP Datasheet
365Kb / 2P
   LambdaDriver 10 Gbps XFP - Dual Transponder Module (TM2-XFP)
logo
Finisar Corporation.
FDB-1022 FINISAR-FDB-1022 Datasheet
538Kb / 3P
   XFP Evaluation Board
logo
Source Photonics, Inc.
FTM-53X0C-X40G SOURCE-FTM-53X0C-X40G Datasheet
286Kb / 11P
   10G 1550nm XFP Transceiver
logo
List of Unclassifed Man...
SI5040-D-GM ETC2-SI5040-D-GM Datasheet
138Kb / 2P
   10 Gbps XFP Transceiver
logo
Silicon Laboratories
SI5040 SILABS-SI5040 Datasheet
131Kb / 2P
   10 Gbps XFP Transceiver
logo
Source Photonics, Inc.
FTM-83X0C-X03G SOURCE-FTM-83X0C-X03G Datasheet
300Kb / 11P
   10G 850nm XFP Transceiver
logo
Tyco Electronics
1489948-2 MACOM-1489948-2 Datasheet
22Kb / 1P
   HEAT SINK CLIP XFP
logo
MRV Communications, Inc...
XFP-10GD-SX MRV-XFP-10GD-SX Datasheet
59Kb / 2P
   10 Gigabit XFP Transceivers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com