Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1762567 Datasheet(PDF) 9 Page - PHOENIX CONTACT

Part # 1762567
Description  Printed-circuit board connector - FKC 2,5/ 8-ST-5,08 - 1873113
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1762567 Datasheet(HTML) 9 Page - PHOENIX CONTACT

Back Button 1762567 Datasheet HTML 5Page - PHOENIX CONTACT 1762567 Datasheet HTML 6Page - PHOENIX CONTACT 1762567 Datasheet HTML 7Page - PHOENIX CONTACT 1762567 Datasheet HTML 8Page - PHOENIX CONTACT 1762567 Datasheet HTML 9Page - PHOENIX CONTACT 1762567 Datasheet HTML 10Page - PHOENIX CONTACT 1762567 Datasheet HTML 11Page - PHOENIX CONTACT 1762567 Datasheet HTML 12Page - PHOENIX CONTACT 1762567 Datasheet HTML 13Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
https://www.phoenixcontact.com/us/products/1873113
10.11.2013   Page 9 / 13
Printed-circuit board connector - FKC 2,5/ 8-ST-5,08 - 1873113
Accessories
Feed-through terminal block - UK 3-MVSTB-5,08-LA 24RD - 3002102
Feed-through terminal block, Nominal current: 12 A, Nominal voltage: 250 V, Cross section: 0.2 mm² - 4 mm²,
AWG: 24 - 12, Mounting type: NS 32, NS 35/15, NS 35/7,5, Number of positions: 1, Pitch: 5.08 mm, Width: 5.08,
Color: gray
 
 
Feed-through terminal block - UK 3-MSTB-5,08 - 3002034
Feed-through terminal block, Connection method: Special and hybrid connection, Number of positions: 1, Cross section:
0.2 mm² - 4 mm², AWG: 24 - 12, Width: 5.08 mm, Color: gray, Mounting type: NS 32, NS 35/15, NS 35/7,5
 
 
Double-level terminal block - UKK 3-MSTB-5,08 - 2770888
Double-level modular terminal block with COMBICON plug-in zone, nominal current: 12 A, nominal voltage: 250 V, cross
section: 0.2 mm² - 4 mm², AWG: 24 - 12, mounting type: NS 35/7.5, NS 35/15, NS 32, pitch: 5.08 mm, width: 5.08, color:
gray
 
 
Feed-through terminal block - UKK 3-MSTB-5,08-PE - 1876615
Feed-through terminal block, Nominal current: 12 A, Nominal voltage: 320 V, Cross section: 0.2 mm² - 4 mm²,
AWG: 24 - 12, Mounting type: NS 35/7,5, NS 35/15, NS 32, Number of positions: 1, Pitch: 5.08 mm, Width: 5.08,
Color: green-yellow
 
 
Feed-through terminal block - ZFKK 1,5-MSTBV-5,08 - 1873016
Feed-through terminal block, Connection method: Special and hybrid connection, MSTB plug entry, Cross section:  0.2
mm² - 2.5 mm², Width: 5.08 mm, Color: gray, Mounting: NS 35/7,5, NS 35/15 / Ex data new /  / 
 
 


Similar Part No. - 1762567

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1762567 PHOENIX-1762567 Datasheet
149Kb / 8P
   MSTB 2,5/ 8-ST-5,08
1762567 PHOENIX-1762567 Datasheet
110Kb / 5P
   MSTB 2,5/ 8-ST-5,08 BD:1-8
1762567 PHOENIX-1762567 Datasheet
176Kb / 7P
   MVSTBR 2,5/ 8-ST-5,08
1762567 PHOENIX-1762567 Datasheet
156Kb / 7P
   MVSTBW 2,5/ 8-ST-5,08
1762567 PHOENIX-1762567 Datasheet
116Kb / 6P
   MSTB 2,5/ 8-ST-5,08 AU
More results

Similar Description - 1762567

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1942439 PHOENIX-1942439 Datasheet
184Kb / 12P
   Printed-circuit board connector - FKC 2,5 HC/ 8-ST-5,08
09/12/2020
1792575 PHOENIX-1792575 Datasheet
104Kb / 7P
   Printed-circuit board connector - FKC 2,5/ 8-ST-5,08-LR
1796160 PHOENIX-1796160 Datasheet
59Kb / 3P
   Printed-circuit board connector - FKC 2,5/ 8-ST-5,08-RFEX
1873197 PHOENIX-1873197 Datasheet
226Kb / 14P
   Printed-circuit board connector - FKC 2,5/16-ST-5,08
1873087 PHOENIX-1873087 Datasheet
194Kb / 12P
   Printed-circuit board connector - FKC 2,5/ 5-ST-5,08
1875904 PHOENIX-1875904 Datasheet
150Kb / 11P
   Printed-circuit board connector - FKC 2,5/17-ST-5,08
1910416 PHOENIX-1910416 Datasheet
120Kb / 9P
   Printed-circuit board connector - FKC 2,5/ 8-ST
1925854 PHOENIX-1925854 Datasheet
70Kb / 5P
   Printed-circuit board connector - FKC 2,5/18-ST-5,08-RF
1936306 PHOENIX-1936306 Datasheet
83Kb / 4P
   Printed-circuit board connector - FKC 2,5/ 5-ST-5,08 BK
1792614 PHOENIX-1792614 Datasheet
102Kb / 7P
   Printed-circuit board connector - FKC 2,5/12-ST-5,08-LR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com