Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6639MAXNOPB Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMH6639MAXNOPB
Description  LMH6639 190MHz Rail-to-Rail Output Amplifier with Disable
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6639MAXNOPB Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LMH6639MAXNOPB Datasheet HTML 1Page - National Semiconductor (TI) LMH6639MAXNOPB Datasheet HTML 2Page - National Semiconductor (TI) LMH6639MAXNOPB Datasheet HTML 3Page - National Semiconductor (TI) LMH6639MAXNOPB Datasheet HTML 4Page - National Semiconductor (TI) LMH6639MAXNOPB Datasheet HTML 5Page - National Semiconductor (TI) LMH6639MAXNOPB Datasheet HTML 6Page - National Semiconductor (TI) LMH6639MAXNOPB Datasheet HTML 7Page - National Semiconductor (TI) LMH6639MAXNOPB Datasheet HTML 8Page - National Semiconductor (TI) LMH6639MAXNOPB Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
LMH6639
www.ti.com
SNOS989G – JANUARY 2002 – REVISED MARCH 2013
5V Electrical Characteristics (continued)
Unless otherwise specified, all limits ensured for at TJ = 25°C, V
+ = 5V, V= 0V, V
O = VCM = V
+/2, and R
L = 2kΩ to V
+/2.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min(1)
Typ (2)
Max(1)
Units
ISC
Output Short Circuit Current
Sourcing to V+/2(7)
100
160
79
mA
Sinking from V+/2(7)
120
190
85
IOUT
Output Current
VO = 0.5V from either supply
110
mA
PSRR
Power Supply Rejection Ratio
See(6)
72
96
dB
IS
Supply Current (Enabled)
No Load
3.6
5.8
8.0
mA
Supply Current (Disabled)
0.40
0.8
1.0
TH_SD
Threshold Voltage for Shutdown
V+
−1.65
V
Mode
I_SD PIN
Shutdown Pin Input Current
SD Pin Connected to 0V(5)
−30
μA
TON
On Time after Shutdown
83
nsec
TOFF
Off Time to Shutdown
160
nsec
ROUT
Output Resistance Closed Loop
RF = 10kΩ, f = 1kHz, AV = −1
29
m
RF = 10kΩ, f = 1MHz, AV = −1
253
(7)
Short circuit test is a momentary test.
±5V Electrical Characteristics
Unless otherwise specified, all limits ensured for at TJ = 25°C, VSUPPLY = ±5V, VO = VCM = GND, and RL = 2kΩ to V
+/2.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min(1)
Typ(2)
Max(1)
Units
BW
−3dB BW
AV = +1
150
228
MHz
AV = −1
65
BW0.1dB
0.1dB Gain Flatness
RF = 2.26kΩ, RL = 1kΩ
18
MHz
FPBW
Full Power Bandwidth
AV = +1, VOUT = 2VPP, −1dB
29
MHz
GBW
Gain Bandwidth Product
AV = +1
90
MHz
en
Input-Referred Voltage Noise
RF = 33kΩ
f = 10kHz
19
nV/
√Hz
f = 1MHz
16
in
Input-Referred Current Noise
RF = 1MΩ
f = 10kHz
1.13
pA/
√Hz
f = 1MHz
0.34
THD
Total Harmonic Distortion
f = 5MHz, VO = 2VPP, AV = +2,
−71.2
dBc
RL = 1kΩ
DG
Differential Gain
NTSC, AV = +2
0.11
%
RL = 150Ω
DP
Differential Phase
NTSC, AV = +2
0.053
deg
RL = 150Ω
TS
Settling Time
VO = 2VPP, ±0.1%
33
ns
SR
Slew Rate
AV = −1
(3)
140
200
V/µs
VOS
Input Offset Voltage
1.03
5
mV
7
TC VOS
Input Offset Voltage Drift
See(4)
8
µV/°C
IB
Input Bias Current
See(5)
−1.40
−2.6
µA
−3.25
(1)
All limits are ensured by testing or statistical analysis.
(2)
Typical values represent the most likely parametric norm.
(3)
Slew rate is the average of the rising and falling slew rates.
(4)
Offset voltage average drift determined by dividing the change in VOS at temperature extremes into the total temperature change.
(5)
Positive current corresponds to current flowing into the device.
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMH6639


Similar Part No. - LMH6639MAXNOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6639MAX NSC-LMH6639MAX Datasheet
649Kb / 17P
   190MHz Rail-to-Rail Output Amplifier with Disable
logo
Texas Instruments
LMH6639MAX/NOPB TI1-LMH6639MAX/NOPB Datasheet
1Mb / 26P
[Old version datasheet]   LMH6639 190MHz Rail-to-Rail Output Amplifier with Disable
LMH6639MAX/NOPB TI1-LMH6639MAX/NOPB Datasheet
1Mb / 26P
[Old version datasheet]   190MHz Rail-to-Rail Output Amplifier with Disable
More results

Similar Description - LMH6639MAXNOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6639 TI1-LMH6639_16 Datasheet
1Mb / 26P
[Old version datasheet]   LMH6639 190MHz Rail-to-Rail Output Amplifier with Disable
logo
National Semiconductor ...
LMH6639 NSC-LMH6639 Datasheet
649Kb / 17P
   190MHz Rail-to-Rail Output Amplifier with Disable
logo
Texas Instruments
LMH6639 TI1-LMH6639_17 Datasheet
1Mb / 26P
[Old version datasheet]   190MHz Rail-to-Rail Output Amplifier with Disable
LMH6639 TI1-LMH6639 Datasheet
1Mb / 26P
[Old version datasheet]   190MHz Rail-to-Rail Output Amplifier with Disable
logo
Analog Devices
AD8041 AD-AD8041 Datasheet
250Kb / 16P
   160 MHz Rail-to-Rail Amplifier with Disable
REV. B
AD8041 AD-AD8041_15 Datasheet
505Kb / 17P
   160 MHz Rail-to-Rail Amplifier with Disable
REV. B
AD8041 AD-AD8041_17 Datasheet
311Kb / 18P
   160 MHz Rail-to-Rail Amplifier with Disable
logo
National Semiconductor ...
LMV422 NSC-LMV422 Datasheet
761Kb / 10P
   Dual Rail-to-Rail Output Operational Amplifier with
logo
Unisonic Technologies
LV321 UTC-LV321_18 Datasheet
427Kb / 10P
   RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
logo
Exar Corporation
LMV321 EXAR-LMV321 Datasheet
1Mb / 15P
   General Purpose, Rail-to-Rail Output Amplifier Rail-to-Rail Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com