Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMP8350MANOPB Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMP8350MANOPB
Description  LMP8350 Ultra Low Distortion Fully Differential Precision ADC Driver with Selectable Power Modes
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMP8350MANOPB Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMP8350MANOPB Datasheet HTML 1Page - National Semiconductor (TI) LMP8350MANOPB Datasheet HTML 2Page - National Semiconductor (TI) LMP8350MANOPB Datasheet HTML 3Page - National Semiconductor (TI) LMP8350MANOPB Datasheet HTML 4Page - National Semiconductor (TI) LMP8350MANOPB Datasheet HTML 5Page - National Semiconductor (TI) LMP8350MANOPB Datasheet HTML 6Page - National Semiconductor (TI) LMP8350MANOPB Datasheet HTML 7Page - National Semiconductor (TI) LMP8350MANOPB Datasheet HTML 8Page - National Semiconductor (TI) LMP8350MANOPB Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
LMP8350
www.ti.com
SNOSB80B – FEBRUARY 2011 – REVISED MARCH 2013
LMP8350 Ultra Low Distortion Fully Differential Precision ADC Driver with Selectable
Power Modes
Check for Samples: LMP8350
1
FEATURES
DESCRIPTION
The
LMP8350
is
an
ultra
low
distortion
fully
234
Differential Input and Output
differential
amplifier
designed
for
driving
high-
Tri-Level Power Settings with Shutdown
performance precision analog-to-digital converters
Ultra Low HD2/HD3 and THD+N Distortion
(ADC). As part of the PowerWise™ family, a unique
mode enable pin allows the user to choose from three
Adjustable Output Common Mode Level
different
operating
modes,
trading
power
Fully Balanced Differential Architecture
consumption for dynamic performance.
Single or Dual Supply Operation
The high power mode is optimized for highest AC
performance. The low noise, wide bandwidth and fast
APPLICATIONS
slew rate makes the LMP8350 ideal for driving 24bit
High Resolution Differential ADC Driver
ADCs with input sampling rates of 10MHz or less.
The medium power mode is optimized for precision
Portable instrumentation
DC performance, and can be used to drive 24-bit
Precision Line Driver
ADCs with input sampling rates of 6MHz or less. The
low
power
mode
is
a
trade-off
between
AC
KEY SPECIFICATIONS
performance
and
quiescent
current
for
power
sensitive applications. The disable mode fully shuts-
(TA = 25°C, VS = +10V, RL = 2kΩ//20pF, typical
down the amplifier for further standby power savings.
values unless otherwise specified)
The fully differential architecture of this device allows
Operating Voltage Range 4.5V to 12V
for easy implementation of a single-ended to fully-
Supply Current 3 to 13mA
differential output conversion. Driving a 3Vpp, 1kHz
Total THD+N @ 1KHz 0.000097%
output sine wave with the amplifier powered by ±3.3V
HD2 / HD3 Distortion @ 1KHz < –124 dBc
rails in high power mode yields 0.000098% THD+N.
Bandwidth 118 mHz
The LMP8350 is part of the LMP™ precision amplifier
family. It is offered in the 8-Pin SOIC package and
Settling to 0.1% 20 ns
has an operating temperature range of
−40°C to
Low Offset Drift 0.4 µV/°C
+85°C.
Offset Voltage 80µV
Voltage Noise 4.6nV/Hz
Operating temperature range
−40°C to +85°C
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
LMP is a trademark of Texas Instruments.
3
PowerWise is a trademark of National Semiconductor Corporation.
4
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2011–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LMP8350MANOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP8350MA TI1-LMP8350MA Datasheet
522Kb / 24P
[Old version datasheet]   Ultra Low Distortion Fully Differential Precision ADC Driver with Selectable Power Modes
LMP8350MA TI1-LMP8350MA Datasheet
1Mb / 36P
[Old version datasheet]   Ultra-Low Distortion Fully-Differential Precision ADC Driver
LMP8350MA/NOPB TI1-LMP8350MA/NOPB Datasheet
1Mb / 36P
[Old version datasheet]   Ultra-Low Distortion Fully-Differential Precision ADC Driver
LMP8350MAX TI1-LMP8350MAX Datasheet
522Kb / 24P
[Old version datasheet]   Ultra Low Distortion Fully Differential Precision ADC Driver with Selectable Power Modes
LMP8350MAX TI1-LMP8350MAX Datasheet
1Mb / 36P
[Old version datasheet]   Ultra-Low Distortion Fully-Differential Precision ADC Driver
More results

Similar Description - LMP8350MANOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP8350 TI-LMP8350_15 Datasheet
957Kb / 36P
[Old version datasheet]   LMP8350 Ultra-Low Distortion Fully-Differential Precision ADC Driver With Selectable Power Modes
LMP8350 TI1-LMP8350 Datasheet
522Kb / 24P
[Old version datasheet]   Ultra Low Distortion Fully Differential Precision ADC Driver with Selectable Power Modes
LMP8350 TI1-LMP8350_16 Datasheet
1Mb / 36P
[Old version datasheet]   Ultra-Low Distortion Fully-Differential Precision ADC Driver
logo
Analog Devices
ADA4938-1 AD-ADA4938-1_07 Datasheet
298Kb / 14P
   Ultra-Low Distortion Differential ADC Driver
Rev. PrD
ADA4937-1 AD-ADA4937-1 Datasheet
248Kb / 9P
   Ultra-Low Distortion Differential ADC Driver
Rev. PrA
ADA4938-1 AD-ADA4938-1_06 Datasheet
278Kb / 9P
   Ultra-Low Distortion Differential ADC Driver
Rev. PrA
ADA4940-1 AD-ADA4940-1_18 Datasheet
1Mb / 30P
   Ultralow Power, Low Distortion, Fully Differential ADC Drivers
ADA4940-1 AD-ADA4940-1_16 Datasheet
1Mb / 30P
   Ultralow Power, Low Distortion, Fully Differential ADC Drivers
AD8138 AD-AD8138 Datasheet
534Kb / 16P
   Low Distortion Differential ADC Driver
REV. E
AD8138 AD-AD8138_15 Datasheet
583Kb / 25P
   Low Distortion Differential ADC Driver
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com