Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0201728 Datasheet(PDF) 11 Page - PHOENIX CONTACT

Part # 0201728
Description  Feed-through terminal block - ST 2,5-QUATTRO BK - 3037452
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0201728 Datasheet(HTML) 11 Page - PHOENIX CONTACT

Back Button 0201728 Datasheet HTML 7Page - PHOENIX CONTACT 0201728 Datasheet HTML 8Page - PHOENIX CONTACT 0201728 Datasheet HTML 9Page - PHOENIX CONTACT 0201728 Datasheet HTML 10Page - PHOENIX CONTACT 0201728 Datasheet HTML 11Page - PHOENIX CONTACT 0201728 Datasheet HTML 12Page - PHOENIX CONTACT 0201728 Datasheet HTML 13Page - PHOENIX CONTACT 0201728 Datasheet HTML 14Page - PHOENIX CONTACT 0201728 Datasheet HTML 15Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
https://www.phoenixcontact.com/us/products/3037452
12/30/13   Page 11 / 19
Feed-through terminal block - ST 2,5-QUATTRO BK - 3037452
Accessories
Insulation stop sleeve - ISH 2,5/1,0 - 3002869
Insulation stop sleeve, Color: black
 
 
Labeled terminal marker
Warning cover - WST 2,5 - 3030941
Warning cover, 5-pos., for terminal width: 5.2 mm
 
 
Zack marker strip - ZB 5 CUS - 0824962
Zack marker strip, Can be ordered: Strip, white, Labeled according to customer specifications, Mounting type: Snap into
tall marker groove, For terminal block width: 5.2 mm, Lettering field: 5.15 x 10.5 mm
 
 
Marker for terminal blocks - UC-TM 5 CUS - 0824581
Marker for terminal blocks, Can be ordered: By sheet, white, Labeled according to customer specifications, Mounting
type: Snap into tall marker groove, For terminal block width: 5.2 mm, Lettering field: 10.5 x 4.6 mm
 
 
Marker for terminal blocks - UCT-TM 5 CUS - 0829595
Marker for terminal blocks, Can be ordered: By sheet, white, Labeled according to customer specifications, Mounting
type: Snap into tall marker groove, Lettering field: 4.6 x 10.5 mm
 
 


Similar Part No. - 0201728

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0201728 PHOENIX-0201728 Datasheet
194Kb / 13P
   MKDSP 10N/ 4-10,16
0201728 PHOENIX-0201728 Datasheet
113Kb / 6P
   PIT 2,5 BU
0201728 PHOENIX-0201728 Datasheet
184Kb / 22P
   Disconnect terminal block - PT 1,5/S-TG
0201728 PHOENIX-0201728 Datasheet
128Kb / 6P
   PITTB 4
0201728 PHOENIX-0201728 Datasheet
155Kb / 5P
   FKC 2,5 HC/12-ST-5,08
More results

Similar Description - 0201728

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3214424 PHOENIX-3214424 Datasheet
186Kb / 19P
   Feed-through terminal block - PT 2,5-QUATTRO BK
3037436 PHOENIX-3037436 Datasheet
737Kb / 29P
   Feed-through terminal block - ST 2,5-QUATTRO YE
3040669 PHOENIX-3040669 Datasheet
512Kb / 47P
   Feed-through terminal block - ST 2,5-QUATTRO/2P BU
09/12/2020
3211993 PHOENIX-3211993 Datasheet
252Kb / 22P
   Feed-through terminal block - PTS 2,5-QUATTRO
09/12/2020
3034057 PHOENIX-3034057 Datasheet
65Kb / 4P
   Feed-through terminal block - DT 2,5-QUATTRO
3206446 PHOENIX-3206446 Datasheet
322Kb / 27P
   Feed-through terminal block - QTC 2,5-QUATTRO
3054341 PHOENIX-3054341 Datasheet
166Kb / 19P
   Feed-through terminal block - DT 2,5-QUATTRO-MT
3213124 PHOENIX-3213124 Datasheet
68Kb / 6P
   Feed-through terminal block - ST 1,5/S-QUATTRO
1291928 PHOENIX-1291928 Datasheet
687Kb / 28P
   Feed-through terminal block - PTV 6-QUATTRO BK
1002940 PHOENIX-1002940 Datasheet
90Kb / 5P
   Feed-through terminal block - ST 4-QUATTRO OG
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com