Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1204119 Datasheet(PDF) 5 Page - PHOENIX CONTACT

Part # 1204119
Description  Feed-through terminal block - ST 2,5-QUATTRO BK - 3037452
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1204119 Datasheet(HTML) 5 Page - PHOENIX CONTACT

  1204119 Datasheet HTML 1Page - PHOENIX CONTACT 1204119 Datasheet HTML 2Page - PHOENIX CONTACT 1204119 Datasheet HTML 3Page - PHOENIX CONTACT 1204119 Datasheet HTML 4Page - PHOENIX CONTACT 1204119 Datasheet HTML 5Page - PHOENIX CONTACT 1204119 Datasheet HTML 6Page - PHOENIX CONTACT 1204119 Datasheet HTML 7Page - PHOENIX CONTACT 1204119 Datasheet HTML 8Page - PHOENIX CONTACT 1204119 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
https://www.phoenixcontact.com/us/products/3037452
12/30/13   Page 5 / 19
Feed-through terminal block - ST 2,5-QUATTRO BK - 3037452
Approvals
 
 
Nominal current IN
24 A
Nominal voltage UN
800 V
IECEE CB Scheme 
 
 
mm²/AWG/kcmil
2.5
Nominal voltage UN
800 V
VDE Gutachten mit Fertigungsüberwachung 
 
 
mm²/AWG/kcmil
0.2-2.5
Nominal current IN
24 A
Nominal voltage UN
800 V
CSA 
 
B
C
mm²/AWG/kcmil
28-12
28-12
Nominal current IN
20 A
20 A
Nominal voltage UN
600 V
600 V
cULus Recognized 
Accessories
Accessories
Bridge


Similar Part No. - 1204119

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1204119 PHOENIX-1204119 Datasheet
180Kb / 22P
   Ground modular terminal block - PT 2,5-QUATTRO-PE BK
1204119 PHOENIX-1204119 Datasheet
188Kb / 23P
   Protective conductor double-level terminal block - PTTBS 2,5-PE/L
1204119 PHOENIX-1204119 Datasheet
203Kb / 26P
   Knife disconnect terminal block - PT 2,5-MTB
1204119 PHOENIX-1204119 Datasheet
184Kb / 22P
   Disconnect terminal block - PT 1,5/S-TG
1204119 PHOENIX-1204119 Datasheet
182Kb / 20P
   Installation level terminal block - PTB 2,5-PE/L/TG
More results

Similar Description - 1204119

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3214424 PHOENIX-3214424 Datasheet
186Kb / 19P
   Feed-through terminal block - PT 2,5-QUATTRO BK
3037436 PHOENIX-3037436 Datasheet
737Kb / 29P
   Feed-through terminal block - ST 2,5-QUATTRO YE
3040669 PHOENIX-3040669 Datasheet
512Kb / 47P
   Feed-through terminal block - ST 2,5-QUATTRO/2P BU
09/12/2020
3211993 PHOENIX-3211993 Datasheet
252Kb / 22P
   Feed-through terminal block - PTS 2,5-QUATTRO
09/12/2020
3034057 PHOENIX-3034057 Datasheet
65Kb / 4P
   Feed-through terminal block - DT 2,5-QUATTRO
3206446 PHOENIX-3206446 Datasheet
322Kb / 27P
   Feed-through terminal block - QTC 2,5-QUATTRO
3054341 PHOENIX-3054341 Datasheet
166Kb / 19P
   Feed-through terminal block - DT 2,5-QUATTRO-MT
3213124 PHOENIX-3213124 Datasheet
68Kb / 6P
   Feed-through terminal block - ST 1,5/S-QUATTRO
1291928 PHOENIX-1291928 Datasheet
687Kb / 28P
   Feed-through terminal block - PTV 6-QUATTRO BK
1002940 PHOENIX-1002940 Datasheet
90Kb / 5P
   Feed-through terminal block - ST 4-QUATTRO OG
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com