Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4502CDGNR Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4502CDGNR
Description  Wideband, Low-Distortion Fully Differential Amplifiers
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4502CDGNR Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button THS4502CDGNR Datasheet HTML 7Page - National Semiconductor (TI) THS4502CDGNR Datasheet HTML 8Page - National Semiconductor (TI) THS4502CDGNR Datasheet HTML 9Page - National Semiconductor (TI) THS4502CDGNR Datasheet HTML 10Page - National Semiconductor (TI) THS4502CDGNR Datasheet HTML 11Page - National Semiconductor (TI) THS4502CDGNR Datasheet HTML 12Page - National Semiconductor (TI) THS4502CDGNR Datasheet HTML 13Page - National Semiconductor (TI) THS4502CDGNR Datasheet HTML 14Page - National Semiconductor (TI) THS4502CDGNR Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 49 page
background image
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0
1
2
3
4
5
6
HD2
HD3
HARMONIC DISTORTION
vs
OUTPUT VOLTAGE SWING
VO - Output Voltage Swing - V
Single-Ended Input to
Differential Output
Gain = 1
RL = 800 Ω
Rf = 499 Ω
f= 30 MHz
VS = ±5 V
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0.1
1
10
100
HD2
HD3
HARMONIC DISTORTION
vs
FREQUENCY
f - Frequency - MHz
Single-Ended Input to
Differential Output
Gain = 2
RL = 800 Ω
Rf = 499 Ω
VO = 1 VPP
VS = ±5 V
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0
1
2
3
4
5
6
HD2
HD3
HARMONIC DISTORTION
vs
OUTPUT VOLTAGE SWING
Differential Input to
Differential Output
Gain = 1
RL = 800 Ω
Rf = 499 Ω
VO = 30 VPP
VS = ±5 V
VO - Output Voltage Swing - V
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0.1
1
10
100
0
HD2
HD3
HARMONIC DISTORTION
vs
FREQUENCY
f - Frequency - MHz
Differential Input to
Differential Output
Gain = 1
RL = 800 Ω
Rf = 499 Ω
VO = 1 VPP
VS = ±5 V
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0.1
1
10
100
HD2
HD3
HARMONIC DISTORTION
vs
FREQUENCY
f - Frequency - MHz
Single-Ended Input to
Differential Output
Gain = 2
RL = 800 Ω
Rf = 499 Ω
VO = 2 VPP
VS = ±5 V
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0.1
1
10
100
HD2
HD3
HARMONIC DISTORTION
vs
FREQUENCY
f - Frequency - MHz
Differential Input to
Differential Output
Gain = 2
RL = 800 Ω
Rf = 499 Ω
VO = 2 VPP
VS = ±5 V
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0
1
2
3
4
5
6
7
8
9
10
HD2
HD3
HARMONIC DISTORTION
vs
OUTPUT VOLTAGE SWING
VO - Output Voltage Swing - V
Single-Ended Input to
Differential Output
Gain = 2
RL = 800 Ω
Rf = 1.3 kΩ
f= 8 MHz
VS = ±5 V
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0
1
2
3
4
5
6
7
8
9
10
HD2
HD3
HARMONIC DISTORTION
vs
OUTPUT VOLTAGE SWING
VO - Output Voltage Swing - V
Differential Input to
Differential Output
Gain = 2
RL = 800 Ω
Rf = 1.3 kΩ
f= 8 MHz
VS = ±5 V
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0
1
2
3
4
5
6
7
8
9
10
HD2
HD3
HARMONIC DISTORTION
vs
OUTPUT VOLTAGE SWING
VO - Output Voltage Swing - V
Single-Ended Input to
Differential Output
Gain = 2
RL = 800 Ω
Rf = 1.3 kΩ
f= 30 MHz
VS = ±5 V
THS4502
THS4503
www.ti.com
SLOS352E
– APRIL 2002 – REVISED OCTOBER 2011
TYPICAL CHARACTERISTICS (
±5 V Graphs) (continued)
Figure 10.
Figure 11.
Figure 12.
Figure 13.
Figure 14.
Figure 15.
Figure 16.
Figure 17.
Figure 18.
Copyright
© 2002–2011, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): THS4502 THS4503


Similar Part No. - THS4502CDGNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4502CDGNR TI-THS4502CDGNR Datasheet
609Kb / 40P
[Old version datasheet]   WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
THS4502CDGNR TI1-THS4502CDGNR Datasheet
1Mb / 48P
[Old version datasheet]   Wideband, Low-Distortion Fully Differential Amplifiers
THS4502CDGNRG4 TI-THS4502CDGNRG4 Datasheet
609Kb / 40P
[Old version datasheet]   WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
More results

Similar Description - THS4502CDGNR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
THS4504 NSC-THS4504 Datasheet
1Mb / 45P
   WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
THS4503-EP NSC-THS4503-EP Datasheet
1Mb / 40P
   WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
logo
Texas Instruments
THS4503-EP TI1-THS4503-EP_17 Datasheet
1Mb / 40P
[Old version datasheet]   WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
THS4502 TI1-THS4502_16 Datasheet
1Mb / 48P
[Old version datasheet]   Wideband, Low-Distortion Fully Differential Amplifiers
THS4503-EP TI1-THS4503-EP Datasheet
768Kb / 38P
[Old version datasheet]   WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
THS4505 TI-THS4505 Datasheet
1Mb / 38P
[Old version datasheet]   WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
logo
National Semiconductor ...
THS4501 NSC-THS4501 Datasheet
1Mb / 48P
   WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
logo
Texas Instruments
THS4500IDR TI1-THS4500IDR Datasheet
1Mb / 48P
[Old version datasheet]   WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
THS4500 TI-THS4500 Datasheet
585Kb / 37P
[Old version datasheet]   WIDEBAND, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
THS4502 TI-THS4502 Datasheet
609Kb / 40P
[Old version datasheet]   WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com