Electronic Components Datasheet Search |
|
THS4511RGTT Datasheet(PDF) 4 Page - National Semiconductor (TI) |
|
|
THS4511RGTT Datasheet(HTML) 4 Page - National Semiconductor (TI) |
4 / 35 page THS4511 SLOS471E – SEPTEMBER 2005 – REVISED NOVEMBER 2009 www.ti.com ELECTRICAL CHARACTERISTICS: VS+ – VS– = 5 V Test conditions unless otherwise noted: VS+ = 5 V, VS– = 0 V, G = 0 dB, CM = open, VO = 2 VPP, RF = 349 Ω, RL = 200 Ω differential, T = +25°C single-ended input, differential output, input referenced to ground, and output referenced to midsupply. THS4511 TEST PARAMETER TEST CONDITIONS MIN TYP MAX UNITS LEVEL(1) AC PERFORMANCE (see Figure 38) G = 0 dB, VO = 100 mVPP 1.6 Small-Signal Bandwidth GHz G = 6 dB, VO = 100 mVPP 1.4 Gain-Bandwidth Product 2 GHz G = 0 dB, VO = 2 VPP 160 Bandwidth for 0.1-dB flatness MHz G = 6 dB, VO = 2 VPP 620 Large-Signal Bandwidth G = 10 dB, VO = 2 VPP 1.35 GHz Slew Rate (Differential) 4900 V/µs Rise Time VO = 2-V Step 0.5 ns Fall Time 0.5 ns Settling Time to 1% 3.3 ns Settling Time to 0.1% 16 ns f = 10 MHz –117 f = 50 MHz –80 2nd Order Harmonic Distortion f = 100 MHz –64 dBc f = 10 MHz –106 C f = 50 MHz –92 3rd Order Harmonic Distortion f = 100 MHz –80 fC = 70 MHz –78 2nd Order Intermodulation Distortion fC = 140 MHz –56 200-kHz tone spacing, dBc RL = 100 Ω fC = 70 MHz –88 3rd Order Intermodulation Distortion fC = 140 MHz –71.4 fC = 70 MHz 76.3 2nd Order Output Intercept Point fC = 140 MHz 53.4 200-kHz tone spacing, dBm RL = 100 Ω fC = 70 MHz 42 3rd Order Output Intercept Point fC = 140 MHz 34 fC = 70 MHz 12.2 1-dB Compression Point(2) dBm fC = 140 MHz 10.8 Noise Figure 50- Ω system, 10 MHz 21.8 dB Input Voltage Noise f > 10 MHz 2 nV/ √Hz Input Current Noise f > 10 MHz 1.5 pA/ √Hz DC PERFORMANCE Open-Loop Voltage Gain (AOL) 63 dB C TA = +25°C 1 4 Input Offset Voltage mV A TA = –40°C to +85°C 1 5 Average Offset Voltage Drift 2.3 µV/°C B TA = +25°C 1.75 8 15.5 Input Bias Current µA A TA = –40°C to +85°C 8 18.5 Average Bias Current Drift 20 nA/°C B TA = +25°C 0.5 3.6 Input Offset Current µA A TA = –40°C to +85°C 0.5 7 Average Offset Current Drift 7 nA/°C B (1) Test levels: (A) 100% tested at +25°C. Over-temperature limits by characterization and simulation. (B) Limits set by characterization and simulation. (C) Typical value only for information. (2) The 1-dB compression point is measured at the load with 50- Ω double termination. Add 3 dB to refer to amplifier output. 4 Submit Documentation Feedback Copyright © 2005–2009, Texas Instruments Incorporated Product Folder Link(s): THS4511 |
Similar Part No. - THS4511RGTT |
|
Similar Description - THS4511RGTT |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |