Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4520RGTTG4 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4520RGTTG4
Description  WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4520RGTTG4 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button THS4520RGTTG4 Datasheet HTML 5Page - National Semiconductor (TI) THS4520RGTTG4 Datasheet HTML 6Page - National Semiconductor (TI) THS4520RGTTG4 Datasheet HTML 7Page - National Semiconductor (TI) THS4520RGTTG4 Datasheet HTML 8Page - National Semiconductor (TI) THS4520RGTTG4 Datasheet HTML 9Page - National Semiconductor (TI) THS4520RGTTG4 Datasheet HTML 10Page - National Semiconductor (TI) THS4520RGTTG4 Datasheet HTML 11Page - National Semiconductor (TI) THS4520RGTTG4 Datasheet HTML 12Page - National Semiconductor (TI) THS4520RGTTG4 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
www.ti.com
-2
2
4
6
8
10
12
14
16
18
20
22
0.1
1
10
100
1000
f-Frequency-MHz
R =499
R =200
F
L
W
W
VO =100mV
V = 2.5V
PP
S
±
0
G=20dB
G=14dB
G=10dB
G=0dB
G=6dB
-2
2
4
6
8
10
12
14
16
18
20
22
0.1
1
10
100
1000
f-Frequency-MHz
R =499
R =200
F
L
W
W
VO =2V
V = 2.5V
PP
S
±
0
G=20dB
G=14dB
G=10dB
G=0dB
G=6dB
-110
-100
-90
-80
-70
-60
-50
f-Frequency-MHz
10
100
1
R =2k
L
W
R =499
,
V
=2V
,
V
=±2.5V
F
O
PP
S
W
R =200
L
W
R =1k
L
W
R =500
L
W
-110
-100
-90
-80
-70
-60
-50
1
f-Frequency-MHz
10
100
R =499
,
V
=2V
,
V
=±2.5V
F
O
PP
S
W
R =1k
L
W
R =500
L
W
R =2k
L
W
R =200
L
W
-110
-100
-90
-80
-70
-60
-50
f-Frequency-MHz
1
100
R =200
L
W
R =500
L
W
R =1k
L
W
R =2k
L
W
10
R =499
,
V
=4V
,
V
=±2.5V
F
O
PP
S
W
-110
-100
-90
-80
-70
-60
-50
1
f-Frequency-MHz
10
100
R =499
,
V
=4V
,
V
=±2.5V
F
O
PP
S
W
R =200
L
W
R =500
L
W
R =2k
L
W
R =1k
L
W
THS4520
SLOS503B – SEPTEMBER 2006 – REVISED JULY 2007
SMALL-SIGNAL
FREQUENCY RESPONSE
LARGE-SIGNAL FREQUENCY RESPONSE
Figure 1.
Figure 2.
HD2 vs FREQUENCY
HD3 vs FREQUENCY
VO = 2VPP
VO = 2VPP
Figure 3.
Figure 4.
HD2 vs FREQUENCY
HD3 vs FREQUENCY
VO = 4VPP
VO = 4VPP
Figure 5.
Figure 6.
9
Submit Documentation Feedback


Similar Part No. - THS4520RGTTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4520RGTTG4 TI-THS4520RGTTG4 Datasheet
1,002Kb / 23P
[Old version datasheet]   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER WITH RAIL-TO-RAIL OUTPUTS
More results

Similar Description - THS4520RGTTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4509 TI-THS4509 Datasheet
2Mb / 30P
[Old version datasheet]   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4511 TI1-THS4511_14 Datasheet
1Mb / 36P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION FULLY-DIFFERENTIAL AMPLIFIER
logo
National Semiconductor ...
THS4509 NSC-THS4509 Datasheet
1Mb / 42P
   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
logo
Texas Instruments
THS4509 TI1-THS4509_14 Datasheet
1Mb / 43P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
THS4509-Q1 TI1-THS4509-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   WIDEBAND LOW-NOISE LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4513 TI-THS4513 Datasheet
3Mb / 34P
[Old version datasheet]   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4513 TI1-THS4513_13 Datasheet
1Mb / 41P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION,FULLY-DIFFERENTIAL AMPLIFIER
THS4513 TI1-THS4513_14 Datasheet
1Mb / 42P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION FULLY-DIFFERENTIAL AMPLIFIER
logo
National Semiconductor ...
THS4509-Q1 NSC-THS4509-Q1 Datasheet
2Mb / 40P
   WIDEBAND LOW-NOISE LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4511 NSC-THS4511 Datasheet
1Mb / 35P
   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com