Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS770006IRGER Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS770006IRGER
Description  Broadband, Fully-Differential, 14-/16-Bit ADC DRIVER AMPLIFIER
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS770006IRGER Datasheet(HTML) 5 Page - National Semiconductor (TI)

  THS770006IRGER Datasheet HTML 1Page - National Semiconductor (TI) THS770006IRGER Datasheet HTML 2Page - National Semiconductor (TI) THS770006IRGER Datasheet HTML 3Page - National Semiconductor (TI) THS770006IRGER Datasheet HTML 4Page - National Semiconductor (TI) THS770006IRGER Datasheet HTML 5Page - National Semiconductor (TI) THS770006IRGER Datasheet HTML 6Page - National Semiconductor (TI) THS770006IRGER Datasheet HTML 7Page - National Semiconductor (TI) THS770006IRGER Datasheet HTML 8Page - National Semiconductor (TI) THS770006IRGER Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
THS770006
www.ti.com
SBOS520B
– JULY 2010 – REVISED JANUARY 2012
ELECTRICAL CHARACTERISTICS (continued)
Test conditions are at TA = +25°C, VS+ = +5V, VOCM = +2.5V, VOUT = 2VPP, RL = 400Ω differential, G = +6dB, differential input
and output, and input and output referenced to midsupply, unless otherwise noted. Measured using evaluation module as
discussed in Test Circuits section.
TEST
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LEVEL(1)
POWER SUPPLY
Specified operating voltage
4.75
5
5.25
V
C
TA = +25°C
85
100
115
mA
A
Quiescent current
TA = –40°C to +85°C
80
125
mA
B
TA = +25°C, VCC ±0.25V
60
90
dB
A
Power-supply rejection ratio
TA = –40°C to +85°C, VCC ±0.5V
59
dB
B
POWER-DOWN
Enable voltage threshold
Device powers on below 0.5V
0.5
V
A
Disable voltage threshold
Device powers down above 2.0V
2
V
A
Power-down quiescent current
0.8
3
mA
A
Input bias current
80
100
µA
A
Turn-on time delay
Time to VOUT = 90% of final value
10
µs
C
Turn-off time delay
Time to VOUT = 10% of original value
0.15
µs
C
THERMAL CHARACTERISTICS
Specified operating range
–40
+85
°C
C
Thermal resistance,
θJC
(3)
Junction to case (bottom)
8.9
°C/W
C
Thermal resistance,
θJA
(3)
Junction to ambient
44.1
°C/W
C
(3)
Tested using JEDEC High-K test PCB. Thermal management of the final printed circuit board (PCB) should keep the junction
temperature below +125
°C for long term reliability.
Copyright
© 2010–2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): THS770006


Similar Part No. - THS770006IRGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS770006IRGER TI-THS770006IRGER Datasheet
1,006Kb / 36P
[Old version datasheet]   Broadband, Fully-Differential, 14-/16-Bit ADC DRIVER AMPLIFIER
More results

Similar Description - THS770006IRGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS770012 TI-THS770012_15 Datasheet
1Mb / 35P
[Old version datasheet]   Broadband, Fully-Differential, 14-/16-Bit ADC Driver Amplifier
THS770006 TI1-THS770006_14 Datasheet
1Mb / 40P
[Old version datasheet]   Broadband, Fully-Differential, 14-/16-Bit ADC DRIVER AMPLIFIER
THS770012 TI1-THS770012_14 Datasheet
1Mb / 36P
[Old version datasheet]   Broadband, Fully-Differential, 14-/16-Bit ADC Driver Amplifier
THS770012 TI1-THS770012 Datasheet
1Mb / 35P
[Old version datasheet]   Broadband, Fully-Differential, 14-/16-Bit ADC Driver Amplifier
THS770006 TI-THS770006_10 Datasheet
1,006Kb / 36P
[Old version datasheet]   Broadband, Fully-Differential, 14-/16-Bit ADC DRIVER AMPLIFIER
logo
Maxim Integrated Produc...
MAX11901 MAXIM-MAX11901 Datasheet
1Mb / 29P
   16-Bit, 1.6Msps, Low-Power, Fully Differential SAR ADC
2018
MAX11900 MAXIM-MAX11900 Datasheet
969Kb / 29P
   16-Bit, 1Msps, Low-Power, Fully Differential SAR ADC
2018
logo
Analog Devices
LTC6409 AD-LTC6409 Datasheet
432Kb / 24P
   Differential Amplifier/ADC Driver
AD8476 AD-AD8476_16 Datasheet
572Kb / 25P
   Low Power, Unity Gain, Fully Differential Amplifier and ADC Driver
logo
Linear Technology
LTC6430 LINER-LTC6430 Datasheet
718Kb / 12P
   15dB Differential Amplifier and 14-Bit, 310Msps Dual ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com