Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0201647 Datasheet(PDF) 8 Page - PHOENIX CONTACT

Part # 0201647
Description  Feed-through terminal block - ST 2,5-QUATTRO BK - 3037452
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0201647 Datasheet(HTML) 8 Page - PHOENIX CONTACT

Back Button 0201647 Datasheet HTML 4Page - PHOENIX CONTACT 0201647 Datasheet HTML 5Page - PHOENIX CONTACT 0201647 Datasheet HTML 6Page - PHOENIX CONTACT 0201647 Datasheet HTML 7Page - PHOENIX CONTACT 0201647 Datasheet HTML 8Page - PHOENIX CONTACT 0201647 Datasheet HTML 9Page - PHOENIX CONTACT 0201647 Datasheet HTML 10Page - PHOENIX CONTACT 0201647 Datasheet HTML 11Page - PHOENIX CONTACT 0201647 Datasheet HTML 12Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
https://www.phoenixcontact.com/us/products/3037452
12/30/13   Page 8 / 19
Feed-through terminal block - ST 2,5-QUATTRO BK - 3037452
Accessories
End clamp - E/UK - 1201442
End clamp, for assembly on NS 32 or NS 35/7.5 DIN rail
 
 
End clamp - E/UK 1 - 1201413
End clamps, for supporting the ends of double-level and three-level terminal blocks, width: 10 mm, color: gray
 
 
End cover
End cover - D-ST 2,5-QUATTRO - 3030514
End cover, Length: 72 mm, Width: 2.2 mm, Height: 36.5 mm, Color: gray
 
 
Cover segment - DS-ST 2,5 - 3036602
End cover segments, large segment: 32.25 x 13.83 x 0.9, small segment: 22.65 x 11.65 x 0.9, color: gray
 
 
End cover - D-ST 2,5-QUATTRO-0,8 OG - 3030513
End cover, Length: 72 mm, Width: 0.8 mm, Height: 29 mm, Color: orange
 
 


Similar Part No. - 0201647

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0201647 PHOENIX-0201647 Datasheet
170Kb / 5P
   FLK-D37 SUB/S
0201647 PHOENIX-0201647 Datasheet
46Kb / 2P
   Reducing plug, Color: gray
0201647 PHOENIX-0201647 Datasheet
106Kb / 4P
   QP 1,5/ 1-R
0201647 PHOENIX-0201647 Datasheet
329Kb / 12P
   FKCOW 2,5/ 8-ST-5,08
0201647 PHOENIX-0201647 Datasheet
144Kb / 5P
   MKDSP 1,5/ 5-5,08
More results

Similar Description - 0201647

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3214424 PHOENIX-3214424 Datasheet
186Kb / 19P
   Feed-through terminal block - PT 2,5-QUATTRO BK
3037436 PHOENIX-3037436 Datasheet
737Kb / 29P
   Feed-through terminal block - ST 2,5-QUATTRO YE
3040669 PHOENIX-3040669 Datasheet
512Kb / 47P
   Feed-through terminal block - ST 2,5-QUATTRO/2P BU
09/12/2020
3211993 PHOENIX-3211993 Datasheet
252Kb / 22P
   Feed-through terminal block - PTS 2,5-QUATTRO
09/12/2020
3034057 PHOENIX-3034057 Datasheet
65Kb / 4P
   Feed-through terminal block - DT 2,5-QUATTRO
3206446 PHOENIX-3206446 Datasheet
322Kb / 27P
   Feed-through terminal block - QTC 2,5-QUATTRO
3054341 PHOENIX-3054341 Datasheet
166Kb / 19P
   Feed-through terminal block - DT 2,5-QUATTRO-MT
3213124 PHOENIX-3213124 Datasheet
68Kb / 6P
   Feed-through terminal block - ST 1,5/S-QUATTRO
1291928 PHOENIX-1291928 Datasheet
687Kb / 28P
   Feed-through terminal block - PTV 6-QUATTRO BK
1002940 PHOENIX-1002940 Datasheet
90Kb / 5P
   Feed-through terminal block - ST 4-QUATTRO OG
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com