Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC14511 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # MC14511
Description  BCD-TO-SEVEN SEGMENT LATCH/DECODER/DRIVER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MC14511 Datasheet(HTML) 3 Page - Unisonic Technologies

  MC14511 Datasheet HTML 1Page - Unisonic Technologies MC14511 Datasheet HTML 2Page - Unisonic Technologies MC14511 Datasheet HTML 3Page - Unisonic Technologies MC14511 Datasheet HTML 4Page - Unisonic Technologies MC14511 Datasheet HTML 5Page - Unisonic Technologies MC14511 Datasheet HTML 6Page - Unisonic Technologies MC14511 Datasheet HTML 7Page - Unisonic Technologies MC14511 Datasheet HTML 8Page - Unisonic Technologies MC14511 Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
UTCMC14511
CMOS IC
UTC UNISONIC TECHNOLOGIES CO., LTD.
3
QW-R502-021,B
This device contains protection circuitry to protect the inputs against damage due to high static voltages or electric
fields. However, it is advised that normal precautions be taken to avoid application of any voltage higher than
maximum rated voltages to this high-impedance circuit. A destructive high current mode may occur if Vin and Vout are
not constrained to the range:
VSS ≤ (Vin or Vout) ≤ VDD.
Due to the sourcing capability of this circuit, damage can occur to the device if VDD is applied, and the outputs are
shorted to VSS and are at a logical 1 (See Maximum Ratings).
Unused inputs must always be tied to an appropriate logic voltage level (e.g., either VSS or VDD).
BLOCK DIAGRAM
LE 5
D6
C2
B1
A7
VDD=PIN 16
Vss=PIN 8
14 g
15 f
9 e
10 d
11 c
12 b
13 a
BI 4
LT 3


Similar Part No. - MC14511

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MC14511 UTC-MC14511 Datasheet
236Kb / 8P
   BCD-TO-SEVEN SEGMENT LATCH/DECODER/DRIVER
logo
Motorola, Inc
MC145112 MOTOROLA-MC145112 Datasheet
70Kb / 1P
   CMOS LSI (LOW-POWER COMPLEMENTARY MOS) PLL FREQUENCY SYNTHESIZERS
MC145112P MOTOROLA-MC145112P Datasheet
70Kb / 1P
   CMOS LSI (LOW-POWER COMPLEMENTARY MOS) PLL FREQUENCY SYNTHESIZERS
logo
ON Semiconductor
MC14511B ONSEMI-MC14511B Datasheet
221Kb / 12P
   BCD-To-Seven Segment Latch/Decoder/Driver
March, 2000 ??Rev. 3
logo
Motorola, Inc
MC14511B MOTOROLA-MC14511B Datasheet
130Kb / 9P
   BCD-TO-SEVEN SEGMENT LATCH/DECODER/DRIVER
More results

Similar Description - MC14511

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD14511B HITACHI-HD14511B Datasheet
98Kb / 6P
   BCD-to-Seven Segment Latch/Decoder/Driver
logo
Renesas Technology Corp
HD74HC4543P RENESAS-HD74HC4543P Datasheet
118Kb / 9P
   BCD-to-Seven Segment Latch/Decoder/Driver
logo
Unisonic Technologies
MC14511 UTC-MC14511_18 Datasheet
236Kb / 8P
   BCD-TO-SEVEN SEGMENT LATCH/DECODER/DRIVER
logo
STMicroelectronics
HCF4511B STMICROELECTRONICS-HCF4511B Datasheet
498Kb / 13P
   BCD TO SEVEN SEGMENT LATCH/DECODER/DRIVER
logo
Hitachi Semiconductor
HD74HC4543 HITACHI-HD74HC4543 Datasheet
68Kb / 10P
   BCD-to-Seven Segment Latch/Decoder/Driver
logo
Renesas Technology Corp
HD74HC4511 RENESAS-HD74HC4511 Datasheet
107Kb / 8P
   BCD-to-Seven Segment Latch/Decoder/Driver
logo
Toshiba Semiconductor
TC4511BP TOSHIBA-TC4511BP_07 Datasheet
401Kb / 10P
   BCD-to-Seven Segment Latch/Decoder/Driver
logo
List of Unclassifed Man...
SCL4543B ETC1-SCL4543B Datasheet
624Kb / 3P
   BCD - TO SEVEN SEGMENT LATCH/DECODER DRIVER
logo
Renesas Technology Corp
HD74HC4543 RENESAS-HD74HC4543 Datasheet
296Kb / 11P
   BCD-to-Seven Segment Latch/Decoder/Driver
Mar 30, 2006
logo
ON Semiconductor
MC14513B ONSEMI-MC14513B Datasheet
185Kb / 12P
   BCD-To-Seven Segment Latch/Decoder/Driver
March, 2000 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com