Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S4S250-BA02-01 Datasheet(PDF) 3 Page - ebm-papst

Part # S4S250-BA02-01
Description  AC axial fans
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

S4S250-BA02-01 Datasheet(HTML) 3 Page - ebm-papst

  S4S250-BA02-01 Datasheet HTML 1Page - ebm-papst S4S250-BA02-01 Datasheet HTML 2Page - ebm-papst S4S250-BA02-01 Datasheet HTML 3Page - ebm-papst S4S250-BA02-01 Datasheet HTML 4Page - ebm-papst S4S250-BA02-01 Datasheet HTML 5Page - ebm-papst S4S250-BA02-01 Datasheet HTML 6Page - ebm-papst S4S250-BA02-01 Datasheet HTML 7Page - ebm-papst S4S250-BA02-01 Datasheet HTML 8Page - ebm-papst S4S250-BA02-01 Datasheet HTML 9Page - ebm-papst Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
AC axial fans
A-Range, Ø 250
- Material: sheet steel (coated in black)
- Direction of rotation: direction of air flow "V" counter-clockwise,
direction of air flow "A" clockwise
- Type of protection: IP 44
ebm-papst · Mulfingen
Type
*2D 250(1)
*2E 250
*4D 250(1)
*4S 250
Motor
M2D068-DF
M2E 068-DF
M4D068-CF
M4S068-CF
VAC
Hz
m3/h
min-1
W
A
µF/VDB
dB(A)
Pa
°C
kg
230/400
50
1685
2650
110
0,22
---
72
300
70
230/400
60
1845
2950
160
0,26
---
75
300
40
230
50
1610
2550
115
0,51
4,0 / 400
72
150
55
230
60
1740
2750
165
0,74
4,0 / 400
73
130
50
230/400
50
890
1420
30
0,09
---
58
90
75
230/400
60
1035
1650
35
0,08
---
62
100
75
230
50
870
1400
72
0,53
---
58
80
40
230
60
1000
1620
67
0,46
---
62
100
50
Nominal data
subject to alterations
(1) current draw established at 400 VAC (Y)
62
Characteristics
Characteristics
200
400
600
800
1000
0
200
400
600
[CFM]
20
40
60
80
100
[m
3/h]
60 Hz
50 Hz
2
1
3
4
400
800
1200
1600
0
250
500
1000
[CFM]
750
100
200
300
[m
3/h]
60 Hz
50 Hz
2
2
1 1
1
2
2645
123
2615
131
2520
122
2480
126
1420
32
1410
33
1400
70
1395
71
n
[min
-1]
P1
[W]
n
[min
-1]
P1
[W]
1
2
1
2
1
2
1
2
1
2
3
4
1
1
2
2
3
3
4
4
2,2
2,2
1,6
1,7


Similar Part No. - S4S250-BA02-01

ManufacturerPart #DatasheetDescription
logo
Littelfuse
S4S2 LITTELFUSE-S4S2 Datasheet
199Kb / 12P
   Sensitive SCRs (0.8 A to 10 A)
S4S2 LITTELFUSE-S4S2 Datasheet
980Kb / 10P
   Teccor brand Thyristors 0.8 Amp Sensitive SCRs
logo
List of Unclassifed Man...
S4S2 ETC2-S4S2 Datasheet
205Kb / 12P
   RoHS Compliant
S4S2 ETC2-S4S2 Datasheet
205Kb / 12P
   RoHS Compliant
logo
Littelfuse
S4S2RP LITTELFUSE-S4S2RP Datasheet
980Kb / 10P
   Teccor brand Thyristors 0.8 Amp Sensitive SCRs
More results

Similar Description - S4S250-BA02-01

ManufacturerPart #DatasheetDescription
logo
ETRI
125XL0282010 ETRI-125XL0282010_15 Datasheet
258Kb / 1P
   AC Axial Fans
125XR5182002 ETRI-125XR5182002_11 Datasheet
166Kb / 1P
   AC Axial Fans
125XL0182001 ETRI-125XL0182001 Datasheet
185Kb / 1P
   AC Axial Fans
113XN0182000 ETRI-113XN0182000_15 Datasheet
1Mb / 1P
   AC Axial Fans
113XN0181000 ETRI-113XN0181000_12 Datasheet
162Kb / 1P
   AC Axial Fans
99XM0182001 ETRI-99XM0182001 Datasheet
189Kb / 1P
   AC Axial Fans
98XC0182000 ETRI-98XC0182000_1 Datasheet
182Kb / 1P
   AC Axial Fans
99XM0182000 ETRI-99XM0182000 Datasheet
216Kb / 1P
   AC Axial Fans
113XN0182000 ETRI-113XN0182000 Datasheet
155Kb / 1P
   AC Axial Fans
126LH0181000 ETRI-126LH0181000 Datasheet
172Kb / 1P
   AC Axial Fans
logo
ebm-papst
4850Z EBMPAPST-4850Z_17 Datasheet
134Kb / 1P
   AC axial fans
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com