Electronic Components Datasheet Search |
|
A540 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers |
|
A540 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers |
10 / 17 page D D10 APEM, PO BOX 8288, HAVERHILL, MA USA 01835-0788 TOLL FREE: (877) 246-7890 FAX: (781) 245-4531 E-mail: info@apem.com SEALING BOOTS FOR SWITCHES For toggle bushing 6 x 0.75 (.236 x 0.75) - 5500 series FEATURES G Prevents dust, sand and water from entering switches. G Prevents ice from blocking actuator movement on toggle switches. G Compatible with internally sealed toggle and pushbutton actuators. G Available in a wide range of colors . G Each boot is supplied with a sealing ring or washer. MATERIALS AND SPECIFICATIONS Boot material: Neoprene or silicone (see comparative advantages below) Nut material: Nickel plated or matte black finished brass Operating temperature: Neoprene; -20 °C to 50°C -40 °C to 85°C Comparative Temperature Range Elasticity Mechanical Advantages Low High Resistance Silicone Excellent Excellent Excellent Poor Neoprene Poor Good Poor Excellent TYPES OF BOOTS - CROSS SECTIONS * Color options available NUT FULL TOGGLE SILICONE BOOTS Black Red Green White Knurled Nickel plated U1341 U1341-6 U1341-3 U1341-7 Knurled Matte black U1343 U1343-6 U1343-3 U1343-7 Hex Nickel plated U1302 U1302-6 U1302-3 U1302-7 Hex Matte black U1304 U1304-6 U1304-3 U1304-7 Full toggle* Half toggle* Two part* (no metal For double sealing (standard) parts accessible) EXAMPLES OF MOUNTING |
Similar Part No. - A540 |
|
Similar Description - A540 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |