Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W4D250-CA04-02 Datasheet(PDF) 1 Page - ebm-papst

Part # W4D250-CA04-02
Description  AC axial fans
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

W4D250-CA04-02 Datasheet(HTML) 1 Page - ebm-papst

  W4D250-CA04-02 Datasheet HTML 1Page - ebm-papst W4D250-CA04-02 Datasheet HTML 2Page - ebm-papst W4D250-CA04-02 Datasheet HTML 3Page - ebm-papst W4D250-CA04-02 Datasheet HTML 4Page - ebm-papst W4D250-CA04-02 Datasheet HTML 5Page - ebm-papst W4D250-CA04-02 Datasheet HTML 6Page - ebm-papst W4D250-CA04-02 Datasheet HTML 7Page - ebm-papst W4D250-CA04-02 Datasheet HTML 8Page - ebm-papst W4D250-CA04-02 Datasheet HTML 9Page - ebm-papst Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
AC axial fans
A-Range, Ø 200
- Material: sheet steel (coated in black)
- Direction of rotation: direction of air flow "V" counter-clockwise,
direction of air flow "A" clockwise
- Type of protection: IP 44
ebm-papst · Mulfingen
Type
*2D 200(1)
*2E 200
*4D 200(1)
*4S 200
Motor
M2D068-CF
M2E 068-CA
M4D068-CF
M4S068-BF
VAC
Hz
m3/h
min-1
W
A
µF/VDB
dB(A)
Pa
°C
kg
230/400
50
830
2800
53
0,15
---
67
140
75
230/400
60
940
3150
70
0,14
---
70
140
75
230
50
740
2740
50
0,24
1,5 / 400
65
200
75
230
60
830
3120
61
0,28
1,5 / 400
69
200
75
230/400
50
390
1450
22
0,09
---
51
70
60
230/400
60
460
1730
21
0,07
---
55
100
80
230
50
375
1380
40
0,30
---
52
60
50
230
60
445
1630
34
0,24
---
53
80
65
Nominal data
subject to alterations
(1) current draw established at 400 VAC (Y)
60
Characteristics
Characteristics
100
200
300
400
0
50
100
200
[CFM]
150
250
20
40
60
80
100
[m
3/h]
60 Hz
50 Hz
2
2
1
3
4
200
400
600
0
100
200
400
[CFM]
300
40
80
120
160
200
240
[m
3/h]
60 Hz
50 Hz
2
1
1
2
1
2
2785
53
2770
55
2670
51
2670
50
1460
24
1460
24
1375
40
1380
39
n
[min
-1]
P1
[W]
n
[min
-1]
P1
[W]
1
2
1
2
1
2
1
2
1
2
3
4
1
1
2
2
3
3
4
4
1,7
1,4
1,5
1,2


Similar Description - W4D250-CA04-02

ManufacturerPart #DatasheetDescription
logo
ETRI
125XL0282010 ETRI-125XL0282010_15 Datasheet
258Kb / 1P
   AC Axial Fans
125XR5182002 ETRI-125XR5182002_11 Datasheet
166Kb / 1P
   AC Axial Fans
125XL0182001 ETRI-125XL0182001 Datasheet
185Kb / 1P
   AC Axial Fans
113XN0182000 ETRI-113XN0182000_15 Datasheet
1Mb / 1P
   AC Axial Fans
113XN0181000 ETRI-113XN0181000_12 Datasheet
162Kb / 1P
   AC Axial Fans
99XM0182001 ETRI-99XM0182001 Datasheet
189Kb / 1P
   AC Axial Fans
98XC0182000 ETRI-98XC0182000_1 Datasheet
182Kb / 1P
   AC Axial Fans
99XM0182000 ETRI-99XM0182000 Datasheet
216Kb / 1P
   AC Axial Fans
113XN0182000 ETRI-113XN0182000 Datasheet
155Kb / 1P
   AC Axial Fans
126LH0181000 ETRI-126LH0181000 Datasheet
172Kb / 1P
   AC Axial Fans
logo
ebm-papst
4850Z EBMPAPST-4850Z_17 Datasheet
134Kb / 1P
   AC axial fans
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com